Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM20125 Datasheet (PDF) - Texas Instruments

LM20125 Datasheet PDF - Texas Instruments
Part # LM20125
Download  LM20125 Download
File Size   947.9 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM20125/LM20125Q 5A, 500kHz PowerWise® Synchronous Buck Regulator

LM20125 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM20125 Datasheet PDF - Texas Instruments

Part # LM20125
Download  LM20125 Click to download

File Size   947.9 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM20125/LM20125Q 5A, 500kHz PowerWise® Synchronous Buck Regulator

LM20125 Datasheet (HTML) - Texas Instruments


LM20125 Product details

1FEATURES
2• LM20125Q is AEC-Q100 Qualified and
Manufactured on an Automotive Grade Flow
• Input Voltage Range 2.95V to 5.5V
• Accurate Current Limit Minimizes Inductor
Size
• 97% Efficiency with 500 kHz Switching
Frequency
• 32 mΩ Integrated FET Switches
• Starts up into Pre-Biased Loads
• Output Voltage Tracking
• Peak Current Mode Control
• Adjustable Output Voltage Down to 0.8V
• Adjustable Soft-Start with External Capacitor
• Precision Enable Pin with Hysteresis
• Integrated OVP, UVLO, Power Good and
Thermal Shutdown
• HTSSOP 16-Pin Exposed Pad Package

APPLICATIONS
• Simple to Design, High Efficiency Point of
Load Regulation from a 5V or 3.3V Bus
• High Performance DSPs, FPGAs, ASICs and
Microprocessors
• Broadband, Networking and Optical
Communications Infrastructure

DESCRIPTION
The LM20125 is a full featured 500 kHz synchronous
buck regulator capable of delivering up to 5A of
continuous output current. The current mode control
loop can be compensated to be stable with virtually
any type of output capacitor. For most cases,
compensating the device only requires two external
components, providing maximum flexibility and ease
of use. The device is optimized to work over the input
voltage range of 2.95V to 5.5V making it suited for a
wide variety of low voltage systems.
The device features internal over voltage protection
(OVP) and over current protection (OCP) circuits for
increased system reliability. A precision enable pin
and integrated UVLO allows the turn-on of the device
to be tightly controlled and sequenced. Start-up
inrush currents are limited by both an internally fixed
and externally adjustable Soft-Start circuit. Fault
detection and supply sequencing is possible with the
integrated power good circuit.
The LM20125 is designed to work well in multi-rail
power supply architectures. The output voltage of the
device can be configured to track a higher voltage rail
using the SS/TRK pin. If the output of the LM20125 is
pre-biased at startup it will not sink current to pull the
output low until the internal soft-start ramp exceeds
the voltage at the feedback pin.
The LM20125 is offered in a 16-pin HTSSOP
package with an exposed pad that can be soldered to
the PCB, eliminating the need for bulky heatsinks.




Similar Part No. - LM20125

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20125 NSC-LM20125 Datasheet
580Kb / 20P
5A, 500kHz PowerWise짰 Synchronous Buck Regulator
logo
Texas Instruments
LM20125 TI-LM20125 Datasheet
1Mb / 28P
LM20125/LM20125Q 5A, 500kHz PowerWise짰 Synchronous Buck Regulator
logo
National Semiconductor ...
LM20125MH NSC-LM20125MH Datasheet
580Kb / 20P
5A, 500kHz PowerWise짰 Synchronous Buck Regulator
logo
Texas Instruments
LM20125MH/NOPB TI-LM20125MH/NOPB Datasheet
1Mb / 28P
LM20125/LM20125Q 5A, 500kHz PowerWise짰 Synchronous Buck Regulator
logo
National Semiconductor ...
LM20125MHE NSC-LM20125MHE Datasheet
580Kb / 20P
5A, 500kHz PowerWise짰 Synchronous Buck Regulator
More results


Similar Description - LM20125

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20125 NSC-LM20125 Datasheet
580Kb / 20P
5A, 500kHz PowerWise짰 Synchronous Buck Regulator
logo
Microsemi Corporation
NX9415 MICROSEMI-NX9415 Datasheet
582Kb / 12P
5A SYNCHRONOUS BUCK SWITCHING REGULATOR
logo
Alpha & Omega Semicondu...
AOZ1037 AOSMD-AOZ1037 Datasheet
588Kb / 14P
EZBuck??5A Synchronous Buck Regulator
AOZ1053PI AOSMD-AOZ1053PI Datasheet
697Kb / 14P
EZBuck??5A Synchronous Buck Regulator
logo
Texas Instruments
LM20123MH TI-LM20123MH Datasheet
1Mb / 29P
LM20123/LM20123Q 3A, 1.5MHz PowerWise Synchronous Buck Regulator
LM20125 TI-LM20125_15 Datasheet
1Mb / 28P
LM20125/LM20125Q 5A, 500kHz PowerWise짰 Synchronous Buck Regulator
LM20133 TI-LM20133_15 Datasheet
1Mb / 29P
3A, PowerWise Synchronous Buck Regulator with Input Synchronization
LM20144 TI-LM20144_15 Datasheet
1Mb / 30P
4A PowerWise Adjustable Frequency Synchronous Buck Regulator
LM20145 TI-LM20145_15 Datasheet
1Mb / 29P
5A PowerWise Adjustable Frequency Synchronous Buck Regulator
LM20143 TI1-LM20143_16 Datasheet
1Mb / 36P
3-A PowerWise Adjustable Frequency Synchronous Buck Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com