Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM20145 Datasheet (PDF) - Texas Instruments

LM20145 Datasheet PDF - Texas Instruments
Part # LM20145
Download  LM20145 Download
File Size   965.04 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM20145/LM20145Q 5A, PowerWise® Adjustable Frequency Synchronous Buck Regulator

LM20145 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM20145 Datasheet PDF - Texas Instruments

Part # LM20145
Download  LM20145 Click to download

File Size   965.04 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM20145/LM20145Q 5A, PowerWise® Adjustable Frequency Synchronous Buck Regulator

LM20145 Datasheet (HTML) - Texas Instruments


LM20145 Product details

FEATURES
• Available in AEC-Q100 Temperature Grade 1
• Input Voltage Range 2.95V to 5.5V
• Accurate Current Limit Minimizes Inductor
Size
• 97% Peak Efficiency
• Adjustable Switching Frequency (250 kHz to
750 kHz)
• 32 mΩ Integrated FET Switches
• Starts up into Pre-Biased Loads
• Output Voltage Tracking
• Peak Current Mode Control
• Adjustable Output Voltage down to 0.8V
• Adjustable Soft-Start with External Capacitor
• Precision Enable Pin with Hysteresis
• Integrated OVP, UVLO, Power Good and
Thermal Shutdown
• HTSSOP 16-Pin Exposed Pad Package

APPLICATIONS
• Simple to Design, High Efficiency Point of
Load Regulation from a 5V or 3.3V Bus
• High Performance DSPs, FPGAs, ASICs and
Microprocessors
• Broadband, Networking and Optical
Communications Infrastructure

DESCRIPTION
The LM20145 is a full featured adjustable frequency
synchronous buck regulator capable of delivering up
to 5A of continuous output current. The current mode
control loop can be compensated to be stable with
virtually any type of output capacitor. For most cases,
compensating the device only requires two external
components, providing maximum flexibility and ease
of use. The device is optimized to work over the input
voltage range of 2.95V to 5.5V making it suited for a
wide variety of low voltage systems.
The device features internal over voltage protection
(OVP) and over current protection (OCP) circuits for
increased system reliability. A precision enable pin
and integrated UVLO allows the turn-on of the device
to be tightly controlled and sequenced. Start-up
inrush currents are limited by both an internally fixed
and externally adjustable Soft-Start circuit. Fault
detection and supply sequencing is possible with the
integrated power good circuit.
The LM20145 is designed to work well in multi-rail
power supply architectures. The output voltage of the
device can be configured to track a higher voltage rail
using the SS/TRK pin. If the output of the LM20145 is
pre-biased at startup it will not sink current to pull the
output low until the internal soft-start ramp exceeds
the voltage at the feedback pin.
The frequency of this device can be adjusted from
250 kHz to 750 kHz by connecting an external
resistor from the RT pin to ground.
The LM20145 is offered in a 16-pin HTSSOP
package with an exposed pad that can be soldered to
the PCB, eliminating the need for bulky heatsinks.




Similar Part No. - LM20145

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20145 NSC-LM20145 Datasheet
692Kb / 22P
5A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20145 NSC-LM20145 Datasheet
692Kb / 22P
5A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20145 TI-LM20145 Datasheet
1Mb / 29P
5A PowerWise Adjustable Frequency Synchronous Buck Regulator
LM20145-Q1 TI-LM20145-Q1 Datasheet
1Mb / 29P
5A PowerWise Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20145MH NSC-LM20145MH Datasheet
692Kb / 22P
5A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
More results


Similar Description - LM20145

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20145 NSC-LM20145 Datasheet
692Kb / 22P
5A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20145 NSC-LM20145_08 Datasheet
692Kb / 22P
5A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM21305 NSC-LM21305_11 Datasheet
1Mb / 24P
5A Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20144QMHX TI1-LM20144QMHX Datasheet
1Mb / 30P
LM20144/LM20144Q 4A, PowerWise Adjustable Frequency Synchronous Buck Regulator
LM21305 TI1-LM21305_14 Datasheet
1Mb / 34P
5A Adjustable Frequency Synchronous Buck Regulator
LM20144 TI-LM20144_15 Datasheet
1Mb / 30P
4A PowerWise Adjustable Frequency Synchronous Buck Regulator
LM20145 TI-LM20145_15 Datasheet
1Mb / 29P
5A PowerWise Adjustable Frequency Synchronous Buck Regulator
LM21305 TI-LM21305_15 Datasheet
1Mb / 33P
5A Adjustable Frequency Synchronous Buck Regulator
LM20143 TI1-LM20143_16 Datasheet
1Mb / 36P
3-A PowerWise Adjustable Frequency Synchronous Buck Regulator
LM20146 TI1-LM20146_15 Datasheet
1Mb / 29P
Adjustable Frequency Synchronous Buck Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com