Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM20146 Datasheet (PDF) - Texas Instruments

LM20146 Datasheet PDF - Texas Instruments
Part # LM20146
Download  LM20146 Download
File Size   969.97 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM20146 6A, Adjustable Frequency Synchronous Buck Regulator

LM20146 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM20146 Datasheet PDF - Texas Instruments

Part # LM20146
Download  LM20146 Click to download

File Size   969.97 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM20146 6A, Adjustable Frequency Synchronous Buck Regulator

LM20146 Datasheet (HTML) - Texas Instruments


LM20146 Product details

1FEATURES
2• Input Voltage Range 2.95V to 5.5V
• Accurate Current Limit Minimizes Inductor
Size
• 97% Peak Efficiency
• Adjustable Switching Frequency (250 kHz to
750 kHz)
• 16mΩ and 20mΩ Integrated FET Switches
• Starts up into Pre-biased Loads
• Output Voltage Tracking
• Peak Current Mode Control
• Adjustable Output Voltage Down to 0.8V
• Adjustable Soft-Start with External Capacitor
• Precision Enable Pin with Hysteresis
• Integrated OVP, UVLO, Power Good and
Thermal Shutdown
• 16-Pin HTSSOP Exposed Pad Package

APPLICATIONS
• Simple to Design, High Efficiency Point of
Load Regulation from a 5V or 3.3V Bus
• High Performance DSPs, FPGAs, ASICs and
Microprocessors
• Broadband, Networking and Optical
Communications Infrastructure

DESCRIPTION
The LM20146 is a full featured adjustable frequency
synchronous buck regulator capable of delivering up
to 6A of continuous output current. The current mode
control loop can be compensated to be stable with
virtually any type of output capacitor. For most cases,
compensating the device only requires two external
components, providing maximum flexibility and ease
of use. The device is optimized to work over the input
voltage range of 2.95V to 5.5V making it suitable for
a wide variety of low voltage systems.
The device features internal over voltage protection
(OVP) and over current protection (OCP) circuits for
increased system reliability. A precision enable pin
and integrated UVLO allows the turn-on of the device
to be tightly controlled and sequenced. Start-up
inrush currents are limited by both an internally fixed
and externally adjustable Soft-Start circuit. Fault
detection and supply sequencing are possible with
the integrated power good circuit.
The LM20146 is designed to work well in multi-rail
power supply architectures. The output voltage of the
device can be configured to track a higher voltage rail
using the SS/TRK pin. If the output of the LM20146 is
pre-biased at startup it will not pull the ouput low.
The frequency of this device can be adjusted from
250 kHz to 750 kHz by connecting an external
resistor from the RT pin to ground.
The LM20146 is offered in a 16-pin HTSSOP
package with an exposed pad that can be soldered to
the PCB, eliminating the need for bulky heatsinks.




Similar Part No. - LM20146

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20146 NSC-LM20146 Datasheet
522Kb / 22P
6A, Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20146 TI1-LM20146 Datasheet
1Mb / 29P
6A, Adjustable Frequency Synchronous Buck Regulator
LM20146 TI1-LM20146 Datasheet
1Mb / 29P
Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20146MH NSC-LM20146MH Datasheet
522Kb / 22P
6A, Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20146MH/NOPB TI1-LM20146MH/NOPB Datasheet
1Mb / 29P
Adjustable Frequency Synchronous Buck Regulator
More results


Similar Description - LM20146

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20146 NSC-LM20146 Datasheet
522Kb / 22P
6A, Adjustable Frequency Synchronous Buck Regulator
LM21305 NSC-LM21305_11 Datasheet
1Mb / 24P
5A Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM21305 TI1-LM21305_14 Datasheet
1Mb / 34P
5A Adjustable Frequency Synchronous Buck Regulator
LM20146 TI1-LM20146_14 Datasheet
1Mb / 29P
6A, Adjustable Frequency Synchronous Buck Regulator
LM21305 TI-LM21305_15 Datasheet
1Mb / 33P
5A Adjustable Frequency Synchronous Buck Regulator
LM20146 TI1-LM20146_15 Datasheet
1Mb / 29P
Adjustable Frequency Synchronous Buck Regulator
logo
ON Semiconductor
FAN23SV06AMPX ONSEMI-FAN23SV06AMPX Datasheet
1Mb / 23P
6A Synchronous Buck Regulator
September 2015 Rev. 1.0
FAN2306MAMPX ONSEMI-FAN2306MAMPX Datasheet
1Mb / 22P
6A Synchronous Buck Regulator
September 2015 Rev. 1.0
FAN2356AMPX ONSEMI-FAN2356AMPX Datasheet
1Mb / 21P
6A Synchronous Buck Regulator
Rev. 1.0
FAN23SV56AMPX ONSEMI-FAN23SV56AMPX Datasheet
1Mb / 23P
6A Synchronous Buck Regulator
Rev. 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com