Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM20242 Datasheet (PDF) - Texas Instruments

LM20242 Datasheet PDF - Texas Instruments
Part # LM20242
Download  LM20242 Download
File Size   782.63 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM20242 36V, 2A PowerWise® Adjustable Frequency Synchronous Buck Regulator

LM20242 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM20242 Datasheet PDF - Texas Instruments

Part # LM20242
Download  LM20242 Click to download

File Size   782.63 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM20242 36V, 2A PowerWise® Adjustable Frequency Synchronous Buck Regulator

LM20242 Datasheet (HTML) - Texas Instruments


LM20242 Product details

1FEATURES
23• 2A Output Current, 3.7A Peak Current
• 130 mΩ/110 mΩ Integrated Power MOSFETs
• 1.5% Output Voltage Accuracy
• Current Mode Control, Selectable
Compensation
• Resistor Programmed, 1MHz Capable
Oscillator
• Synchronous Rectifier with Diode Emulation
• Adjustable Output Voltage Down to 0.8V
• Compatible with Pre-Biased Loads
• Programmable Soft-Start With External
Capacitor
• Precision Enable Pin with Hysteresis
• OVP, UVLO Inputs and PGOOD Output
• Internally Protected with Peak Current Limit,
Thermal Shutdown and Restart
• Accurate Current Limit with Frequency
Foldback
• Non-Linear Current Mode Slope Compensation
• HTSSOP Exposed Pad Package

APPLICATIONS
• Simple to Design, High Efficiency Point of
Load Regulation from a 4.5V to 36V Bus
• High Performance DSPs, FPGAs, ASICs and
Microprocessors
• Communications Infrastructure, Automotive

DESCRIPTION
The LM20242 is a full featured 1MHz capable
synchronous buck regulator capable of delivering up
to 2A of load current. The current mode control loop
is externally compensated with only two external
components, offering both high performance and
ease of use. The device is optimized to work over the
input voltage range of 4.5V to 36V making it well
suited for high voltage systems.
The device features internal Over Voltage Protection
(OVP) and Over Current Protection (OCP) circuits for
increased system reliability. A precision Enable pin
and integrated UVLO allows the turn on of the device
to be tightly controlled and sequenced. Startup inrush
currents are limited by both an internally fixed and
externally adjustable soft-start circuit. Fault detection
and supply sequencing are possible with the
integrated PGOOD circuit.
The LM20242 is designed to work well in multi-rail
power supply architectures. The output voltage of the
device can be configured to track a higher voltage rail
using the SS/TRK pin. If the output of the LM20242 is
pre-biased at startup it will not sink current to pull the
output low until the internal soft-start ramp exceeds
the voltage at the feedback pin.
The LM20242 is offered in an exposed pad 20 pin HTSSOP package that can be soldered to the PCB,
eliminating the need for bulky heatsinks.




Similar Part No. - LM20242

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20242 NSC-LM20242 Datasheet
465Kb / 20P
36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20242 NSC-LM20242 Datasheet
466Kb / 20P
36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20242 TI1-LM20242 Datasheet
1Mb / 28P
36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20242MH NSC-LM20242MH Datasheet
465Kb / 20P
36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20242MH NSC-LM20242MH Datasheet
466Kb / 20P
36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
More results


Similar Description - LM20242

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20242 NSC-LM20242 Datasheet
465Kb / 20P
36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20242 NSC-LM20242_08 Datasheet
466Kb / 20P
36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20343 NSC-LM20343 Datasheet
546Kb / 20P
36V, 3A Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20144QMHX TI1-LM20144QMHX Datasheet
1Mb / 30P
LM20144/LM20144Q 4A, PowerWise Adjustable Frequency Synchronous Buck Regulator
LM20343 TI1-LM20343_14 Datasheet
1Mb / 30P
36V, 3A Adjustable Frequency Synchronous Buck Regulator
LM20242 TI1-LM20242_14 Datasheet
1Mb / 28P
36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20144 TI-LM20144_15 Datasheet
1Mb / 30P
4A PowerWise Adjustable Frequency Synchronous Buck Regulator
LM20145 TI-LM20145_15 Datasheet
1Mb / 29P
5A PowerWise Adjustable Frequency Synchronous Buck Regulator
LM20343 TI-LM20343_15 Datasheet
1Mb / 29P
LM20343 36V, 3A Adjustable Frequency Synchronous Buck Regulator
LM20143 TI1-LM20143_16 Datasheet
1Mb / 36P
3-A PowerWise Adjustable Frequency Synchronous Buck Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com