Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3489 Datasheet (PDF) - Texas Instruments

LM3489 Datasheet PDF - Texas Instruments
Part # LM3489
Download  LM3489 Download
File Size   852.1 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3489x Hysteretic PFET Buck Controller With Enable Pin

LM3489 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3489 Datasheet PDF - Texas Instruments

Part # LM3489
Download  LM3489 Click to download

File Size   852.1 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3489x Hysteretic PFET Buck Controller With Enable Pin

LM3489 Datasheet (HTML) - Texas Instruments


LM3489 Product details

1 Features
1• Qualified for Automotive Parts
• AEC-Q100 Qualified With the Following Results:
– Device Temperature Grade 1: –40°C to 125°C
Ambient Operating Temperature Range
– Device HBM ESD Classification Level 2
– Device CDM ESD Classification Level C5
• Easy-to-Use Control Methodology
• No Control Loop Compensation Required
• Wide 4.5-V to 35-V Input Range
• 1.239 V to VIN Adjustable Output Range
• High Efficiency: 93%
• ±1.3% (±2% Over Temperature) Internal
Reference
• 100% Duty Cycle Operation
• Maximum Operation Frequency > 1 MHz
• Current Limit Protection
• Dedicated Enable Pin (on if Unconnected)
• Shutdown Mode Draws Only 7-μA Supply Current
• 8-Pin VSSOP Package

2 Applications
• Set-Top Boxes
• DSL or Cable Modems
• PC/IA
• Auto PCs
• TFT Monitors
• Battery-Powered Portable Applications
• Distributed Power Systems
• Always-On Power
• High-Power LED Drivers
• Automotive

3 Description
The LM3489 device is a high-efficiency PFET
switching regulator controller that can be used to
quickly and easily develop a small, cost-effective,
switching buck regulator for a wide range of
applications. The hysteretic control architecture
provides for simple design without any control loop
stability concerns using a wide variety of external
components. The PFET architecture also allows for
low component count as well as ultra-low dropout,
100% duty cycle operation. Another benefit is high
efficiency operation at light loads without an increase
in output ripple. A dedicated enable pin provides a
shutdown mode drawing only 7 μA. Leaving the
enable pin unconnected defaults to on.
Current limit protection can be implemented by
measuring the voltage across the PFET’s RDS(ON),
thus eliminating the need for a sense resistor. A
sense resistor may be used to improve current limit
accuracy if desired. The cycle-by-cycle current limit
can be adjusted with a single resistor, ensuring safe
operation over a range of output currents.




Similar Part No. - LM3489

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3489 NSC-LM3489 Datasheet
793Kb / 15P
Hysteretic PFET Buck Controller with Enable Pin
LM3489 NSC-LM3489 Datasheet
356Kb / 16P
Hysteretic PFET Buck Controller with Enable Pin
logo
Texas Instruments
LM3489 TI1-LM3489 Datasheet
1,020Kb / 23P
Hysteretic PFET Buck Controller with Enable Pin
LM3489 TI1-LM3489 Datasheet
1Mb / 25P
Hysteretic PFET Buck Controller With Enable Pin
LM3489-Q1 TI-LM3489-Q1 Datasheet
1,022Kb / 25P
Hysteretic PFET Buck Controller With Enable Pin
More results


Similar Description - LM3489

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
Hysteretic PFET Buck Controller
LM3489 NSC-LM3489 Datasheet
793Kb / 15P
Hysteretic PFET Buck Controller with Enable Pin
LM3489 NSC-LM3489_08 Datasheet
356Kb / 16P
Hysteretic PFET Buck Controller with Enable Pin
logo
Texas Instruments
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
Hysteretic PFET Buck Controller
LM3489 TI1-LM3489_14 Datasheet
1,020Kb / 23P
Hysteretic PFET Buck Controller with Enable Pin
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
Hysteretic PFET Buck Controller
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
Hysteretic PFET Buck Controller
LM3489 TI-LM3489_15 Datasheet
1,022Kb / 25P
Hysteretic PFET Buck Controller With Enable Pin
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
Hysteretic PFET Buck Controller
LM3489 TI1-LM3489 Datasheet
1Mb / 25P
Hysteretic PFET Buck Controller With Enable Pin
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com