Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3648 Datasheet (PDF) - Texas Instruments

LM3648 Datasheet PDF - Texas Instruments
Part # LM3648
Download  LM3648 Download
File Size   895.53 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3648 Synchronous Boost LED Flash Driver with 1.5-A High-Side Current Source

LM3648 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3648 Datasheet PDF - Texas Instruments

Part # LM3648
Download  LM3648 Click to download

File Size   895.53 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3648 Synchronous Boost LED Flash Driver with 1.5-A High-Side Current Source

LM3648 Datasheet (HTML) - Texas Instruments


LM3648 Product details

1 Features
1• 1.5-A LED Current Source Programmability
• Accurate and Programmable LED Current Range
from 1.954 mA to 1.5 A
• Torch Currents up to 500 mA (LM3648TT)
• Flash Timeout Values up to 1.6 Seconds
(LM3648TT)
• Optimized Flash LED Current During Low Battery
Conditions (IVFM)
• > 85% Efficiency in Torch Mode (at 100 mA) and
Flash Mode (at 1 A to 1.5 A)
• Grounded Cathode LED Operation for Improved
Thermal Management
• Small Solution Size: < 16 mm2
• Hardware Strobe Enable (STROBE)
• Synchronization Input for RF Power Amplifier
Pulse Events (TX)
• Hardware Torch Enable (TORCH/TEMP)
• Remote NTC Monitoring (TORCH/TEMP)
• 400-kHz I2C-Compatible Interface
– LM3648 (I2C Address = 0x63)

2 Applications
• Camera Phone White-LED Flash
• Digital Still Cameras
• Fire-Alarm Notification
• Emergency Strobe Lighting
• Intruder Alert Notification
• Barcode Scanners
• Handheld Data Terminals

3 Description
The LM3648 is an LED flash driver that provides a
high level of adjustability within a small solution size.
The LM3648 utilizes a 2-MHz or 4-MHz fixedfrequency
synchronous boost converter to provide
power to the 1.5-A constant current LED source. An
adaptive regulation method ensures the current
source remains in regulation and maximizes
efficiency.
Features of the LM3648 are controlled via an I2Ccompatible
interface. These features include:
hardware flash and hardware torch pins (STROBE
and TORCH/TEMP), a TX interrupt, and an NTC
thermistor monitor. The device offers 64
programmable currents in Flash and 128 levels in
Movie Mode (Torch) condition.
The 2-MHz or 4-MHz switching frequency options,
overvoltage protection (OVP), and adjustable current
limit allow for the use of tiny, low-profile inductors and
(10-μF) ceramic capacitors. The device operates over
a –40°C to +85°C ambient temperature range.




Similar Part No. - LM3648

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3648 TI1-LM3648 Datasheet
1Mb / 38P
Synchronous Boost LED Flash Driver
LM3648TTYFFR TI1-LM3648TTYFFR Datasheet
1Mb / 38P
Synchronous Boost LED Flash Driver
LM3648YFFR TI1-LM3648YFFR Datasheet
1Mb / 38P
Synchronous Boost LED Flash Driver
More results


Similar Description - LM3648

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3556 TI1-LM3556 Datasheet
138Kb / 5P
1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3642 TI-LM3642 Datasheet
920Kb / 26P
LM3642 1.5A Synchronous Boost LED Flash Driver with High-Side Current Source
LM3556 TI1-LM3556_14 Datasheet
1Mb / 31P
1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3643 TI-LM3643_15 Datasheet
1Mb / 39P
Synchronous Boost Dual LED Flash Driver with 1.5-A High-Side Current Sources
LM3556 TI1-LM3556_15 Datasheet
1Mb / 39P
Synchronous Boost LED Flash Driver With High-Side Current Source
LM3642 TI1-LM3642_15 Datasheet
974Kb / 30P
Synchronous Boost LED Flash Driver
logo
Eutech Microelectronics...
EUP2465 EUTECH-EUP2465 Datasheet
77Kb / 1P
Synchronous Boost Flash LED Driver and Dual 1.5A High Side Current Source with I2C Compatible Interface
EUP2466 EUTECH-EUP2466 Datasheet
78Kb / 1P
Synchronous Boost Flash LED Driver and Dual 1.5A High Side Current Source with I2C Compatible Interface
logo
Texas Instruments
LM36010 TI1-LM36010 Datasheet
2Mb / 37P
Synchronous-Boost, Single-LED Flash Driver With 1.5-A High-Side Current Source
LM36011 TI1-LM36011 Datasheet
1,002Kb / 26P
Inductorless, Single-LED Flash Driver With 1.5-A High-Side Current Source
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com