Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3670 Datasheet (PDF) - Texas Instruments

LM3670 Datasheet PDF - Texas Instruments
Part # LM3670
Download  LM3670 Download
File Size   799.29 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3670 Miniature Step-Down DC-DC Converter for Ultralow Voltage Circuits

LM3670 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3670 Datasheet PDF - Texas Instruments

Part # LM3670
Download  LM3670 Click to download

File Size   799.29 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3670 Miniature Step-Down DC-DC Converter for Ultralow Voltage Circuits

LM3670 Datasheet (HTML) - Texas Instruments


LM3670 Product details

1 Features
1• Input Voltage Range: 2.5 V to 5.5 V
• Adjustable Output Voltages (VOUT): 0.7 V to 2.5 V
• Fixed Output Voltages: 1.2 V, 1.5 V, 1.6 V, 1.8 V,
1.875 V, 3.3V
• 15-μA Typical Quiescent Current
• 350-mA Maximum Load Capability
• 1-MHz PWM Fixed Switching Frequency (Typical)
• Automatic PFM and PWM Mode Switching
• Low Dropout Operation – 100% Duty Cycle Mode
• Internal Synchronous Rectification for High
Efficiency
• Internal Soft Start
• 0.1-μA Typical Shutdown Current
• Current Overload Protection
• Operates from a Single Li-Ion Cell or Three-Cell
NiMH/NiCd Batteries
• Only Three Tiny Surface-Mount External
Components Required (One Inductor, Two
Ceramic Capacitors)

2 Applications
• Mobile Phones and Handheld Devices
• PDAs
• Palm-Top PCs
• Portable Instruments
• Battery-Powered Devices

3 Description
The LM3670 step-down DC-DC converter is
optimized for powering ultralow voltage circuits from a
single Li-Ion cell or three-cell NiMH/NiCd batteries. It
provides up to 350-mA load current, over an input
voltage range from 2.5 V to 5.5 V. There are several
different fixed voltage output options available as well
as an adjustable output voltage version.
The device offers superior features and performance
for mobile phones and similar portable applications
with complex power management systems. Automatic
intelligent switching between pulse width modulation
(PWM) low-noise and pulse frequency modulation
(PFM) low-current mode offers improved system
control. During full-power operation, a fixed-frequency
1-MHz (typical) PWM mode drives loads from
approximately 70 mA to 350 mA maximum, with up to
95% efficiency. Hysteretic PFM mode extends the
battery life through reduction of the quiescent current
to 15 μA (typical) during light current loads and
system standby. Internal synchronous rectification
provides high efficiency (90% to 95% typical at loads
between 1 mA and 100 mA). In shutdown mode
(enable (EN) pin pulled low) the device turns off and
reduces battery consumption to 0.1 μA (typical).
The LM3670 is available in a 5-pin SOT-23 package.
A high switching frequency (1 MHz typical) allows use
of tiny surface-mount components. Only three
external surface-mount components, an inductor and
two ceramic capacitors, are required.




Similar Part No. - LM3670

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3670 NSC-LM3670 Datasheet
997Kb / 17P
Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670 NSC-LM3670 Datasheet
978Kb / 17P
Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
Texas Instruments
LM3670 TI-LM3670 Datasheet
1Mb / 25P
LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670 TI1-LM3670 Datasheet
1Mb / 24P
Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
National Semiconductor ...
LM3670MF-1.2 NSC-LM3670MF-1.2 Datasheet
997Kb / 17P
Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
More results


Similar Description - LM3670

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3670 NSC-LM3670 Datasheet
997Kb / 17P
Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670 NSC-LM3670_06 Datasheet
978Kb / 17P
Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677_0810 NSC-LM3677_0810 Datasheet
7Mb / 24P
3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
Texas Instruments
LM3670MF-18 TI-LM3670MF-18 Datasheet
1Mb / 25P
LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670MF-18 TI1-LM3670MF-18 Datasheet
1Mb / 25P
LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670 TI1-LM3670_14 Datasheet
1Mb / 24P
Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 TI1-LM3677 Datasheet
11Mb / 30P
3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670 TI-LM3670_15 Datasheet
1Mb / 25P
LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 TI-LM3677_15 Datasheet
11Mb / 28P
3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670 TI1-LM3670_16 Datasheet
1Mb / 28P
Miniature Step-Down DC-DC Converter for Ultralow Voltage Circuits
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com