Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4030 Datasheet (PDF) - Texas Instruments

LM4030 Datasheet PDF - Texas Instruments
Part # LM4030
Download  LM4030 Download
File Size   851.44 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4030 SOT-23 Ultra-High Precision Shunt Voltage Reference

LM4030 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4030 Datasheet PDF - Texas Instruments

Part # LM4030
Download  LM4030 Click to download

File Size   851.44 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4030 SOT-23 Ultra-High Precision Shunt Voltage Reference

LM4030 Datasheet (HTML) - Texas Instruments


LM4030 Product details

1FEATURES
2• High Output Voltage Accuracy 0.05%
• Low Temperature Coefficient 10 ppm/°C
• Extended Temperature Operation -40-125°C
• Excellent Thermal Hysteresis, 75ppm
• Excellent Long-Term Stability, 40ppm
• High Immunity to Board Stress Effects
• Capable of Handling 50 mA Transients
• Voltage Options 2.5V, 4.096V
• SOT-23 Package

APPLICATIONS
• Data Acquisition/Signal path
• Test and Measurement
• Automotive & Industrial
• Communications
• Instrumentation
• Power Management

DESCRIPTION
The LM4030 is an ultra-high precision shunt voltage
reference, having exceptionally high initial accuracy
(0.05%) and temperature stability (10ppm/°C). The
LM4030 is available with fixed voltage options of 2.5V
and 4.096V. Despite the tiny SOT-23 package, the
LM4030 exhibits excellent thermal hysteresis (75ppm) and long-term stability (40ppm) as well as
immunity to board stress effects.
The LM4030 is designed to operate without an
external capacitor, but any capacitor up to 10μF may
be used. The LM4030 can be powered off as little as
120μA (max) but is capable of shunting up to 30mA
continuously. As with any shunt reference, the
LM4030 can be powered off of virtually any supply
and is a simple way to generate a highly accurate
system reference.
The LM4030 is available in three grades (A, B, and
C). The best grade devices (A) have an initial
accuracy of 0.05% with ensured temperature coefficient of 10 ppm/°C or less, while the lowest
grade parts (C) have an initial accuracy of 0.15% and
a temperature coefficient of 30 ppm/°C.




Similar Part No. - LM4030

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4030 NSC-LM4030 Datasheet
379Kb / 14P
Ultra-High Precision Shunt Voltage Reference
logo
Texas Instruments
LM4030 TI-LM4030 Datasheet
1Mb / 20P
LM4030 SOT-23 Ultra-High Precision Shunt Voltage Reference
logo
National Semiconductor ...
LM4030AI-4.1 NSC-LM4030AI-4.1 Datasheet
1Mb / 41P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
LM4030AMF-2.5 NSC-LM4030AMF-2.5 Datasheet
379Kb / 14P
Ultra-High Precision Shunt Voltage Reference
logo
Texas Instruments
LM4030AMF-2.5/NOPB TI-LM4030AMF-2.5/NOPB Datasheet
1Mb / 20P
LM4030 SOT-23 Ultra-High Precision Shunt Voltage Reference
More results


Similar Description - LM4030

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X60003B-50 INTERSIL-X60003B-50 Datasheet
261Kb / 14P
Precision 5.0V SOT-23 FGA Voltage Reference
March 15, 2005
logo
National Semiconductor ...
LM4132 NSC-LM4132 Datasheet
863Kb / 15P
SOT-23 Precision Low Dropout Voltage Reference
logo
Intersil Corporation
X60003B-50 INTERSIL-X60003B-50_06 Datasheet
243Kb / 14P
Precision 5.0V SOT-23 FGA??Voltage Reference
May 2, 2006
logo
National Semiconductor ...
LM4132 NSC-LM4132_06 Datasheet
1Mb / 20P
SOT-23 Precision Low Dropout Voltage Reference
LM4030 NSC-LM4030 Datasheet
379Kb / 14P
Ultra-High Precision Shunt Voltage Reference
logo
Texas Instruments
LM4030 TI-LM4030_15 Datasheet
1Mb / 20P
LM4030 SOT-23 Ultra-High Precision Shunt Voltage Reference
LM4128 TI-LM4128_15 Datasheet
990Kb / 33P
SOT-23 Precision Micropower Series Voltage Reference
SM74601 TI1-SM74601 Datasheet
321Kb / 14P
SOT-23 Precision Micropower Series Voltage Reference
LM4128 TI1-LM4128 Datasheet
1Mb / 33P
SOT-23 Precision Micropower Series Voltage Reference
LM4132_016 TI1-LM4132_016 Datasheet
784Kb / 36P
SOT-23 Precision Low Dropout Voltage Reference
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com