Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3643A Datasheet (PDF) - Texas Instruments

LM3643A Datasheet PDF - Texas Instruments
Part # LM3643A
Download  LM3643A Download
File Size   984.05 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3643 Synchronous Boost Dual LED Flash Driver with 1.5-A High-Side Current Sources

LM3643A Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3643A Datasheet PDF - Texas Instruments

Part # LM3643A
Download  LM3643A Click to download

File Size   984.05 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3643 Synchronous Boost Dual LED Flash Driver with 1.5-A High-Side Current Sources

LM3643A Datasheet (HTML) - Texas Instruments


LM3643A Product details

1 Features
1• 1.5 A Total Allowed LED Current During Operation
(I LED1 + ILED2 = 1.5 A)
• Dual Independent LED Current Source
Programmability
• Accurate and Programmable LED Current Range
from 1.4 mA to 1.5 A
• Optimized Flash LED Current During Low Battery
Conditions (IVFM)
• > 85% Efficiency in Torch Mode (@ 100 mA) and
Flash Mode (@1 A to 1.5 A)
• Grounded Cathode LED Operation for Improved
Thermal Management
• Small Solution Size: < 16 mm2
• Hardware Strobe Enable (STROBE)
• Synchronization Input for RF Power Amplifier
Pulse Events (TX)
• Hardware Torch Enable (TORCH/TEMP)
• Remote NTC Monitoring (TORCH/TEMP)
• 400-kHz I2C-Compatible Interface
– LM3643 (I2C Address = 0x63)
– LM3643A (I2C Address = 0x67)

2 Applications
Camera Phone White LED Flash

3 Description
The LM3643 is a dual LED flash driver that provides
a high level of adjustability within a small solution
size. The LM3643 utilizes a 2-MHz or 4-MHz fixed-
frequency synchronous boost converter to provide
power to the dual 1.5-A constant current LED
sources. The total LED current the LM3643 boost can
deliver is 1.5 A (ILED1 + ILED2 ). The dual 128 level
current sources provide the flexibility to adjust the
current ratios between LED1 and LED2 with each driver capable of delivering a maximum of 1.5 A (ex:
ILED1 = 1.5 A and ILED2 = 0FF, ILED1 = 0FF and ILED2 =
1.5 A, or a current configuration with a current less
than 1.5 A , ILED1 = 950 mA and ILED2 = 250 mA). An
adaptive regulation method ensures the current
sources remain in regulation and maximizes
efficiency.
Features of the LM3643 are controlled via an I2C-
compatible interface. These features include:
hardware flash and hardware torch pins (STROBE
and TORCH/TEMP), a TX interrupt, and an NTC
thermistor monitor. The device offers independently
programmable currents in each output leg to drive the LEDs in a Flash or Movie Mode (Torch) condition.
The 2-MHz or 4-MHz switching frequency options,
overvoltage protection (OVP), and adjustable current
limit allow for the use of tiny, low-profile inductors and
(10-μF) ceramic capacitors. The device operates over
a –40°C to 85°C ambient temperature range.




Similar Part No. - LM3643A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3643A TI-LM3643A Datasheet
1Mb / 39P
Synchronous Boost Dual LED Flash Driver with 1.5-A High-Side Current Sources
LM3643AYFFR TI-LM3643AYFFR Datasheet
1Mb / 39P
Synchronous Boost Dual LED Flash Driver with 1.5-A High-Side Current Sources
More results


Similar Description - LM3643A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3556 TI1-LM3556 Datasheet
138Kb / 5P
1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3559 TI1-LM3559 Datasheet
2Mb / 42P
LM3559 Synchronous Boost Flash Driver with Dual 900 mA High Side Current Sources (1.8A Total Flash Current)
LM3560 TI1-LM3560 Datasheet
3Mb / 42P
LM3560 Synchronous Boost Flash Driver w/ Dual 1A High-Side Current Sources (2A Total Flash Current)
LM3646 TI1-LM3646 Datasheet
1Mb / 31P
1.5A Synchronous Boost Converter with Dual High-Side Current Sources and I2CCompatible Interface
LM3642 TI-LM3642 Datasheet
920Kb / 26P
LM3642 1.5A Synchronous Boost LED Flash Driver with High-Side Current Source
LM3556 TI1-LM3556_14 Datasheet
1Mb / 31P
1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3643 TI-LM3643_15 Datasheet
1Mb / 39P
Synchronous Boost Dual LED Flash Driver with 1.5-A High-Side Current Sources
LM3556 TI1-LM3556_15 Datasheet
1Mb / 39P
Synchronous Boost LED Flash Driver With High-Side Current Source
LM36010 TI1-LM36010 Datasheet
2Mb / 37P
Synchronous-Boost, Single-LED Flash Driver With 1.5-A High-Side Current Source
LM36011 TI1-LM36011 Datasheet
1,002Kb / 26P
Inductorless, Single-LED Flash Driver With 1.5-A High-Side Current Source
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com