Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4550B Datasheet (PDF) - Texas Instruments

LM4550B Datasheet PDF - Texas Instruments
Part # LM4550B
Download  LM4550B Download
File Size   932.63 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4550B AC 97 Rev 2.1 Multi-Channel Audio Codec With Stereo Headphone Amplifier, Sample Rate Conversion and TI 3D Sound

LM4550B Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4550B Datasheet PDF - Texas Instruments

Part # LM4550B
Download  LM4550B Click to download

File Size   932.63 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4550B AC 97 Rev 2.1 Multi-Channel Audio Codec With Stereo Headphone Amplifier, Sample Rate Conversion and TI 3D Sound

LM4550B Datasheet (HTML) - Texas Instruments


LM4550B Product details

1 Features
1• AC '97 Rev 2.1 Compliant
• High Quality Sample Rate Conversion From 4 kHz
to 48 kHz in 1 Hz Increments
• Supports up to 6 DAC Channel Systems With
Multiple LM4550Bs or With Other TI LM45xx
Codecs
• Unique TI Chaining Function Shares a Single
Controller SDATA_IN Pin Among Multiple Codecs
• Stereo Headphone Amp With Separate Gain
Control
• TI's 3D Sound Stereo Enhancement Circuitry
• Advanced Power Management Support
• External Amplifier Power-Down (EAPD) Control
• PC Beep Passthrough to Line Out During
Initialization or Cold Reset
• Digital 3.3-V and 5-V Supply Options
• Extended Temperature: −40°C ≤ TA ≤ 85°C
• Key specifications
– Analog Mixer Dynamic Range, 97 dB (Typical)
– DAC Dynamic Range, 89 dB (Typical)
– ADC Dynamic Range, 90 dB (Typical)
– Headphone Amp THD+N at 50 mW, 0.02%
(Typical) into 32Ω

2 Applications
• Desktop PC Audio Systems on PCI Cards, AMR
Cards, or With Motherboard Chips Sets Featuring
AC Link
• Portable PC Systems as on MDC Cards, or with a
Chipset or Accelerator Featuring AC Link
• General Audio Frequency Systems Requiring 2, 4
or 6 DAC Channels and/or up to 8 ADC Channels
• Automotive Telematics

3 Description
The LM4550B device is an audio codec for PC
systems which is fully PC99 compliant and performs the analog intensive functions of the AC '97 Rev 2.1
architecture. Using 18-bit Sigma-Delta ADCs and
DACs, the LM4550B provides 90 dB of Dynamic
Range.
The LM4550B was designed specifically to provide a
high quality audio path and provide all analog
functionality in a PC audio system. It features full duplex stereo ADCs and DACs and analog mixers
with access to 4 stereo and 4 mono inputs.




Similar Part No. - LM4550B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4550B NSC-LM4550B Datasheet
998Kb / 31P
AC 97 Rev 2.1 Multi-Channel Audio Codec with Stereo Headphone Amplifier, Sample Rate Conversion and National 3D Sound
logo
Texas Instruments
LM4550B TI1-LM4550B Datasheet
1Mb / 43P
LM4550B AC 97 Rev 2.1 Multi-Channel Audio Codec
logo
National Semiconductor ...
LM4550BVH NSC-LM4550BVH Datasheet
998Kb / 31P
AC 97 Rev 2.1 Multi-Channel Audio Codec with Stereo Headphone Amplifier, Sample Rate Conversion and National 3D Sound
logo
Texas Instruments
LM4550BVH TI1-LM4550BVH Datasheet
1Mb / 43P
LM4550B AC 97 Rev 2.1 Multi-Channel Audio Codec
LM4550BVH TI1-LM4550BVH Datasheet
1Mb / 45P
LM4550B AC 97 Rev 2.1 Multi-Channel Audio Codec With Stereo Headphone Amplifier, Sample Rate Conversion and TI 3D Sou
More results


Similar Description - LM4550B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4549 NSC-LM4549 Datasheet
324Kb / 18P
AC ??7 Rev 2.1 Codec with Sample Rate Conversion and National 3D Sound
LM4550 NSC-LM4550 Datasheet
507Kb / 25P
AC ??7 Rev 2.1 Multi-Channel Audio Codec with Stereo Headphone Amplifier, Sample Rate Conversion and National 3D Sound
LM4550B NSC-LM4550B Datasheet
998Kb / 31P
AC 97 Rev 2.1 Multi-Channel Audio Codec with Stereo Headphone Amplifier, Sample Rate Conversion and National 3D Sound
LM4549A NSC-LM4549A Datasheet
528Kb / 28P
AC ??7 Rev 2.1 Codec with Sample Rate Conversion and National 3D Sound
LM4546 NSC-LM4546_09 Datasheet
1Mb / 18P
AC 97 Rev 2 Codec with Sample Rate Conversion and National 3D Sound
LM4546A NSC-LM4546A Datasheet
1Mb / 28P
AC 97 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
LM4549B NSC-LM4549B Datasheet
933Kb / 28P
AC ??7 Rev 2.1 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
logo
Texas Instruments
LM4550BVHX TI1-LM4550BVHX Datasheet
1Mb / 43P
LM4550B AC 97 Rev 2.1 Multi-Channel Audio Codec
LM4450B TI1-LM4450B Datasheet
1Mb / 45P
LM4550B AC 97 Rev 2.1 Multi-Channel Audio Codec With Stereo Headphone Amplifier, Sample Rate Conversion and TI 3D Sou
LM4546B TI1-LM4546B Datasheet
1Mb / 37P
LM4546B AC 97 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and Texas Instruments 3D Sound
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com