Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4671 Datasheet (PDF) - Texas Instruments

LM4671 Datasheet PDF - Texas Instruments
Part # LM4671
Download  LM4671 Download
File Size   919.86 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4671 Filterless High Efficiency 2.5W Switching Audio Amplifier

LM4671 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4671 Datasheet PDF - Texas Instruments

Part # LM4671
Download  LM4671 Click to download

File Size   919.86 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4671 Filterless High Efficiency 2.5W Switching Audio Amplifier

LM4671 Datasheet (HTML) - Texas Instruments


LM4671 Product details

1FEATURES
2• No Output Filter Required for Inductive Loads
• Externally Configurable Gain
• Very Fast Turn On Time: 17μs (typ)
• Minimum External Components
• "Click and pop" Suppression Circuitry
• Micro-Power Shutdown Mode
• Available in Space-Saving DSBGA Package

APPLICATIONS
• Mobile Phones
• PDAs
• Portable Electronic Devices

KEY SPECIFICATIONS
• Efficiency @ 3.6V, 100mW into 8Ω Speaker:
80 % (typ)
• Efficiency @ 3.6V, 400mW into 8Ω Speaker:
88 % (typ)
• Efficiency @ 5V, 1W into 8Ω Speaker: 86 %
(typ)
• Quiescent Current, 3.6V Supply: 2.8 mA (typ)
• Total Shutdown Power Supply Current: 0.01
μA (typ)
• Single Supply Range: 2.4 to 5.5 V

DESCRIPTION
The LM4671 is a single supply, high efficiency 2.5W
switching audio amplifier. A low noise, filterless PWM
architecture eliminates the output filter, reducing
external component count, board area consumption,
system cost, and simplifying design.
The LM4671 is designed to meet the demands of
mobile phones and other portable communication
devices. Operating on a single 5V supply, it is
capable of driving a 4Ω speaker load at a continuous
average output of 2.1W with less than 1% THD+N. Its
flexible power supply requirements allow operation
from 2.4V to 5.5V.
The LM4671 has high efficiency with speaker loads
compared to a typical Class AB amplifier. With a 3V
supply driving an 8Ω speaker, the IC's efficiency for a
100mW power level is 80%, reaching 88% at 400mW output power.
The LM4671 features a low-power consumption shutdown mode. Shutdown may be enabled by
driving the Shutdown pin to a logic low (GND).
The gain of the LM4671 is externally configurable
which allows independent gain control from multiple
sources by summing the signals.




Similar Part No. - LM4671

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4671 NSC-LM4671 Datasheet
969Kb / 18P
Filterless High Efficiency 2.5W Switching Audio Amplifier
LM4671 NSC-LM4671 Datasheet
594Kb / 20P
Filterless High Efficiency 2.5W Switching Audio Amplifier
LM4671 NSC-LM4671 Datasheet
588Kb / 18P
Filterless High Efficiency 2.5W Switching Audio Amplifier
logo
Texas Instruments
LM4671 TI1-LM4671 Datasheet
1Mb / 22P
LM4671 Filterless High Efficiency 2.5W Switching Audio Amplifier
logo
National Semiconductor ...
LM4671ITL NSC-LM4671ITL Datasheet
594Kb / 20P
Filterless High Efficiency 2.5W Switching Audio Amplifier
More results


Similar Description - LM4671

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4667 NSC-LM4667 Datasheet
757Kb / 16P
Filterless High Efficiency 1.3W Switching Audio Amplifier
LM4670 NSC-LM4670 Datasheet
1Mb / 18P
Filterless High Efficiency 3W Switching Audio Amplifier
LM4664 NSC-LM4664 Datasheet
550Kb / 14P
Filterless High Efficiency 1.1W Switching Audio Amplifier
LM4671 NSC-LM4671 Datasheet
969Kb / 18P
Filterless High Efficiency 2.5W Switching Audio Amplifier
LM4665 NSC-LM4665 Datasheet
1,018Kb / 18P
Filterless High Efficiency 1W Switching Audio Amplifier
LM4671 NSC-LM4671_07 Datasheet
594Kb / 20P
Filterless High Efficiency 2.5W Switching Audio Amplifier
LM4670 NSC-LM4670_06 Datasheet
1Mb / 20P
Filterless High Efficiency 3W Switching Audio Amplifier
LM4671 NSC-LM4671_08 Datasheet
588Kb / 18P
Filterless High Efficiency 2.5W Switching Audio Amplifier
logo
Texas Instruments
LM4671 TI1-LM4671 Datasheet
1Mb / 22P
LM4671 Filterless High Efficiency 2.5W Switching Audio Amplifier
logo
Diodes Incorporated
PAM8302A DIODES-PAM8302A Datasheet
595Kb / 13P
2.5W FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
Rev 4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com