Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4675SD/NOPB Datasheet (PDF) - Texas Instruments

LM4675SD/NOPB Datasheet PDF - Texas Instruments
Part # LM4675SD/NOPB
Download  LM4675SD/NOPB Download
File Size   882.68 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4675 Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum

LM4675SD/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4675SD/NOPB Datasheet PDF - Texas Instruments

Part # LM4675SD/NOPB
Download  LM4675SD/NOPB Click to download

File Size   882.68 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4675 Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum

LM4675SD/NOPB Datasheet (HTML) - Texas Instruments


LM4675SD/NOPB Product details

1FEATURES
2• Spread Spectrum Architecture Reduces EMI
• Mono Class D Operation
• No Output Filter Required for Inductive Loads
• Externally Configurable Gain
• Very Fast Turn On Time: 17μs (typ)
• Minimum External Components
• "Click and Pop" Suppression Circuitry
• Micro-Power Shutdown Mode
• Available in Space-Saving 0.5mm Pitch
DSBGA and WSON Packages

APPLICATIONS
• Mobile Phones
• PDAs
• Portable Electronic Devices

KEY SPECIFICATIONS
• Efficiency at 3.6V, 400mW into 8Ω Speaker:
89% (typ)
• Efficiency at 3.6V, 100mW into 8Ω Speaker:
80% (typ)
• Efficiency at 5V, 1W into 8Ω Speaker: 89%
(typ)
• Quiescent Current, 3.6V Supply: 2.2mA (typ)
• Total Shutdown Power Supply Current: 0.01μA
(typ)
• Single Supply Range: 2.4V to 5.5V
• PSRR, f = 217Hz: 82dB

DESCRIPTION
The LM4675 is a single supply, high efficiency,
2.65W, mono, Class D audio amplifier. A spread
spectrum, filterless PWM architecture reduces EMI
and eliminates the output filter, reducing external
component count, board area consumption, system
cost, and simplifying design.
The LM4675 is designed to meet the demands of
mobile phones and other portable communication
devices. Operating on a single 5V supply, it is
capable of driving a 4Ω speaker load at a continuous
average output of 2.2W with less than 1% THD+N. Its
flexible power supply requirements allow operation
from 2.4V to 5.5V. The wide band spread spectrum
architecture of the LM4675 reduces EMI-radiated emissions due to the modulator frequency.
The LM4675 has high efficiency with speaker loads
compared to a typical Class AB amplifier. With a 3.6V
supply driving an 8Ω speaker, the IC's efficiency for a
100mW power level is 80%, reaching 89% at 400mW
output power.
The LM4675 features a low-power consumption
shutdown mode. Shutdown may be enabled by
driving the Shutdown pin to a logic low (GND).
The gain of the LM4675 is externally configurable
which allows independent gain control from multiple
sources by summing the signals. Output short circuit
and thermal overload protection prevent the device
from damage during fault conditions.




Similar Part No. - LM4675SD/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4675SD/NOPB TI1-LM4675SD/NOPB Datasheet
1Mb / 23P
LM4675 Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
More results


Similar Description - LM4675SD/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4673 NSC-LM4673 Datasheet
889Kb / 18P
Filterless, 2.65W, Mono, Class D Audio Power Amplifier
LM4675 NSC-LM4675 Datasheet
925Kb / 19P
Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM48511 NSC-LM48511 Datasheet
440Kb / 22P
3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM4673 NSC-LM4673_07 Datasheet
8Mb / 24P
Filterless, 2.65W, Mono, Class D Audio Power Amplifier
LM48511 NSC-LM48511_08 Datasheet
442Kb / 22P
3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Texas Instruments
LM4675SDBD TI-LM4675SDBD Datasheet
1Mb / 23P
Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM4675 TI1-LM4675_14 Datasheet
1Mb / 24P
Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM4675 TI-LM4675_15 Datasheet
1Mb / 23P
Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM48511 TI-LM48511_15 Datasheet
942Kb / 28P
LM48511 3-W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier With Spread Spectrum
LM4675 TI1-LM4675 Datasheet
1Mb / 23P
LM4675 Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com