Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4876 Datasheet (PDF) - Texas Instruments

LM4876 Datasheet PDF - Texas Instruments
Part # LM4876
Download  LM4876 Download
File Size   967.77 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4876 1.1W Audio Power Amplifier with Logic Low Shutdown

LM4876 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4876 Datasheet PDF - Texas Instruments

Part # LM4876
Download  LM4876 Click to download

File Size   967.77 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4876 1.1W Audio Power Amplifier with Logic Low Shutdown

LM4876 Datasheet (HTML) - Texas Instruments


LM4876 Product details

1FEATURES
2• Does Not Require Output Coupling Capacitors,
Bootstrap Capacitors, Or Snubber Circuits
• 10-pin VSSOP and 8-pin SOIC Packages
• Unity-Gain Stable
• External Gain Set

APPLICATIONS
• Mobile Phones
• Portable Computers
• Desktop Computers
• Low-Voltage Audio Systems

KEY SPECIFICATIONS
• THD+N at 1kHz for 1W Continuous Average
Output Power into 8Ω 0.5% (max)
• Output Power At 1kHz Into 8Ω with 10%
THD+N 1.5 W (typ)
• Shutdown Current 0.01μA (typ)
• Supply Voltage Range 2.0V to 5.5 V

DESCRIPTION
The LM4876 is a single 5V supply bridge-connected
audio power amplifier capable of delivering 1.1W (typ)
of continuous average power to an 8Ω load with 0.5%
THD+N.
Like other audio amplifiers in the Boomer series, the
LM4876 is designed specifically to provide high
quality output power with a minimal amount of
external components. The LM4876 does not require
output coupling capacitors, bootstrap capacitors, or
snubber networks. It is perfectly suited for low-power
portable systems.
The LM4876 features an active low externally
controlled, micro-power shutdown mode. Additionally,
the LM4876 features an internal thermal shutdown
protection mechanism. For PCB space efficiency, the
LM4876 is available in VSSOP and SOIC surface
mount packages.
The unity-gain stable LM4876's closed loop gain is
set using external resistors.




Similar Part No. - LM4876

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4876 NSC-LM4876 Datasheet
247Kb / 9P
1.1W Audio Power Amplifier with Shutdown Logic Low
LM4876 NSC-LM4876 Datasheet
320Kb / 12P
1.1W Audio Power Amplifier with Logic Low Shutdown
logo
Texas Instruments
LM4876 TI-LM4876 Datasheet
1,011Kb / 19P
LM4876 1.1W Audio Power Amplifier with Logic Low Shutdown
LM4876 TI-LM4876 Datasheet
985Kb / 19P
LM4876 1.1W Audio Power Amplifier with Logic Low
LM4876 TI-LM4876 Datasheet
985Kb / 19P
LM4876 1.1W Audio Power Amplifier with Logic Low
More results


Similar Description - LM4876

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4861 NSC-LM4861 Datasheet
218Kb / 8P
1.1W Audio Power Amplifier with Shutdown Mode
LM4871 NSC-LM4871 Datasheet
243Kb / 8P
1.1W Audio Power Amplifier with Shutdown Mode
LM4876 NSC-LM4876 Datasheet
247Kb / 9P
1.1W Audio Power Amplifier with Shutdown Logic Low
LM4876 NSC-LM4876_03 Datasheet
320Kb / 12P
1.1W Audio Power Amplifier with Logic Low Shutdown
logo
Unisonic Technologies
PA4871 UTC-PA4871 Datasheet
231Kb / 6P
1.1W AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4876MM TI-LM4876MM Datasheet
1,011Kb / 19P
LM4876 1.1W Audio Power Amplifier with Logic Low Shutdown
LM4876MX TI-LM4876MX Datasheet
985Kb / 19P
LM4876 1.1W Audio Power Amplifier with Logic Low
LM4861MX TI-LM4861MX Datasheet
892Kb / 20P
1.1W Audio Power Amplifier with Shutdown Mode
LM4876M TI-LM4876M Datasheet
985Kb / 19P
LM4876 1.1W Audio Power Amplifier with Logic Low
LM4876M TI1-LM4876M Datasheet
1,011Kb / 19P
1.1W Audio Power Amplifier with Logic Low Shutdown
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com