Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4916 Datasheet (PDF) - Texas Instruments

LM4916 Datasheet PDF - Texas Instruments
Part # LM4916
Download  LM4916 Download
File Size   960.88 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4916 1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier

LM4916 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4916 Datasheet PDF - Texas Instruments

Part # LM4916
Download  LM4916 Click to download

File Size   960.88 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4916 1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier

LM4916 Datasheet (HTML) - Texas Instruments


LM4916 Product details

1FEATURES
2• Single-Cell 0.9V to 2.5V Battery Operation
• BTL Mode for Mono Speaker
• Single-Ended Headphone Operation with
Coupling Capacitors
• Unity-Gain Stable
• "Click and Pop" Suppression Circuitry
• Active-Low Micropower Shutdown
• Low Current, Active-Low Mute Mode
• Thermal Shutdown Protection Circuitry

APPLICATIONS
• Portable One-Cell Audio Products
• Portable One-Cell Electronic Devices

KEY SPECIFICATIONS
• Mono-BTL Output Power
• (R L=8Ω, VDD=1.5V, THD+N=1%), 85mW (typ)
• Stereo Headphone Output Power
• (RL=16Ω, VDD=1.5V, THD+N=1%), 14mW (typ)
• Micropower Shutdown Current, 0.02μA (typ)
• Supply Voltage Operating Range,
0.9V• PSRR 1kHz, VDD=1.5V, 66dB (typ)

DESCRIPTION
The unity gain stable LM4916 is both a mono
differential output (for bridge-tied loads or BTL) audio
power amplifier and a Single Ended (SE) stereo
headphone amplifier. Operating on a single 1.5V
supply, the mono BTL mode delivers 85mW into an
8Ω load at 1% THD+N. In Single Ended stereo
headphone mode, the amplifier delivers 14mW per
channel into a 16Ω load at 1% THD+N.
With the LM4916 packaged in the MM and WSON
packages, the customer benefits include low profile
and small size. These packages minimize PCB area
and maximizes output power.
The LM4916 features circuitry that reduces output
transients ("clicks" and "pops") during device turn-on
and turn-off, an externally controlled, low-power
consumption, active-low shutdown mode, and thermal
shutdown. Boomer audio power amplifiers are designed specifically to use few external components
and provide high quality output power in a surface
mount package.




Similar Part No. - LM4916

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4916 NSC-LM4916 Datasheet
655Kb / 18P
1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
logo
Texas Instruments
LM4916 TI1-LM4916 Datasheet
1Mb / 24P
1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
logo
National Semiconductor ...
LM4916LD NSC-LM4916LD Datasheet
655Kb / 18P
1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
logo
Texas Instruments
LM4916LD/NOPB TI1-LM4916LD/NOPB Datasheet
1Mb / 24P
1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
LM4916LDX/NOPB TI1-LM4916LDX/NOPB Datasheet
1Mb / 24P
1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
More results


Similar Description - LM4916

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4854 NSC-LM4854 Datasheet
1Mb / 29P
1.9W Monaural, 85mW Stereo Headphone Audio Amplifier
logo
Toshiba Semiconductor
TA8145FN TOSHIBA-TA8145FN Datasheet
312Kb / 8P
STEREO HEADPHONE AMPLIFIER (1.5V USE)
TA8159FN TOSHIBA-TA8159FN Datasheet
459Kb / 12P
1.5V STEREO HEADPHONE AMPLIFIER
logo
National Semiconductor ...
LM4914 NSC-LM4914 Datasheet
384Kb / 15P
1W Monaural, 85mW Stereo Headphone Audio Amplifier
LM4916 NSC-LM4916 Datasheet
655Kb / 18P
1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
logo
Toshiba Semiconductor
TA2123AF TOSHIBA-TA2123AF Datasheet
427Kb / 20P
1.5V Stereo Headphone Amplifier
logo
Integral Corp.
ILA7056SH INTEGRAL-ILA7056SH Datasheet
24Kb / 3P
3 W Mono BTL Audio Output Amplifier
logo
National Semiconductor ...
LM4919 NSC-LM4919 Datasheet
568Kb / 15P
1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
logo
KODENSHI_AUK CORP.
KKA7056 KODENSHI-KKA7056 Datasheet
100Kb / 3P
3 W Mono BTL Audio Output Amplifier
logo
Texas Instruments
LM4916 TI1-LM4916 Datasheet
1Mb / 24P
1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com