Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4930 Datasheet (PDF) - Texas Instruments

LM4930 Datasheet PDF - Texas Instruments
Part # LM4930
Download  LM4930 Download
File Size   897.75 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4930 Boomer™ Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers

LM4930 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4930 Datasheet PDF - Texas Instruments

Part # LM4930
Download  LM4930 Click to download

File Size   897.75 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4930 Boomer™ Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers

LM4930 Datasheet (HTML) - Texas Instruments


LM4930 Product details

1FEATURES
23• 16-bit Resolution 48kHz Stereo DAC
• 16-bit Resolution 8kHz Voice Codec
• I2S Digital Audio Data Serial Interface
• Two-wire Serial Control Interface
• PCM Voice Audio Data Serial Interface
• 25mW/channel Stereo Headphone Amplifier
• 330mW Mono 8Ω Amplifier (at AVDD = 3.0V)
• 32-step Volume Control for Audio Output
Amplifiers
• No Snubber Networks or Bootstrap Capacitors
are Required by the Headphone or Hands-free
Amplifiers
• Digital Sidetone Generation with Adjustable
Attenuation
• Gain Controllable Headphone Amp, Mono BTL
Amp, Mic Preamp
• Available in the 36–bump DSBGA and 44–lead
WQFN Packages

APPLICATIONS
• Mobile Phones
• Mobile/low Power Audio Appliances
• PDAs

KEY SPECIFICATIONS
• PLS OUT at AVDD = 5.0V, 8Ω 1% THD+N 1W
(typ)
• PLS OUT at AVDD = 3.0V, 8Ω 1% THD+N
330mW (typ)
• PH/P OUT at AVDD = 3.0V, 32Ω 0.5% THD+N
25mW (typ)
• Supply Voltage Range
– DVDD
(1) 2.6V to 4.5V
– AVDD
(1) 2.6V to 5.5V
• Total Shutdown Current 2μA (typ)
• PSRR at 217Hz, AVDD = 3V 50dB (typ)

DESCRIPTION
The LM4930 is an integrated audio subsystem that
supports voice and digital audio functions. The
LM4930 includes a high quality I2S input stereo DAC,
a voice band codec, a stereo headphone amplifier
and a high-power mono speaker amplifier. It is
primarily designed for demanding applications in mobile phones and other portable devices.
The LM4930 features an I2S serial interface for full
range audio, a 16-bit PCM bi-directional serial
interface for the voice band codec and an two-wire
interface for control. The full range music path
features an SNR of 86dB with a 16-bit 48kHz input.
The stereo DAC can also be used while the voice
codec is in use. The headphone amplifier delivers
25mWRMS to a 32Ω single-ended stereo load with
less than 0.5% distortion (THD+N) when AVDD = 3V.
The mono speaker amplifier delivers up to 330mW
into an 8Ω load with less than 1% distortion when
AVDD = 3V.
The LM4930 employs advanced techniques to reduce
power consumption, to reduce controller overhead
and to eliminate click and pop. Boomer audio power
amplifiers were designed specifically to provide high
quality output power with a minimal amount of
external components. It is, therefore, ideally suited for
mobile phone and other low voltage applications
where minimal power consumption is a primary
requirement.




Similar Part No. - LM4930

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4930 NSC-LM4930 Datasheet
966Kb / 33P
Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4930 NSC-LM4930 Datasheet
994Kb / 35P
Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
logo
Texas Instruments
LM4930 TI1-LM4930 Datasheet
1Mb / 41P
Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4930 TI1-LM4930 Datasheet
1Mb / 40P
Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
logo
National Semiconductor ...
LM4930ITL NSC-LM4930ITL Datasheet
966Kb / 33P
Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
More results


Similar Description - LM4930

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4930 NSC-LM4930 Datasheet
966Kb / 33P
Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4931 NSC-LM4931 Datasheet
1Mb / 47P
Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
LM4930 NSC-LM4930_04 Datasheet
994Kb / 35P
Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4931 NSC-LM4931_06 Datasheet
1Mb / 48P
Audio Subsystem with Mono High Efficiency Loudsperker and Stereo Headphone Amplifiers
logo
Maxim Integrated Produc...
MAX97002 MAXIM-MAX97002 Datasheet
3Mb / 36P
Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
Rev 0; 1/10
logo
Fairchild Semiconductor
FAB2200 FAIRCHILD-FAB2200 Datasheet
962Kb / 33P
Audio Subsystem with Stereo Class-G Headphone Amplifier and 1.2W Mono Class-D Speaker Amplifier
logo
Texas Instruments
LM4930 TI1-LM4930_14 Datasheet
1Mb / 41P
Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4930 TI-LM4930_15 Datasheet
1Mb / 40P
LM4930 Boomer??Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4930 TI1-LM4930 Datasheet
1Mb / 40P
Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4931 TI1-LM4931 Datasheet
1Mb / 50P
Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com