Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4931 Datasheet (PDF) - Texas Instruments

LM4931 Datasheet PDF - Texas Instruments
Part # LM4931
Download  LM4931 Download
File Size   902.91 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4931 Boomer™ Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers

LM4931 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4931 Datasheet PDF - Texas Instruments

Part # LM4931
Download  LM4931 Click to download

File Size   902.91 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4931 Boomer™ Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers

LM4931 Datasheet (HTML) - Texas Instruments


LM4931 Product details

1FEATURES
23• 18-bit 44.1kHz or 48kHz Stereo DAC
• 16-bit 8kHz , 12kHz , 16kHz, or 24kHz Voice-
Band Codec
• PLL for Operation from Common System
Clocks
• Either I2C or SPI Compatible Serial Interface
• I2S Digital Audio Data Serial Interface
• PCM Voice Audio Data Serial Interface
• Differential Analog Microphone Input
• 26mW/Channel Stereo Headphone Amplifier
• 570mW Mono High Efficiency BTL 8Ω
Amplifier
• 32-step Volume Control for Audio Output
Amplifiers with 1.5dB Step Size.
• Unity-Gain Stable Headphone Amplifiers
• No Snubber Networks or Bootstrap Capacitors
are Required by the Headphone or Hands-Free
Amplifiers
• Adjustable Digital Side-Tone Attenuation
• 16-step Volume Control for Microphone
Preamp with 2dB Step Size
• Configurable GPIO/Status Port
• Available in the 42 bump DSBGA Package

APPLICATIONS
• 2.5 and 3G Mobile Phones and Multimedia
Terminals
• PDAs, Internet Appliances and Portable
Gaming
• Portable DVD/CD/AAC/MP3 Players
• Digital Cameras and Toys

KEY SPECIFICATIONS
• PLS OUT at AVDD = 5V, 8Ω
– 1% THD+N, 1.1W (Typ)
• PLS OUT at AVDD = 3.3V, 8Ω
– 1% THD+N, 570mW (Typ)
• PH/P OUT at AVDD = 5V & AVDD = 3.3V, 32Ω
– 1% THD+N, 26mW (Typ)
• Supply Voltage Range
– DVDD, 2.7V to 4.0V
– AVDD, 2.7V to 5.0V(1)
• Shutdown Current, 1.1μA
• PSRR at 217Hz, AVDD = 3V, 62dB (Typ)
• SNR (Voice Codec), 75dB (Typ)
• SNR (Audio DAC), 86dB (Typ)

DESCRIPTION
The LM4931 is an integrated audio subsystem that
supports voice and digital audio functions. The
LM4931 includes a high quality stereo DAC, voice
band codec, a stereo headphone amplifier and a
high-power high efficiency mono speaker amplifier. It
is primarily designed for demanding applications in
mobile phones and other portable devices.
The LM4931 features an I2S serial interface for full
range audio, a 16-bit PCM bi-directional serial
interface for the voice band codec and an I2C/SPI
compatible interface for control. The full range music
path features an SNR of 86dB with an 18-bit 48kHz
input. The headphone amplifier delivers at least
26mWRMS to a 32Ω single-ended stereo load with
less than 1% distortion (THD+N) when AVDD =
3.3VDC. The mono speaker amplifier delivers up to
570mWRMS into an 8Ω load with less than 1%
distortion when AVDD = 3.3VDC.




Similar Part No. - LM4931

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4931 NSC-LM4931 Datasheet
1Mb / 47P
Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
LM4931 NSC-LM4931 Datasheet
1Mb / 48P
Audio Subsystem with Mono High Efficiency Loudsperker and Stereo Headphone Amplifiers
logo
Texas Instruments
LM4931 TI1-LM4931 Datasheet
1Mb / 50P
Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
LM4931ITL/NOPB TI1-LM4931ITL/NOPB Datasheet
1Mb / 50P
Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
logo
National Semiconductor ...
LM4931 NSC-LM4931_06 Datasheet
1Mb / 48P
Audio Subsystem with Mono High Efficiency Loudsperker and Stereo Headphone Amplifiers
More results


Similar Description - LM4931

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4930 NSC-LM4930 Datasheet
966Kb / 33P
Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4931 NSC-LM4931 Datasheet
1Mb / 47P
Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
LM4930 NSC-LM4930_04 Datasheet
994Kb / 35P
Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4931 NSC-LM4931_06 Datasheet
1Mb / 48P
Audio Subsystem with Mono High Efficiency Loudsperker and Stereo Headphone Amplifiers
logo
Texas Instruments
LM4930 TI1-LM4930_14 Datasheet
1Mb / 41P
Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4935 TI1-LM4935_14 Datasheet
2Mb / 91P
Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose
LM4930 TI-LM4930_15 Datasheet
1Mb / 40P
LM4930 Boomer??Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4930 TI1-LM4930 Datasheet
1Mb / 40P
Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4931 TI1-LM4931 Datasheet
1Mb / 50P
Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
LM4935 TI1-LM4935 Datasheet
2Mb / 90P
Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose ADC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com