Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4947 Datasheet (PDF) - Texas Instruments

LM4947 Datasheet PDF - Texas Instruments
Part # LM4947
Download  LM4947 Download
File Size   945.45 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4947 Mono Class D and Stereo Audio Sub-System with OCL Headphone Amplifier and TI 3D

LM4947 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4947 Datasheet PDF - Texas Instruments

Part # LM4947
Download  LM4947 Click to download

File Size   945.45 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4947 Mono Class D and Stereo Audio Sub-System with OCL Headphone Amplifier and TI 3D

LM4947 Datasheet (HTML) - Texas Instruments


LM4947 Product details

1FEATURES
2• I2C Control Interface
• I2C Programmable Texas Instruments 3D
Audio
• I2C Controlled 32 Step Digital Volume Control
(-59.5dB to +18dB)
• Three Independent Volume Channels (Left,
Right, Mono)
• Eight Distinct Output Modes
• Small, 25–Bump DSBGA Packaging
• “Click and Pop” Suppression Circuitry
• Thermal Shutdown Protection
• Low Shutdown Current (0.1μA, typ)
• RF Suppression
• Differential Mono and Stereo Inputs
• Stereo Input Mux

KEY SPECIFICATIONS
• THD+N at 1kHz, 500mW into 8Ω BTL (3.3V):
1.0% (typ)
• THD+N at 1kHz, 37mW into 32Ω SE (3.3V):
1.0% (typ)
• Single Supply Operation (V DD): 2.7 to 5.5 V
• I2C Single Supply Operation: 2.2 to 5.5 V

APPLICATIONS
• Mobile Phones
• PDAs

DESCRIPTION
The LM4947 is an audio subsystem capable of
efficiently delivering 500mW (Class D operation) of
continuous average power into a mono 8Ω bridged-
tied load (BTL) with 1% THD+N, 37mW (Class AB
operation) power channel of continuous average
power into stereo 32Ω single-ended (SE) loads with
1% THD+N, or an output capacitor-less (OCL)
configuration with identical specification as the SE
configuration, from a 3.3V power supply.
The LM4947 has six input channels: one pair for a two-channel stereo signal, the second pair for a
secondary two-channel stereo input, and the third pair
for a differential single-channel mono input.
Additionally, the two sets of stereo inputs may be
configured as a single stereo differential input
(differential left and differential right). The LM4947
features a 32-step digital volume control and eight
distinct output modes. The digital volume control, 3D
enhancement, and output modes are programmed
through a two-wire I2C compatible interface that allows flexibility in routing and mixing audio channels.
The RF suppression circuitry in the LM4947 makes it
well-suited for GSM mobile phones and other
portable applications in which strong RF signals
generated by an antenna (and long output traces)
may couple audibly into the amplifier.
The LM4947 is designed for cellular phones, PDAs,
and other portable handheld applications. It delivers
high quality output power from a surface-mount
package and requires only eight external components
in the OCL mode (two additional components in SE
mode).




Similar Part No. - LM4947

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4947 NSC-LM4947 Datasheet
1Mb / 32P
Mono Class D and Stereo Audio Subsystem with OCL Headphone Amplifier and National 3D
logo
Texas Instruments
LM4947 TI1-LM4947 Datasheet
1Mb / 37P
Mono Class D and Stereo Audio Sub-System with OCL Headphone Amplifier and National 3D
LM4947 TI1-LM4947 Datasheet
1Mb / 37P
Mono Class D and Stereo Audio Sub-System
LM4947TL/NOPB TI1-LM4947TL/NOPB Datasheet
1Mb / 37P
Mono Class D and Stereo Audio Sub-System
LM4947TLEVAL TI1-LM4947TLEVAL Datasheet
1Mb / 37P
Mono Class D and Stereo Audio Sub-System
More results


Similar Description - LM4947

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4934 NSC-LM4934 Datasheet
1Mb / 39P
3D Audio Sub-System with Stereo Speaker, OCL/SE Stereo Headphone, Earpiece and Mono Line Level Outputs
LM4947 NSC-LM4947 Datasheet
1Mb / 32P
Mono Class D and Stereo Audio Subsystem with OCL Headphone Amplifier and National 3D
LM4949 NSC-LM4949 Datasheet
1Mb / 40P
Stereo Class D Audio Subsystem with OCL Headphone Amplifier
LM4934 NSC-LM4934_06 Datasheet
1Mb / 39P
3D Audio Sub-System with Stereo Speaker, OCL/SE Stereo Headphone, Earpiece and Mono Line Level Outputs
LM49120 NSC-LM49120 Datasheet
721Kb / 28P
Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
LM49321 NSC-LM49321 Datasheet
1Mb / 42P
Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
logo
Texas Instruments
LM4947 TI1-LM4947_14 Datasheet
1Mb / 37P
Mono Class D and Stereo Audio Sub-System with OCL Headphone Amplifier and National 3D
LM49120 TI1-LM49120 Datasheet
1Mb / 29P
Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
LM49270 TI1-LM49270 Datasheet
2Mb / 28P
Filterless 2.2W Stereo Class D Audio Subsystem with OCL Headphone Amplifier, 3D Enhancement, and Headphone Sense
LM49321 TI1-LM49321 Datasheet
1Mb / 45P
Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com