Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4954 Datasheet (PDF) - Texas Instruments

LM4954 Datasheet PDF - Texas Instruments
Part # LM4954
Download  LM4954 Download
File Size   952.65 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4954 Boomer™ Audio Power Amplifier Series High Voltage 3 Watt Audio Power Amplifier

LM4954 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4954 Datasheet PDF - Texas Instruments

Part # LM4954
Download  LM4954 Click to download

File Size   952.65 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4954 Boomer™ Audio Power Amplifier Series High Voltage 3 Watt Audio Power Amplifier

LM4954 Datasheet (HTML) - Texas Instruments


LM4954 Product details

1FEATURES
23• No Output Coupling Capacitors, Snubber
Networks or Bootstrap Capacitors Required
• Unity Gain Stable
• Externally Configurable Gain
• Ultra Low Current Active Low Shutdown Mode
• BTL Output can Drive Capacitive Loads Up to
100pF
• “Click and Pop” Suppression Circuitry
• 2.7V - 9.0V Operation
• Available in Space-Saving DSBGA Package

APPLICATIONS
• Mobile Phones
• PDAs

KEY SPECIFICATIONS
• Wide Power Supply Voltage Range, 2.7 ≤ VDD ≤
9V
• Output Power: VDD = 7V, 1% THD+N, 2.4W
(Typ)
• Quiescent Power Supply Current, 3mA (Typ)
• PSRR: VDD = 5V and 3V at 217Hz, 80dB (Typ)
• Shutdown Power Supply Current, 0.01μA (Typ)

DESCRIPTION
The LM4954 is an audio power amplifier primarily
designed for demanding applications in mobile
phones and other portable communication device
applications. It is capable of delivering 2.4 Watts of
continuous average power to an 8Ω BTL load with
less than 1% THD+N from a 7VDC power supply.
Boomer audio power amplifiers are designed
specifically to provide high quality output power with a
minimal number of external components. The
LM4954 does not require output coupling capacitors
or bootstrap capacitors, and therefore is ideally suited
for lower-power portable applications where minimal
space and power consumption are primary
requirements.
The LM4954 features a low-power consumption
global shutdown mode which is achieved by driving the shutdown pin with logic low. Additionally, the
LM4954 features an internal thermal shutdown
protection mechanism.
The LM4954 contains advanced pop & click circuitry
which eliminates noises that would otherwise occur
during turn-on and turn-off transitions.
The LM4954 is unity-gain stable and can be
configured by external gain-setting resistors.




Similar Part No. - LM4954

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4954 NSC-LM4954 Datasheet
975Kb / 16P
HIgh Voltage 3 Watt Audio Power Amplifier
logo
Texas Instruments
LM4954 TI1-LM4954 Datasheet
1Mb / 23P
Audio Power Amplifier Series High Voltage 3 Watt Audio Power Amplifier
logo
National Semiconductor ...
LM4954TL NSC-LM4954TL Datasheet
975Kb / 16P
HIgh Voltage 3 Watt Audio Power Amplifier
logo
Texas Instruments
LM4954TL/NOPB TI1-LM4954TL/NOPB Datasheet
1Mb / 23P
Audio Power Amplifier Series High Voltage 3 Watt Audio Power Amplifier
logo
National Semiconductor ...
LM4954TLX NSC-LM4954TLX Datasheet
975Kb / 16P
HIgh Voltage 3 Watt Audio Power Amplifier
More results


Similar Description - LM4954

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4855 NSC-LM4855 Datasheet
1Mb / 24P
Boomer AUDIO POWER AMPLIFIER Integrated Audio Amplifier System
LM4954 NSC-LM4954 Datasheet
975Kb / 16P
HIgh Voltage 3 Watt Audio Power Amplifier
LM4995 NSC-LM4995 Datasheet
769Kb / 15P
BOOMER-R AUDIO POWER AMPLIFIER SERIES
logo
Texas Instruments
LM4670SD TI1-LM4670SD Datasheet
1Mb / 24P
LM4670 Boomer Audio Power Amplifier Series Filterless High
LM4900M TI1-LM4900M Datasheet
994Kb / 19P
LM4900 Boomer Audio Power Amplifier Series 265mW at 3.3V Supply Audio Power Amplifier
LM4952 TI-LM4952_15 Datasheet
1Mb / 25P
Boomer Audio Power Amplifier Series 3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
LM4670 TI1-LM4670 Datasheet
1Mb / 24P
LM4670 Boomer??Audio Power Amplifier Series Filterless High Efficiency 3W Switching Audio Amplifier
LM4804 TI1-LM4804 Datasheet
1Mb / 22P
Audio Power Amplifier SerieLow Voltage High Power Audio Power Amplifier
LM4954 TI1-LM4954 Datasheet
1Mb / 23P
Audio Power Amplifier Series High Voltage 3 Watt Audio Power Amplifier
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com