Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4990ITL/NOPB Datasheet (PDF) - Texas Instruments

LM4990ITL/NOPB Datasheet PDF - Texas Instruments
Part # LM4990ITL/NOPB
Download  LM4990ITL/NOPB Download
File Size   946.02 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4990 2 Watt Audio Power Amplifier with Selectable Shutdown Logic Level

LM4990ITL/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4990ITL/NOPB Datasheet PDF - Texas Instruments

Part # LM4990ITL/NOPB
Download  LM4990ITL/NOPB Click to download

File Size   946.02 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4990 2 Watt Audio Power Amplifier with Selectable Shutdown Logic Level

LM4990ITL/NOPB Datasheet (HTML) - Texas Instruments


LM4990ITL/NOPB Product details

1FEATURES
2• Available in Space-Saving Packages: WSON,
Exposed-DAP MSOP-PowerPAD, VSSOP, and
DSBGA
• Ultra Low Current Shutdown Mode
• Improved Click and Pop Circuitry Eliminates
Noise During Turn-On and Turn-Off
Transitions
• 2.2 - 5.5V Operation
• No Output Coupling Capacitors, Snubber
Networks or Bootstrap Capacitors Required
• Unity-Gain Stable
• External Gain Configuration Capability
• User Selectable Shutdown High or Low Logic
Level

APPLICATIONS
• Mobile Phones
• PDAs
• Portable Electronic Devices

KEY SPECIFICATIONS
• Improved PSRR at 217Hz & 1KHz: 62dB
• Power Output at 5.0V, 1% THD+N,
– 4Ω (NGZ and DGQ only): 2W (Typ)
• Power Output at 5.0V, 1% THD+N, 8Ω: 1.25W
(Typ)
• Power Output at 3.0V, 1% THD+N, 4Ω: 600mW
(Typ)
• Power Output at 3.0V, 1% THD+N, 8Ω: 425mW
(Typ)
• Shutdown Current: 0.1μA (Typ)

DESCRIPTION
The LM4990 is an audio power amplifier primarily
designed for demanding applications in mobile
phones and other portable communication device
applications. It is capable of delivering 1.25 watts of
continuous average power to an 8Ω BTL load and 2
watts of continuous average power (NGZ and DGQ
only) to a 4Ω BTL load with less than 1% distortion
(THD+N+N) from a 5VDC power supply.
Boomer audio power amplifiers were designed
specifically to provide high quality output power with a
minimal amount of external components. The
LM4990 does not require output coupling capacitors
or bootstrap capacitors, and therefore is ideally suited
for mobile phone and other low voltage applications
where minimal power consumption is a primary
requirement.
The LM4990 features a low-power consumption
shutdown mode. To facilitate this, Shutdown may be
enabled by either logic high or low depending on mode selection. Driving the shutdown mode pin either
high or low enables the shutdown pin to be driven in
a likewise manner to enable shutdown.
The LM4990 contains advanced pop & click circuitry
which eliminates noise which would otherwise occur
during turn-on and turn-off transitions.
The LM4990 is unity-gain stable and can be
configured by external gain-setting resistors.




Similar Part No. - LM4990ITL/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4990ITL/NOPB TI-LM4990ITL/NOPB Datasheet
1Mb / 28P
2 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
More results


Similar Description - LM4990ITL/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4990 NSC-LM4990 Datasheet
728Kb / 19P
2 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
LM4901 NSC-LM4901 Datasheet
1Mb / 24P
1.6 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
logo
ON Semiconductor
NCP4894 ONSEMI-NCP4894 Datasheet
164Kb / 18P
1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
November, 2005 ??Rev. 8
NCP4894 ONSEMI-NCP4894_07 Datasheet
171Kb / 19P
1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
January, 2007 ??Rev. 9
logo
Eutech Microelectronics...
EUA6027 EUTECH-EUA6027 Datasheet
458Kb / 14P
2-W Stereo Audio Power Amplifier with Selectable Gain and Shutdown
EUA6027A EUTECH-EUA6027A Datasheet
767Kb / 14P
2-W Stereo Audio Power Amplifier with Selectable Gain and Shutdown
logo
MOSA ELECTRONICS
MS6901 MOSA-MS6901_1 Datasheet
347Kb / 9P
Mono 1.1W Power Amplifier Selectable Shutdown Logic Level Low Voltage Operation
logo
Unisonic Technologies
PA4894 UTC-PA4894 Datasheet
494Kb / 11P
1.8 WATT DIFFERENTIAL AUDIO POWER AMPLIFIER WITH SELECTABLE SHUTDOWN
logo
Texas Instruments
LM4901MMX TI-LM4901MMX Datasheet
1Mb / 25P
1.6 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
LM4990 TI-LM4990_15 Datasheet
1Mb / 28P
2 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com