Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4992 Datasheet (PDF) - Texas Instruments

LM4992 Datasheet PDF - Texas Instruments
Part # LM4992
Download  LM4992 Download
File Size   991.1 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4992 420mW Stereo Cell Phone Audio Amplifier

LM4992 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4992 Datasheet PDF - Texas Instruments

Part # LM4992
Download  LM4992 Click to download

File Size   991.1 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4992 420mW Stereo Cell Phone Audio Amplifier

LM4992 Datasheet (HTML) - Texas Instruments


LM4992 Product details

1FEATURES
2• Available in Space-Saving WSON Package
• Ultra Low Current Shutdown Mode
• BTL Output Can Drive Capacitive Loads
• Improved Click and Pop Circuitry Eliminates
Noise During Turn-On and Turn-Off
Transitions
• 2.2 - 5.5V Operation
• No Output Coupling Capacitors, Snubber
Networks or Bootstrap Capacitors Required
• Unity-Gain Stable
• External Gain Configuration Capability

APPLICATIONS
• Mobile Phones
• PDAs
• Portable Electronic Devices

KEY SPECIFICATIONS
• Improved PSRR at 217Hz & 1KHz: 64 dB
(1KHz)
• Stereo Output Power at 5.0V, 1% THD, 8Ω:
1.07 W (typ)
• Stereo Output Power at 3.3V, 1% THD, 8Ω:
420 mW (typ)
• Shutdown Current, Vdd = 3.3V: 0.2 μA (typ)

DESCRIPTION
The LM4992 is a stereo audio power amplifier
primarily designed for demanding applications in
mobile phones and other portable communication
device applications. It is capable of delivering 1 watt,
per channel, of continuous average power to an 8Ω
BTL load with less than 1% distortion (THD+N) from
a 5VDC power supply.
Boomer audio power amplifiers were designed
specifically to provide high quality output power with a
minimal amount of external components. The LM4992 does not require output coupling capacitors
or bootstrap capacitors, and therefore is ideally suited
for mobile phone and other low voltage applications
where minimal power consumption is a primary
requirement.
The LM4992 features independent shutdown control
for each channel and a low-power consumption
shutdown mode, which is achieved by driving both
shutdown pins with logic low. Additionally, the
LM4992 features an internal thermal shutdown
protection mechanism.
The LM4992 contains advanced click and pop
circuitry which eliminates noise which would
otherwise occur during turn-on and turn-off
transitions.
The LM4992 is unity-gain stable and can be
configured by external gain-setting resistors.




Similar Part No. - LM4992

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4992 NSC-LM4992 Datasheet
576Kb / 16P
420mW Stereo Cell Phone Audio Amplifier
logo
Texas Instruments
LM4992 TI1-LM4992 Datasheet
932Kb / 23P
420mW Stereo Cell Phone Audio Amplifier
LM4992 TI1-LM4992 Datasheet
932Kb / 23P
420mW Stereo Cell Phone Audio Amplifier
logo
National Semiconductor ...
LM4992SD NSC-LM4992SD Datasheet
576Kb / 16P
420mW Stereo Cell Phone Audio Amplifier
logo
Texas Instruments
LM4992SD/NOPB TI1-LM4992SD/NOPB Datasheet
932Kb / 23P
420mW Stereo Cell Phone Audio Amplifier
More results


Similar Description - LM4992

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA2025B STMICROELECTRONICS-TEA2025B Datasheet
82Kb / 9P
STEREO AUDIO AMPLIFIER
Jun-1994
logo
Unisonic Technologies
UTCTEA2025 UTC-UTCTEA2025 Datasheet
46Kb / 4P
STEREO AUDIO AMPLIFIER
logo
National Semiconductor ...
LM4992 NSC-LM4992 Datasheet
576Kb / 16P
420mW Stereo Cell Phone Audio Amplifier
logo
Avic Technology
AV2025 AVICTEK-AV2025 Datasheet
160Kb / 4P
STEREO AUDIO AMPLIFIER
logo
Unisonic Technologies
TEA2025D UTC-TEA2025D Datasheet
248Kb / 8P
STEREO AUDIO AMPLIFIER
logo
Sanyo Semicon Device
LA74322LP SANYO-LA74322LP Datasheet
185Kb / 14P
Audio I/O Interface for Cell Phone
logo
Texas Instruments
LM4992 TI1-LM4992_14 Datasheet
932Kb / 23P
420mW Stereo Cell Phone Audio Amplifier
logo
Unisonic Technologies
TEA2025A UTC-TEA2025A_15 Datasheet
285Kb / 7P
STEREO AUDIO AMPLIFIER
logo
List of Unclassifed Man...
UTC2025 ETC1-UTC2025 Datasheet
115Kb / 4P
STEREO AUDIO AMPLIFIER
logo
Texas Instruments
LM4992 TI1-LM4992 Datasheet
932Kb / 23P
420mW Stereo Cell Phone Audio Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com