Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

401SM Datasheet (PDF) - Honeywell Solid State Electronics Center

401SM Datasheet PDF - Honeywell Solid State Electronics Center
Part # 401SM
Download  401SM Download
File Size   875.21 Kbytes
Page   13 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description MICRO SWITCH™ SM Series Premium Subminiature Basic Switches

401SM Datasheet (PDF)

Go To PDF Page Download Datasheet
401SM Datasheet PDF - Honeywell Solid State Electronics Center

Part # 401SM
Download  401SM Click to download

File Size   875.21 Kbytes
Page   13 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description MICRO SWITCH™ SM Series Premium Subminiature Basic Switches

401SM Datasheet (HTML) - Honeywell Solid State Electronics Center


401SM Product details

Features and Benefits
LONG LIFE
With a mechanical life of up to 10,000,000 operations, SM Series switches boast an industry-leading life cycle.
APPLICATION FLEXIBILITY
MICRO SWITCH™ SM Series delivers a selection of actuation, electrical termination, and operating characteristics along with high-temperature construction options.
Life of up to 10,000,000 cycles
INDUSTRY-LEADING TEMERATURE RANGE
With a wide temperature range of -54 °C to 204 °C [-65 °F to 400°F], SM Series switches allow for years of reliable performance in harsh conditions.
Precise switch characteristics
COMPACT AND ROBUST
Built from military-grade components, MICRO SWITCH™ SM switches deliver MIL-PRF-8805 qualified listings in a lightweight, small package. MICRO SWITCH™ SM switches are available with FAA-PMA approvals for commerical aircraft applications.
EASILY CONTROLS LOW-VOLTAGE DC APPLICATIONS
Switches available with a choice of silver or gold-plated, or gold bifurcated contacts to handle a variety of electrical load requirements.
GLOBAL APPROVALS
UL/CSA, cUL, ENEC, and CE approvals allows the customer to utilize switches in products sold across the globe - in some of the most regulated regions.

Potential Applications
AEROSPACE
• In precision switch assemblies for commercial aircraft to monitor doors for “closed” and “locked” position
• Monitor whether landing gear is “up” or “down and locked”
• In precision switch assemblies for commercial cockpit applications for pushbuttons, toggle, or joystick assemblies
• MIL-PRF-8805 listings suitable for precision switch assemblies in military applications
• FAA-PMA approvals for commercial aircraft
INDUSTRIAL
• In precision switch assemblies for pressure switches and temperature switches
• In power generation, fuel level switch for gas and oil




Similar Part No. - 401SM

ManufacturerPart #DatasheetDescription
logo
GS Yuasa Battery Sales ...
401 GSYUASABATTERY-401 Datasheet
1Mb / 2P
Kapazit채t 20 Std (vorgegeben) 60Ah
logo
Marathon Special Produc...
401 MARATHON-401 Datasheet
597Kb / 3P
Replace “XX” with 01 through 12 for number of poles 11/16 (.688) pitch
logo
Abbatron All Rights Res...
401 ABBATRON-401 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Keystone Electronics Co...
401 KEYSTONE-401 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
Walther-Werke
401 WALTHER-401 Datasheet
437Kb / 4P
Channel installation sockets IP 44
More results


Similar Description - 401SM

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
SSG OMRON-SSG Datasheet
765Kb / 10P
Subminiature Basic Switch
logo
Honeywell Solid State E...
3SX1-T HONEYWELL-3SX1-T Datasheet
356Kb / 7P
MICRO SWITCH??Basic Switches Line Guide
logo
Honeywell Accelerometer...
23SX39-T HONEYWELL-ACC-23SX39-T Datasheet
328Kb / 6P
Basic Switches Subminiature
311SM6 HONEYWELL-ACC-311SM6 Datasheet
375Kb / 7P
Basic Switches Subminiature
ZM10B70E01 HONEYWELL-ACC-ZM10B70E01 Datasheet
356Kb / 7P
MICRO SWITCH Basic Switches Line Guide
logo
Honeywell Solid State E...
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
MICRO SWITCH Premium Miniature Basic Switches
ZW50F90DW1 HONEYWELL-ZW50F90DW1 Datasheet
2Mb / 9P
MICRO SWITCH??Sealed Subminiature Basic Switches
logo
OTTO Engineering, Inc
MS24547-1 OTTO-MS24547-1 Datasheet
841Kb / 3P
SUBMINIATURE BASIC SWITCHES
logo
Honeywell Solid State E...
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
MICRO SWITCH Standard Miniature Basic Switches
06/20
A0001414394-1 HONEYWELL-A0001414394-1 Datasheet
2Mb / 10P
MICRO SWITCH™ Hermetic Sealed Basic Switches
More results




About Honeywell Solid State Electronics Center


Honeywell Solid State Electronics Center (SSEC) was a research and development facility of Honeywell Inc. that operated from 1957 to 1993 in Minneapolis, Minnesota, United States. The center was dedicated to the research, development, and production of solid-state electronics, including microelectronics, semiconductors, and related technologies.

During its operation, SSEC made significant contributions to the advancement of the semiconductor industry, particularly in the areas of integrated circuits, transistor design, and fabrication processes. Notable accomplishments of SSEC include the development of the first silicon transistor, the first commercial silicon planar transistor, and the first integrated circuit to use metal oxide semiconductor (MOS) technology.

In 1993, Honeywell closed the SSEC facility as part of a broader restructuring of its operations. The company's semiconductor business was subsequently sold to SGS-Thomson (now STMicroelectronics) in 1999.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com