Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5007 Datasheet (PDF) - Texas Instruments

LM5007 Datasheet PDF - Texas Instruments
Part # LM5007
Download  LM5007 Download
File Size   839.9 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5007 75-V, 0.5-A DC/DC Buck Converter With 80-V Integrated Power MOSFET

LM5007 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5007 Datasheet PDF - Texas Instruments

Part # LM5007
Download  LM5007 Click to download

File Size   839.9 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5007 75-V, 0.5-A DC/DC Buck Converter With 80-V Integrated Power MOSFET

LM5007 Datasheet (HTML) - Texas Instruments


LM5007 Product details

1 Features
1• Versatile Synchronous Buck DC/DC Converter
– Operating Input Voltage Range of 9 V to 75 V
– Integrated 80-V, 0.7-A N-Channel Buck Switch
– Internal High-Voltage VCC Regulator
– Adjustable Output Voltage
– High Efficiency Operation
• Adaptive Constant On-Time Control Architecture
– Ultra-Fast Transient Response
– No Control Loop Compensation Required
• Nearly Constant Switching Frequency
– PWM On-Time Varies Inversely with Input
Voltage
• Precision 2.5-V Reference
• Low Input Quiescent Current
• Inherent Protection Features for Robust Design
– Intelligent Current Limit Protection
– VCC and Gate Drive UVLO Protection
– Thermal Shutdown Protection With Hysteresis
– External Shutdown Control
• 8-Pin VSSOP and WSON Packages
• Create a Custom Regulator Design Using
WEBENCH® Power Designer

2 Applications
• Non-Isolated DC/DC Buck Regulator
• Secondary High-Voltage Post Regulator
• 48-V Automotive Systems

3 Description
The LM5007 0.5-A step-down switching converter
features all of the functions needed to implement a
low-cost and efficient buck regulator. This highvoltage
converter has an integrated 80-V, 0.7-A Nchannel
buck switch and operates over an input
voltage range of 9 V to 75 V. The device is easy to
implement and is provided in 8-pin VSSOP and
thermally enhanced 8-pin WSON packages.
The converter uses a hysteretic control scheme with
a PWM on-time inversely proportional to VIN. This
feature allows the operating frequency to remain
relatively constant with load and input voltage
variations. The hysteretic control requires no loop
compensation and provides fast transient response.
An intelligent current limit is implemented with forced
off-time that is inversely proportional to VOUT. This
current limiting scheme ensures short-circuit
protection while providing reduced load current
foldback. Other protection features include thermal
shutdown with automatic recovery, VCC and gate
drive undervoltage lockout, and maximum duty cycle
limiter.




Similar Part No. - LM5007

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5007 NSC-LM5007 Datasheet
230Kb / 12P
High Voltage (80V) Step Down Switching Regulator
LM5007 NSC-LM5007 Datasheet
280Kb / 12P
High Voltage (80V) Step Down Switching Regulator
logo
Texas Instruments
LM5007 TI-LM5007 Datasheet
994Kb / 17P
High Voltage (80V) Step Down Switching Regulator
LM5007 TI1-LM5007 Datasheet
991Kb / 18P
High Voltage (80V) Step Down Switching Regulator
LM5007EP TI1-LM5007EP Datasheet
318Kb / 14P
Enhanced Plastic High Voltage (80V) Step Down Switching Regulator
More results


Similar Description - LM5007

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5163-Q1 TI1-LM5163-Q1 Datasheet
1Mb / 32P
100-V Input, 0.5-A Synchronous Buck DC/DC Converter with Ultra-low IQ
logo
Rohm
BD9E200FP4-Z ROHM-BD9E200FP4-Z Datasheet
1Mb / 38P
4.5 V to 26 V Input, 2.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
25.Mar.2022 Rev.001
BD9E201FP4-Z ROHM-BD9E201FP4-Z Datasheet
1Mb / 40P
4.5 V to 28 V Input, 2.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
25.Mar.2022 Rev.001
logo
STMicroelectronics
STEVAL-L3751V12 STMICROELECTRONICS-STEVAL-L3751V12 Datasheet
13Mb / 6P
75 V 15 A DC-DC converter buck regulator evaluation board with L3751 controller
24-Aug-2022
logo
Rohm
BD9B305QUZ ROHM-BD9B305QUZ Datasheet
4Mb / 44P
2.7 V to 5.5 V Input, 3.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
08.Mar.2019 Rev.001
BD9D300MUV ROHM-BD9D300MUV Datasheet
1Mb / 42P
4.0 V to 17 V Input, 3 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
16.Sep.2021 Rev.002
BD9E104FJ ROHM-BD9E104FJ Datasheet
2Mb / 33P
7.0 V to 26.0 V Input, 1 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
11.Dec.2017 Rev.001
BD9F500QUZ ROHM-BD9F500QUZ Datasheet
3Mb / 58P
4.5 V to 36 V Input, 5 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
02.Apr.2020 Rev.001
BD9B206NF-Z ROHM-BD9B206NF-Z Datasheet
3Mb / 45P
2.7 V to 5.5 V Input, 2.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
01.Apr.2023 Rev.001
BD9B406NF-Z ROHM-BD9B406NF-Z Datasheet
3Mb / 45P
2.7 V to 5.5 V Input, 4.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
01.Apr.2023 Rev.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com