Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5008A Datasheet (PDF) - Texas Instruments

LM5008A Datasheet PDF - Texas Instruments
Part # LM5008A
Download  LM5008A Download
File Size   914.74 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5008A 95-V, 350-mA, Constant On-Time DC/DC Buck Switching Regulator

LM5008A Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5008A Datasheet PDF - Texas Instruments

Part # LM5008A
Download  LM5008A Click to download

File Size   914.74 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5008A 95-V, 350-mA, Constant On-Time DC/DC Buck Switching Regulator

LM5008A Datasheet (HTML) - Texas Instruments


LM5008A Product details

1 Features
1• Operating Input Voltage Range: 6 V to 95 V
• Integrated 100-V N-Channel Buck Switch
• Internal Start-Up Regulator
• No Loop Compensation Required
• Ultra-Fast Transient Response
• On-Time Varies Inversely With Input Voltage
• Operating Frequency Remains Constant With
Varying Line Voltage and Load Current
• Adjustable Output Voltage From 2.5 V
• Highly Efficient Operation
• Precision Internal Reference
• Low Bias Current
• Intelligent Current Limit
• Thermal Shutdown
• 8-Pin VSSOP and 8-Pin WSON Packages
• Create a Custom Design Using the LM5008A With
the WEBENCH® Power Designer

2 Applications
• Non-Isolated Telecommunication Buck Regulators
• Secondary High-Voltage Post Regulators
• 48-V Automotive Systems

3 Description
The LM5008A DC/DC converter is a functional variant
of the LM5008 COT Buck Switching Regulator. The
functional differences of the LM5008A are: the
minimum input operating voltage is 6 V, the on-time
equation is slightly different, and the requirement for
a minimum load current is removed.
The LM5008A 350-mA step-down switching regulator
features all of the functions required to implement a
low-cost and efficient buck regulator. This highvoltage
converter has an integrated 100-V N-channel
buck switch and operates over an input voltage range
of 6 V to 95 V. The device is easy to implement and
is provided in 8-pin VSSOP and the thermally
enhanced 8-pin WSON packages. The converter
uses PWM control scheme with an on-time inversely
proportional to VIN. This feature allows the operating
frequency to remain relatively constant. The control
scheme requires no loop compensation. An intelligent
current limit is implemented with forced off-time,
which is inversely proportional to VOUT. This scheme
ensures short-circuit control while providing minimum
foldback. Other features include: thermal shutdown,
VCC undervoltage lockout, gate drive undervoltage
lockout, maximum duty cycle limiter, and a precharge
switch.




Similar Part No. - LM5008A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5008A NSC-LM5008A Datasheet
402Kb / 16P
100V, 350 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
LM5008A TI-LM5008A Datasheet
1Mb / 23P
100-V 350-mA Constant On-Time Buck Switching Regulator
LM5008A TI1-LM5008A Datasheet
1Mb / 22P
350 mA Constant On-Time Buck Switching Regulator
logo
National Semiconductor ...
LM5008AMM NSC-LM5008AMM Datasheet
402Kb / 16P
100V, 350 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
LM5008AMM/NOPB TI-LM5008AMM/NOPB Datasheet
1Mb / 23P
100-V 350-mA Constant On-Time Buck Switching Regulator
More results


Similar Description - LM5008A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5008A NSC-LM5008A Datasheet
402Kb / 16P
100V, 350 mA Constant On-Time Buck Switching Regulator
LM5009A NSC-LM5009A Datasheet
401Kb / 16P
100V, 150 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
LM5008A TI-LM5008A Datasheet
1Mb / 23P
100-V 350-mA Constant On-Time Buck Switching Regulator
LM5006 TI1-LM5006_14 Datasheet
850Kb / 25P
80V, 600 mA Constant On-Time Buck Switching Regulator
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
350 mA Constant On-Time Buck Switching Regulator
LM34923 TI1-LM34923_14 Datasheet
1Mb / 26P
80V, 600 mA Constant On-Time Buck Switching Regulator
LM5008A TI-LM5008A_15 Datasheet
1Mb / 24P
100-V 350-mA Constant On-Time Buck Switching Regulator
LM5009A TI-LM5009A_15 Datasheet
1Mb / 24P
100-V 150-mA Constant On-Time Buck Switching Regulator
SM74301 TI1-SM74301 Datasheet
329Kb / 16P
SM74301 100V, 350 mA Constant On-Time Buck Switching Regulator
LM34923 TI1-LM34923 Datasheet
1Mb / 26P
80-V 600-mA Constant On-Time Buck Switching Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com