Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5015MH/NOPB Datasheet (PDF) - Texas Instruments

LM5015MH/NOPB Datasheet PDF - Texas Instruments
Part # LM5015MH/NOPB
Download  LM5015MH/NOPB Download
File Size   792.89 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5015 High Voltage Monolithic Two-Switch Forward DC-DC Regulator

LM5015MH/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5015MH/NOPB Datasheet PDF - Texas Instruments

Part # LM5015MH/NOPB
Download  LM5015MH/NOPB Click to download

File Size   792.89 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5015 High Voltage Monolithic Two-Switch Forward DC-DC Regulator

LM5015MH/NOPB Datasheet (HTML) - Texas Instruments


LM5015MH/NOPB Product details

1FEATURES
2• Dual Integrated 75V N-Channel MOSFETs
• Ultra-Wide Input Voltage Range: 4.25V to 75V
• Integrated High Voltage Bias Regulator
• Adjustable Output Voltage
• 1.5% Feedback Reference Accuracy
• Current Mode Control with Selectable
Compensation
• Wide Bandwidth Error Amplifier
• Integrated Current Sensing and Limiting
• 50% Maximum Duty Cycle Limit
• Single Resistor Oscillator Programming
• Oscillator Synchronization Capability
• Programmable Soft-Start
• Enable / Under-Voltage Lockout (UVLO) Pin
• Thermal Shutdown

PACKAGE
• HTSSOP-14EP (Exposed Pad)

DESCRIPTION
The LM5015 high voltage switch mode regulator
features all the functions necessary to implement
efficient high voltage Two-Switch Forward and Two-
Switch Flyback regulators, using a minimum of
external components. This easy to use regulator
integrates high side and low side 75 Volt N-Channel MOSFETs with a minimum 1 Amp peak current limit.
The voltage across the MOSFETs employed in the
two-switch topology is clamped to the input voltage,
allowing the input voltage range to approach the
rating of the MOSFETs. The regulator control method is based on current mode control providing inherent
ease of loop compensation and line feed-forward for
superior rejection of input transients.
The operating frequency is set with a single resistor
and is programmable up to 750 kHz. The oscillator
can also be synchronized to an external clock. Additional protection features include cycle-by-cycle
current limiting, thermal shutdown, under-voltage
lockout and remote shutdown capability. The device
is available in the HTSSOP-14EP package featuring
an exposed die attach pad to enhance thermal dissipation.




Similar Part No. - LM5015MH/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5015MH/NOPB TI-LM5015MH/NOPB Datasheet
1Mb / 28P
High Voltage Monolithic Two-Switch Forward DC-DC Regulator
More results


Similar Description - LM5015MH/NOPB

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV6001DN-00A MPS-EV6001DN-00A Datasheet
222Kb / 5P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
MP6001 MPS-MP6001 Datasheet
522Kb / 13P
Monolithic Flyback/Forward dd-DC Converter
logo
National Semiconductor ...
LM5015 NSC-LM5015 Datasheet
389Kb / 24P
High Voltage Monolithic Two-Switch Forward DC-DC Regulator
logo
Monolithic Power System...
MP6002 MPS-MP6002 Datasheet
511Kb / 15P
Monolithic Flyback/Forward DC-DC Converter
logo
Texas Instruments
LM5015 TI1-LM5015_14 Datasheet
1Mb / 28P
High Voltage Monolithic Two-Switch Forward DC-DC Regulator
LM5015 TI-LM5015_15 Datasheet
1Mb / 28P
High Voltage Monolithic Two-Switch Forward DC-DC Regulator
logo
Monolithic Power System...
EV6001DN-00B MPS-EV6001DN-00B Datasheet
234Kb / 7P
Monolithic Flyback/Forward DC-DC Converter EV Board
EV6001DN-01A MPS-EV6001DN-01A Datasheet
215Kb / 5P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV6002DN-00A MPS-EV6002DN-00A Datasheet
149Kb / 5P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV6003-N-00A MPS-EV6003-N-00A Datasheet
691Kb / 9P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com