Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5020 Datasheet (PDF) - Texas Instruments

LM5020 Datasheet PDF - Texas Instruments
Part # LM5020
Download  LM5020 Download
File Size   801.05 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5020 100V Current Mode PWM Controller

LM5020 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5020 Datasheet PDF - Texas Instruments

Part # LM5020
Download  LM5020 Click to download

File Size   801.05 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5020 100V Current Mode PWM Controller

LM5020 Datasheet (HTML) - Texas Instruments


LM5020 Product details

1FEATURES
2• Internal Start-up Bias Regulator
• Error Amplifier
• Precision Voltage Reference
• Programmable Softstart
• 1A Peak Gate Driver
• Maximum Duty Cycle Limiting (80% for
LM5020-1 or 50% for LM5020-2)
• Programmable Line Under Voltage Lockout
(UVLO) with Adjustable Hysteresis
• Cycle-by-Cycle Over-Current Protection
• Slope Compensation (LM5020-1)
• Programmable Oscillator Frequency with
Synchronization Capability
• Current Sense Leading Edge Blanking
• Thermal Shutdown Protection

APPLICATIONS
• Telecommunication Power Converters
• Industrial Power Converters
• +42V Automotive Systems

PACKAGES
• VSSOP-10
• WSON-10 (4 mm x 4 mm)

DESCRIPTION
The LM5020 high voltage pulse-width-modulation (PWM) controller contains all of the features needed
to implement single ended primary power converter
topologies. Output voltage regulation is based on
current-mode control, which eases the design of loop
compensation while providing inherent line feedforward.
The LM5020 includes a high-voltage start-up
regulator that operates over a wide input range up to
100V. The PWM controller is designed for high speed
capability including an oscillator frequency range to
1MHz and total propagation delays less than 100ns.
Additional features include an error amplifier,
precision reference, line under-voltage lockout, cycle-
by-cycle current limit, slope compensation, softstart,
oscillator synchronization capability and thermal
shutdown. The controller is available in both VSSOP-
10 and WSON-10 packages.




Similar Part No. - LM5020

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5020 NSC-LM5020 Datasheet
229Kb / 12P
100V Current Mode PWM Controller
LM5020 NSC-LM5020 Datasheet
229Kb / 12P
100V Current Mode PWM Controller
LM5020 NSC-LM5020 Datasheet
629Kb / 13P
100V Current Mode PWM Controller
logo
Texas Instruments
LM5020 TI-LM5020 Datasheet
892Kb / 17P
LM5020 100V Current Mode PWM Controller
LM5020 TI1-LM5020 Datasheet
899Kb / 19P
100V Current Mode PWM Controller
More results


Similar Description - LM5020

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5030 NSC-LM5030 Datasheet
230Kb / 11P
100V Push-Pull Current Mode PWM Controller
LM5020 NSC-LM5020 Datasheet
229Kb / 12P
100V Current Mode PWM Controller
LM5020 NSC-LM5020 Datasheet
229Kb / 12P
100V Current Mode PWM Controller
LM5020 NSC-LM5020_06 Datasheet
629Kb / 13P
100V Current Mode PWM Controller
LM5030 NSC-LM5030_05 Datasheet
642Kb / 12P
100V Push-Pull Current Mode PWM Controller
logo
Texas Instruments
LM5020MM-1 TI-LM5020MM-1 Datasheet
892Kb / 17P
LM5020 100V Current Mode PWM Controller
LM5020 TI1-LM5020_14 Datasheet
899Kb / 19P
100V Current Mode PWM Controller
LM5020 TI-LM5020_15 Datasheet
865Kb / 17P
LM5020 100V Current Mode PWM Controller
SM74202 TI1-SM74202 Datasheet
179Kb / 12P
100V Current Mode PWM Controller
LM5020 TI1-LM5020 Datasheet
890Kb / 17P
100V Current Mode PWM Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com