Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5034 Datasheet (PDF) - Texas Instruments

LM5034 Datasheet PDF - Texas Instruments
Part # LM5034
Download  LM5034 Download
File Size   909.58 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5034 High Voltage Dual Interleaved Current Mode Controller with Active Clamp

LM5034 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5034 Datasheet PDF - Texas Instruments

Part # LM5034
Download  LM5034 Click to download

File Size   909.58 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5034 High Voltage Dual Interleaved Current Mode Controller with Active Clamp

LM5034 Datasheet (HTML) - Texas Instruments


LM5034 Product details

1FEATURES
2• Two Independent PWM Current Mode
Controllers
• Integrated High Voltage Startup Regulator
• Compound 2.5A Main Output Gate Drivers
• Single Resistor Oscillator Setting to 2 MHz
• Synchronizable Oscillator
• Active Clamp Gate Driver for P-Channel
MOSFETs
• Adjustable Gate Drive Overlap Time
• Programmable Maximum Duty Cycle
• Maximum Duty Cycle Fold-Back at High Line
Voltage
• Adjustable Timer for Hiccup Mode Current
Limiting
• Integrated Slope Compensation
• Adjustable Line Under-Voltage Lockout under•
Independently Adjustable Soft-Start (Each
Regulator)
• Direct Interface with Opto-Coupler Transistor
• Thermal Shutdown

APPLICATIONS
• Telecommunication Power Converters
• Industrial Power Converters
• +42V Automotive Systems

DESCRIPTION
The LM5034 dual current mode PWM controller
contains all the features needed to control either two
independent forward/active clamp dc/dc converters or
a single high current converter comprised of two
interleaved power stages. The two controller
channels operate 180° out of phase thereby reducing
input ripple current. The LM5034 includes a startup
regulator that operates over a wide input range up to
100V and compound (bipolar + CMOS) gate drivers
that provide a robust 2.5A peak sink current. The
adjustable dead-time of the active clamp gate drivers
and adjustable maximum PWM duty cycle reduce
stress on the primary side MOSFET switches.
Additional features include programmable line under•
voltage lockout, cycle-by-cycle current limit, hiccup
mode fault operation with adjustable restart delay,
PWM slope compensation, soft-start, and a 2 MHz
capable oscillator with synchronization capability.

PACKAGE
• TSSOP-20




Similar Part No. - LM5034

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5034 NSC-LM5034 Datasheet
1Mb / 29P
High Voltage Dual Interleaved Current Mode Controller with Active Clamp
logo
Texas Instruments
LM5034 TI1-LM5034 Datasheet
1Mb / 35P
High Voltage Dual Interleaved Current Mode Controller with Active Clamp
LM5034 TI-LM5034 Datasheet
1Mb / 36P
High Voltage Dual Interleaved Current Mode Controller with Active Clamp
logo
National Semiconductor ...
LM5034MTC NSC-LM5034MTC Datasheet
1Mb / 29P
High Voltage Dual Interleaved Current Mode Controller with Active Clamp
logo
Texas Instruments
LM5034MTC TI-LM5034MTC Datasheet
1Mb / 36P
High Voltage Dual Interleaved Current Mode Controller with Active Clamp
More results


Similar Description - LM5034

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2891 TI-UCC2891 Datasheet
577Kb / 34P
CURRENT MODE ACTIVE CLAMP PWM CONTROLLER
logo
National Semiconductor ...
LM5034 NSC-LM5034 Datasheet
1Mb / 29P
High Voltage Dual Interleaved Current Mode Controller with Active Clamp
LM5032 NSC-LM5032 Datasheet
951Kb / 22P
High Voltage Dual Interleaved Current Mode Controller
LM5027 NSC-LM5027 Datasheet
552Kb / 26P
Voltage Mode Active Clamp Controller
logo
Texas Instruments
LM5032 TI1-LM5032_14 Datasheet
1Mb / 29P
High Voltage Dual Interleaved Current Mode Controller
LM5034 TI1-LM5034_14 Datasheet
1Mb / 35P
High Voltage Dual Interleaved Current Mode Controller with Active Clamp
LM5027A TI-LM5027A_15 Datasheet
1Mb / 35P
Voltage Mode Active Clamp Controller
LM5032 TI-LM5032_15 Datasheet
1Mb / 34P
High-Voltage Dual Interleaved Current Mode Controller
LM5034 TI-LM5034_15 Datasheet
1Mb / 36P
High Voltage Dual Interleaved Current Mode Controller with Active Clamp
LM5027 TI1-LM5027 Datasheet
1Mb / 35P
Voltage Mode Active Clamp Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com