Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5072 Datasheet (PDF) - Texas Instruments

LM5072 Datasheet PDF - Texas Instruments
Part # LM5072
Download  LM5072 Download
File Size   985.5 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5072 Integrated 100V Power Over Ethernet PD Interface and PWM Controller with Aux Support

LM5072 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5072 Datasheet PDF - Texas Instruments

Part # LM5072
Download  LM5072 Click to download

File Size   985.5 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5072 Integrated 100V Power Over Ethernet PD Interface and PWM Controller with Aux Support

LM5072 Datasheet (HTML) - Texas Instruments


LM5072 Product details

1FEATURES
2• PD Interface
– Fully Compliant IEEE 802.3af PD Interface
– Versatile Auxiliary Power Options
– 9V Minimum Auxiliary Power Operating
Range
– 100V Maximum Input Voltage Rating
– Programmable DC Current Limit Up To
800mA
– 100V, 0.7Ω Hot Swap MOSFET
– Integrated PD Signature Resistor
– Integrated PoE Input UVLO
– Programmable Inrush Current Limit
– PD Classification Capability
– Power Good Indicator
– Thermal Shutdown Protection
• PWM Controller
– Current Mode PWM Controller
– 100V Start-Up Regulator
– Error Amplifier with 2% Voltage Reference
– Supports Isolated and Non-Isolated
Applications
– Programmable Oscillator Frequency
– Programmable Soft-Start
– 800 mA Peak Gate Driver
– 80% Maximum Duty Cycle with Built-in
Slope Compensation (-80 Device)
– 50% Maximum Duty Cycle, No Slope
Compensation (-50 Device)

APPLICATIONS
• IEEE 802.3af Compliant PoE Powered Devices
• Non-Compliant, Application Specific Devices
• Higher Power Ethernet Powered Devices

DESCRIPTION
The LM5072 Powered Device (PD) interface and
Pulse-Width-Modulation (PWM) controller provides a
complete power solution, fully compliant to IEEE
802.3af, for the PD connecting into Power over
Ethernet (PoE) networks. This controller integrates all
functions necessary to implement both a PD powered
interface and DC-DC converter with a minimum
number of external components. The LM5072
provides the flexibility for the PD to also accept power
from auxiliary sources such as AC adapters in a
variety of configurations. The low RDS(ON) PD
interface hot swap MOSFET and programmable DC
current limit extend the range of LM5072 applications
up to twice the power level of 802.3af compliant PD
devices. The 100V maximum voltage rating simplifies
selection of the transient voltage suppressor that protects the PD from network transients. The LM5072
includes an easy-to-use PWM controller that
facilitates the various single-ended power supply
topologies including the flyback, forward and buck.
The PWM control scheme is based on peak current
mode control, which provides inherent advantages
including line feed-forward, cycle-by-cycle current
limit, and simplified feedback loop compensation.
Two versions of the LM5072 provide either an 80%
maximum duty cycle (-80 suffix), or a 50% maximum
duty cycle (-50 suffix).

PACKAGES
• TSSOP-16 EP (Exposed Pad)




Similar Part No. - LM5072

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5072 NSC-LM5072 Datasheet
945Kb / 24P
Integrated 100V Power Over Ethernet PD Interface and PWM Controller with Aux Support
logo
Texas Instruments
LM5072 TI1-LM5072 Datasheet
1Mb / 34P
Integrated 100V Power Over Ethernet PD Interface
logo
National Semiconductor ...
LM5072MH-50 NSC-LM5072MH-50 Datasheet
945Kb / 24P
Integrated 100V Power Over Ethernet PD Interface and PWM Controller with Aux Support
logo
Texas Instruments
LM5072MH-50/NOPB TI1-LM5072MH-50/NOPB Datasheet
1Mb / 34P
Integrated 100V Power Over Ethernet PD Interface
logo
National Semiconductor ...
LM5072MH-80 NSC-LM5072MH-80 Datasheet
945Kb / 24P
Integrated 100V Power Over Ethernet PD Interface and PWM Controller with Aux Support
More results


Similar Description - LM5072

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5070 NSC-LM5070 Datasheet
833Kb / 17P
Integrated Power Over Ethernet PD Interface and PWM Controller
LM5071 NSC-LM5071 Datasheet
857Kb / 18P
Power Over Ethernet PD Controller with Auxiliary Power Power Over Ethernet PD Controller with Auxiliary Power
LM5072 NSC-LM5072 Datasheet
945Kb / 24P
Integrated 100V Power Over Ethernet PD Interface and PWM Controller with Aux Support
logo
Texas Instruments
LM5070MTC-80 TI-LM5070MTC-80 Datasheet
1Mb / 24P
LM5070 Integrated Power Over Ethernet PD Interface and PWM Controller
LM5071 TI1-LM5071_14 Datasheet
1Mb / 23P
Power Over Ethernet PD Controller with Auxiliary Power Interface
LM5073 TI1-LM5073_14 Datasheet
1Mb / 27P
100V Power Over Ethernet PD Interface with Aux Support
LM5070 TI1-LM5070_14 Datasheet
1Mb / 23P
Integrated Power Over Ethernet PD Interface and PWM Controller
LM5070 TI1-LM5070 Datasheet
1Mb / 24P
Integrated Power Over Ethernet PD Interface and PWM Controller
LM5072 TI1-LM5072 Datasheet
1Mb / 34P
Integrated 100V Power Over Ethernet PD Interface
LM5073 TI1-LM5073 Datasheet
1Mb / 27P
100V Power Over Ethernet PD Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com