Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5056 Datasheet (PDF) - Texas Instruments

LM5056 Datasheet PDF - Texas Instruments
Part # LM5056
Download  LM5056 Download
File Size   969.84 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Voltage System Power Management Device with PMBus™

LM5056 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5056 Datasheet PDF - Texas Instruments

Part # LM5056
Download  LM5056 Click to download

File Size   969.84 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Voltage System Power Management Device with PMBus™

LM5056 Datasheet (HTML) - Texas Instruments


LM5056 Product details

1FEATURES
2• Input Voltage Range: 10 V to 80 V
• Real-Time Monitoring of VIN, IIN, PIN, VOUT,
and VAUX with 12-bit resolution, 1-kHz
sampling rate
• True input Power Measurement using
simultaneous sampling of Vin and Iin
• Remote Temperature Sensing with
programmable warning thresholds
• Power Measurement Accuracy
– LM5056A: ±1.75%
– LM5056: ±2.25%
• Current Measurement Accuracy
– LM5056A: ±1.25%
– LM5056: ±1.5%
• Voltage Measurement Accuracy: ±1.0%
• Averaging of VIN, IIN, PIN, and VOUT with
Programmable Interval Ranging from 0.001 s
to 4 s
• Programmable WARN and FAULT Thresholds
with SMBA Notification
• Black-Box Capture of Telemetry
Measurements and Device Status Triggered by
WARN or FAULT Condition
• I2C/SMBus Interface and PMBus Compliant
Command Structure

APPLICATIONS
• Server Backplane Systems
• Base Station Power Distribution Systems
• Industrial Telemetry Applications

DESCRIPTION
The LM5056/LM5056A combines high-performance
analog and digital technology with a PMBus™
compliant SMBus™ and I2C interface to accurately
measure the electrical operating conditions of
systems connected to a backplane power bus. The
LM5056/LM5056A continuously supplies real-time
power, voltage, current, temperature and fault data to
the system management host via the SMBus interface.
The LM5056/LM5056A monitoring block computes
both the real time and average values of subsystem
operating parameters (VIN, IIN, PIN, VOUT) as well
as the peak power. Accurate power averaging is
accomplished by averaging the product of the input
voltage and current. A black-box (telemetry and fault
snapshot) function captures and stores telemetry data
and device status in the event of a warning or a fault.




Similar Part No. - LM5056

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5056 TI-LM5056 Datasheet
1Mb / 46P
High-Voltage System Power Management Device with PMBus?
LM5056A TI-LM5056A Datasheet
1Mb / 46P
High-Voltage System Power Management Device with PMBus?
LM5056APMH/NOPB TI-LM5056APMH/NOPB Datasheet
1Mb / 46P
High-Voltage System Power Management Device with PMBus?
LM5056APMHE/NOPB TI-LM5056APMHE/NOPB Datasheet
1Mb / 46P
High-Voltage System Power Management Device with PMBus?
LM5056APMHX/NOPB TI-LM5056APMHX/NOPB Datasheet
1Mb / 46P
High-Voltage System Power Management Device with PMBus?
More results


Similar Description - LM5056

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
System Power Management and Protection IC with PMBus?
LM5064 TI1-LM5064 Datasheet
1Mb / 51P
Negative Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066 Datasheet
1Mb / 50P
High Voltage System Power Management and Protection IC with PMBus
LM5056 TI-LM5056 Datasheet
1Mb / 46P
High-Voltage System Power Management Device with PMBus?
LM5066PMHE TI-LM5066PMHE Datasheet
1Mb / 63P
LM5066 High Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066_14 Datasheet
1Mb / 64P
High Voltage System Power Management and Protection IC with PMBus
LM25066I TI1-LM25066I Datasheet
1Mb / 60P
Intel Node Manager Compliant System Power Management and Protection IC with PMBus
LM25066 TI1-LM25066_16 Datasheet
1Mb / 63P
System Power Management and Protection IC With PMBus
logo
Linear Technology
LTM4676AEY LINER-LTM4676AEY Datasheet
1Mb / 16P
130A Step-Down 關Module Regulator with PMBus Power System Management
LTM4676EY LINER-LTM4676EY Datasheet
2Mb / 10P
26A Step-Down 關Module Regulator with PMBus Power System Management
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com