Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6584 Datasheet (PDF) - Texas Instruments

LM6584 Datasheet PDF - Texas Instruments
Part # LM6584
Download  LM6584 Download
File Size   969.32 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM6584 TFT-LCD Quad, 13V RRIO High Output Current Operational Amplifier

LM6584 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM6584 Datasheet PDF - Texas Instruments

Part # LM6584
Download  LM6584 Click to download

File Size   969.32 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM6584 TFT-LCD Quad, 13V RRIO High Output Current Operational Amplifier

LM6584 Datasheet (HTML) - Texas Instruments


LM6584 Product details

1FEATURES
• (VS = 5V, TA = 25°C Typical Values Unless
Specified)
• Input Common Mode Voltage 0.5V Beyond
Rails
• Output Voltage Swing (RL = 2kΩ) 50mV from
Rails
• Output Short Circuit Current +310/−410mA
• Continuous Output Current 75mA
• Supply Current (Per Amp, No Load) 750μA
• Supply Voltage Range 5V to 13V
• Unity Gain Stable
• −3dB Bandwidth (AV = +1) 24MHz
• Slew Rate 11V/μSec
• Settling Time 270ns
• SOIC and TSSOP Package
• Manufactured in Texas Instruments' State-of-
the-Art Bonded Wafer, Trench Isolated
Complementary Bipolar VIP10 Technology for
High Performance at Low Power Levels

APPLICATIONS
• LCD Panel VCOM Driver
• LCD Panel Gamma Buffer
• LCD Panel Repair Amp

DESCRIPTION
The LM6584 is a low power, high voltage, rail-to-rail
input-output amplifier ideally suited for LCD panel
VCOM driver and gamma buffer applications. The LM6584 contains four unity gain stable amplifiers in
one package. It provides a common mode input
ability of 0.5V beyond the supply rails, as well as an
output voltage range that extends to within 50mV of
either supply rail. With these capabilities, the LM6584
provides maximum dynamic range at any supply
voltage. Operating on supplies ranging from 5V to
13V, while consuming only 750μA per amplifier, the
LM6584 has a bandwidth of 24MHz (−3dB).
The LM6584 also features fast slewing and settling
times, along with a high continuous output capability of 75mA. This output stage is capable of delivering
approximately 310mA peak currents in order to
charge or discharge capacitive loads. These features
are ideal for use in TFT-LCDs.
The LM6584 is available in the industry standard 14-
pin SOIC package and in the space-saving 14-pin
TSSOP package. The amplifiers are specified for
operation over the full −40°C to +85°C temperature
range.




Similar Part No. - LM6584

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6584 NSC-LM6584 Datasheet
976Kb / 16P
TFT-LCD Quad, 13V RRIO High Output Current
logo
Texas Instruments
LM6584 TI1-LM6584 Datasheet
1Mb / 28P
LM6584 TFT-LCD Quad, 13V RRIO High Output Current Operational Amplifier
logo
National Semiconductor ...
LM6584MA NSC-LM6584MA Datasheet
976Kb / 16P
TFT-LCD Quad, 13V RRIO High Output Current
logo
Texas Instruments
LM6584MA/NOPB TI1-LM6584MA/NOPB Datasheet
1Mb / 28P
LM6584 TFT-LCD Quad, 13V RRIO High Output Current Operational Amplifier
logo
National Semiconductor ...
LM6584MAX NSC-LM6584MAX Datasheet
976Kb / 16P
TFT-LCD Quad, 13V RRIO High Output Current
More results


Similar Description - LM6584

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS924 STMICROELECTRONICS-TS924 Datasheet
131Kb / 11P
RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER
Mar-1999
logo
National Semiconductor ...
LM6588 NSC-LM6588 Datasheet
603Kb / 16P
TFT-LCD Quad, 16V RRIO High Output Current Operational Amplifier
LMH6640 NSC-LMH6640 Datasheet
901Kb / 13P
TFT-LCD Single, 16V Rail-to-Rail High Output Operational Amplifier
LM6584 NSC-LM6584 Datasheet
976Kb / 16P
TFT-LCD Quad, 13V RRIO High Output Current
logo
Linear Technology
LT1943 LINER-LT1943 Datasheet
279Kb / 12P
High Current Quad Output Regulator for TFT LCD Panels
logo
STMicroelectronics
TS924 STMICROELECTRONICS-TS924_08 Datasheet
322Kb / 14P
Rail-to-rail high output current quad operational amplifier
11-Mar-2008
logo
Linear Technology
LT1943 LINER-LT1943_1 Datasheet
271Kb / 20P
High Current Quad Output Regulator for TFT LCD Panels
LT1943 LINER-LT1943_15 Datasheet
277Kb / 20P
High Current Quad Output Regulator for TFT LCD Panels
logo
Texas Instruments
LM6584 TI1-LM6584 Datasheet
1Mb / 28P
LM6584 TFT-LCD Quad, 13V RRIO High Output Current Operational Amplifier
LM6588 TI1-LM6588 Datasheet
1Mb / 29P
LM6588 TFT-LCD Quad, 16V RRIO High Output Current Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com