Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6588 Datasheet (PDF) - Texas Instruments

LM6588 Datasheet PDF - Texas Instruments
Part # LM6588
Download  LM6588 Download
File Size   968.45 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM6588 TFT-LCD Quad, 16V RRIO High Output Current Operational Amplifier

LM6588 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM6588 Datasheet PDF - Texas Instruments

Part # LM6588
Download  LM6588 Click to download

File Size   968.45 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM6588 TFT-LCD Quad, 16V RRIO High Output Current Operational Amplifier

LM6588 Datasheet (HTML) - Texas Instruments


LM6588 Product details

1FEATURES
23• (VS = 5V, TA = 25°C Typical Values Unless
Specified)
• Input Common Mode Voltage 0.5V Beyond
Rails
• Output Voltage Swing (RL = 2kΩ) 50mV from
Rails
• Output Short Circuit Current ±200mA
• Continuous Output Current 75mA
• Supply Current (Per Amp, No Load) 750μA
• Supply Voltage Range 5V to 16V
• Unity Gain Stable
• −3dB Bandwidth (A V = +1) 24MHz
• Slew Rate 11V/μSec
• Settling Time 270ns
• SOIC-14 and TSSOP-14 Package
• Manufactured in TI’s State-of-the-art Bonded
Wafer, Trench Isolated Complementary Bipolar
VIP10™ Technology for High Performance at
Low Power Levels

APPLICATIONS
• LCD Panel VCOM Driver
• LCD Panel Gamma Buffer
• LCD Panel Repair Amp

DESCRIPTION
The LM6588 is a low power, high voltage, rail-to-rail
input-output amplifier ideally suited for LCD panel
VCOM driver and gamma buffer applications. The
LM6588 contains four unity gain stable amplifiers in
one package. It provides a common mode input
ability of 0.5V beyond the supply rails, as well as an
output voltage range that extends to within 50mV of
either supply rail. With these capabilities, the LM6588
provides maximum dynamic range at any supply
voltage. Operating on supplies ranging from 5V to
16V, while consuming only 750μA per amplifier, the
LM6588 has a bandwidth of 24MHz (−3dB).
The LM6588 also features fast slewing and settling
times, along with a high continuous output capability
of 75mA. This output stage is capable of delivering
approximately 200mA peak currents in order to
charge or discharge capacitive loads. These features
are ideal for use in TFT-LCDs.
The LM6588 is available in the industry standard 14-
pin SOIC package and in the space-saving 14-pin
TSSOP package. The amplifiers are specified for
operation over the full −40°C to +85°C temperature
range.




Similar Part No. - LM6588

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6588 NSC-LM6588 Datasheet
603Kb / 16P
TFT-LCD Quad, 16V RRIO High Output Current Operational Amplifier
logo
Texas Instruments
LM6588 TI1-LM6588 Datasheet
1Mb / 29P
LM6588 TFT-LCD Quad, 16V RRIO High Output Current Operational Amplifier
logo
National Semiconductor ...
LM6588MA NSC-LM6588MA Datasheet
603Kb / 16P
TFT-LCD Quad, 16V RRIO High Output Current Operational Amplifier
logo
Texas Instruments
LM6588MA/NOPB TI1-LM6588MA/NOPB Datasheet
1Mb / 29P
LM6588 TFT-LCD Quad, 16V RRIO High Output Current Operational Amplifier
logo
National Semiconductor ...
LM6588MAX NSC-LM6588MAX Datasheet
603Kb / 16P
TFT-LCD Quad, 16V RRIO High Output Current Operational Amplifier
More results


Similar Description - LM6588

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6588 NSC-LM6588 Datasheet
603Kb / 16P
TFT-LCD Quad, 16V RRIO High Output Current Operational Amplifier
LMH6640 NSC-LMH6640 Datasheet
901Kb / 13P
TFT-LCD Single, 16V Rail-to-Rail High Output Operational Amplifier
LM6584 NSC-LM6584 Datasheet
976Kb / 16P
TFT-LCD Quad, 13V RRIO High Output Current
logo
Linear Technology
LT1943 LINER-LT1943 Datasheet
279Kb / 12P
High Current Quad Output Regulator for TFT LCD Panels
logo
STMicroelectronics
TS924 STMICROELECTRONICS-TS924_08 Datasheet
322Kb / 14P
Rail-to-rail high output current quad operational amplifier
11-Mar-2008
logo
Linear Technology
LT1943 LINER-LT1943_1 Datasheet
271Kb / 20P
High Current Quad Output Regulator for TFT LCD Panels
LT1943 LINER-LT1943_15 Datasheet
277Kb / 20P
High Current Quad Output Regulator for TFT LCD Panels
logo
Texas Instruments
LM6584 TI1-LM6584 Datasheet
1Mb / 28P
LM6584 TFT-LCD Quad, 13V RRIO High Output Current Operational Amplifier
LM6588 TI1-LM6588 Datasheet
1Mb / 29P
LM6588 TFT-LCD Quad, 16V RRIO High Output Current Operational Amplifier
LMH6640 TI1-LMH6640 Datasheet
1Mb / 22P
LMH6640 TFT-LCD Single, 16V Rail-to-Rail High Output Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com