Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7332 Datasheet (PDF) - Texas Instruments

LM7332 Datasheet PDF - Texas Instruments
Part # LM7332
Download  LM7332 Download
File Size   890.72 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM7332 Dual Rail-to-Rail Input and Output 30-V, Wide Voltage Range, High Output, Operational Amplifier

LM7332 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM7332 Datasheet PDF - Texas Instruments

Part # LM7332
Download  LM7332 Click to download

File Size   890.72 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM7332 Dual Rail-to-Rail Input and Output 30-V, Wide Voltage Range, High Output, Operational Amplifier

LM7332 Datasheet (HTML) - Texas Instruments


LM7332 Product details

1 Features
1• VS = ±15 V, TA = 25°C, Typical Values Unless
Specified
• Wide Supply Voltage Range 2.5 V to 32 V
• Wide Input Common Mode Voltage 0.3 V Beyond
Rails
• Output Short Circuit Current > 100 mA
• High Output Current (1 V from Rails) ±70 mA
• GBWP 21 MHz
• Slew Rate 15.2 V/μs
• Capacitive Load Tolerance Unlimited
• Total Supply Current 2 mA
• Temperature Range −40°C to +125°C
• Tested at −40°C, +125°C,
and +25°C at 5 V, ±5 V, ±15 V

2 Applications
• MOSFET and Power Transistor Driver
• Replaces Discrete Transistors in High Current
Output Circuits
• Instrumentation 4–20 mA Current Loops
• Analog Data Transmission
• Multiple Voltage Power Supplies and Battery
Chargers
• High-Side and Low-Side Current Sensing
• Bridge and Sensor Driving
• Digital-to-Analog Converter Output

3 Description
The LM7332 device is a dual rail-to-rail input and
output amplifier with a wide operating temperature
range (−40°C to +125°C) that meets the needs of
automotive, industrial, and power supply applications.
The LM7332 has an output current of 100 mA, which
is higher than that of most monolithic operational
amplifiers. Circuit designs with high output current
requirements often require discrete transistors
because many operational amplifiers have low
current output. The LM7332 has enough current
output to drive many loads directly, saving the cost
and space of the discrete transistors.
The exceptionally wide operating supply voltage
range of 2.5 V to 32 V alleviates any concerns over functionality under extreme conditions and offers
flexibility of use in a multitude of applications. Most
parameters of this device are insensitive to power
supply variations; this design enhancement is another
step in simplifying usage. Greater than rail-to-rail
input common mode voltage range allows operation in many applications, including high-side and low-side
sensing, without exceeding the input range.
The LM7332 can drive unlimited capacitive loads
without oscillations.
The LM7332 is offered in the 8-pin VSSOP and SOIC
packages.




Similar Part No. - LM7332

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM7332 NSC-LM7332 Datasheet
644Kb / 20P
Dual Rail-to-Rail Input/Output 30V, Wide Voltage Range, High Output Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
Operational Amplifier
logo
National Semiconductor ...
LM7332MA NSC-LM7332MA Datasheet
644Kb / 20P
Dual Rail-to-Rail Input/Output 30V, Wide Voltage Range, High Output Operational Amplifier
logo
Texas Instruments
LM7332MA TI1-LM7332MA Datasheet
1Mb / 34P
Operational Amplifier
LM7332MA/NOPB TI1-LM7332MA/NOPB Datasheet
1Mb / 34P
Operational Amplifier
More results


Similar Description - LM7332

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6482 NSC-LMC6482 Datasheet
1,001Kb / 22P
CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6492 NSC-LMC6492 Datasheet
705Kb / 18P
CMOS Rail-to-Rail Input and Output Operational Amplifier
LM7332 NSC-LM7332 Datasheet
644Kb / 20P
Dual Rail-to-Rail Input/Output 30V, Wide Voltage Range, High Output Operational Amplifier
logo
New Japan Radio
NJM8532 NJRC-NJM8532 Datasheet
303Kb / 10P
Rail-to-Rail Input/Output Dual Operational Amplifier
logo
Texas Instruments
LMC6482QML TI1-LMC6482QML Datasheet
2Mb / 28P
CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LM7332 TI-LM7332_15 Datasheet
1Mb / 27P
LM7332 Dual Rail-to-Rail Input/Output 30V, Wide Voltage Range, High Output Operational Amplifier
LMC6482 TI1-LMC6482_15 Datasheet
2Mb / 39P
CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
LMC6482-MIL TI1-LMC6482-MIL Datasheet
2Mb / 31P
CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
OPA2810 TI1-OPA2810_18 Datasheet
468Kb / 28P
Dual High-Performance, Low-Power, Wide Supply Range, Rail-to-Rail Input/Output FET-Input Operational Amplifier
logo
New Japan Radio
NJU77902 NJRC-NJU77902 Datasheet
780Kb / 14P
High Output Current, Rail-to-Rail Input/Output Dual CMOS Operational Amplifier
Ver.2014-08-28
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com