Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8272 Datasheet (PDF) - Texas Instruments

LM8272 Datasheet PDF - Texas Instruments
Part # LM8272
Download  LM8272 Download
File Size   938.49 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM8272 Dual RRIO, High Output Current & Unlimited Cap Load Op Amp in Miniature Package

LM8272 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM8272 Datasheet PDF - Texas Instruments

Part # LM8272
Download  LM8272 Click to download

File Size   938.49 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM8272 Dual RRIO, High Output Current & Unlimited Cap Load Op Amp in Miniature Package

LM8272 Datasheet (HTML) - Texas Instruments


LM8272 Product details

1 Features
1(VS = 12V, TA = 25°C, Typical values unless
specified).
• GBWP 15MHz
• Wide supply voltage range 2.5 V to 24 V
• Slew rate 15 V/μs
• Supply current/channel 0.95 mA
• Cap load tolerance Unlimited
• Output short circuit current ±13 0mA
• Output current (1 V from rails) ±65 mA
• Input common mode voltage 0.3 V beyond rails
• Input voltage noise 15 nV/√Hz
• Input current noise 1.4 pA/√Hz

2 Applications
• TFT-LCD flat panel V COM driver
• A/D converter buffer
• High side/low side sensing
• Headphone amplifier

3 Description
The LM8272 is a Rail-to-Rail input and output Op
Amp which can operate with a wide supply voltage
range. This device has high output current drive,
greater than Rail-to-Rail input common mode voltage
range, and unlimited capacitive load drive capability,
while requiring only 0.95mA/channel supply current. It
is specifically designed to handle the requirements of flat panel TFT panel VCOM driver applications as well
as being suitable for other low power and medium
speed applications which require ease of use and
enhanced performance over existing devices.
Greater than Rail-to-Rail input common mode voltage
range with 50 dB of Common Mode Rejection allows high side and low side sensing among many
applications without concerns for exceeding the range
and with no compromise in accuracy. An
exceptionally wide operating supply voltage range of
2.5 V to 24 V removes any concerns over
functionality under extreme conditions and offers
flexibility of use in multitude of applications. In
addition, most device parameters are insensitive to
power supply variations. This design enhancement is
yet another step in simplifying its usage.
The LM8272 is offered in the 8-pin VSSOP package.




Similar Part No. - LM8272

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8272 NSC-LM8272 Datasheet
667Kb / 14P
RRIO, High Output Current & Unlimited Cap Load Op Amp in Miniature Package
logo
Texas Instruments
LM8272 TI1-LM8272 Datasheet
1Mb / 26P
Dual RRIO, High Output Current & Unlimited Cap Load
logo
National Semiconductor ...
LM8272MM NSC-LM8272MM Datasheet
667Kb / 14P
RRIO, High Output Current & Unlimited Cap Load Op Amp in Miniature Package
logo
Texas Instruments
LM8272MM TI1-LM8272MM Datasheet
1Mb / 26P
Dual RRIO, High Output Current & Unlimited Cap Load
LM8272MM/NOPB TI1-LM8272MM/NOPB Datasheet
1Mb / 26P
Dual RRIO, High Output Current & Unlimited Cap Load
More results


Similar Description - LM8272

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8261 NSC-LM8261 Datasheet
915Kb / 19P
RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT23-5
LM8262 NSC-LM8262 Datasheet
255Kb / 10P
RRIO, High Output Current & Unlimited Cap Load Op Amp in MSOP
LM8272 NSC-LM8272 Datasheet
667Kb / 14P
RRIO, High Output Current & Unlimited Cap Load Op Amp in Miniature Package
logo
Texas Instruments
SM73301 TI1-SM73301 Datasheet
672Kb / 22P
RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT23-5
LM8261M5 TI-LM8261M5 Datasheet
1Mb / 29P
LM8261 Single RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT-23-5
LM8261M5 TI1-LM8261M5 Datasheet
1Mb / 29P
LM8261 Single RRIO, High Output Current and Unlimited Cap Load Op Amp in SOT-23-5
ALM2402-Q1 TI1-ALM2402-Q1_15 Datasheet
1Mb / 32P
Dual Op-amp with High Current Output
LM8261M5 TI1-LM8261M5_15 Datasheet
2Mb / 34P
Single RRIO High Output Current & Unlimited Cap Load Op Amp
LM8262 TI1-LM8262 Datasheet
956Kb / 19P
Dual RRIO, High Output Current and Unlimited Cap Load Op Amp in VSSOP
LM8272 TI1-LM8272 Datasheet
1Mb / 26P
Dual RRIO, High Output Current & Unlimited Cap Load
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com