Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8323 Datasheet (PDF) - Texas Instruments

LM8323 Datasheet PDF - Texas Instruments
Part # LM8323
Download  LM8323 Download
File Size   976.67 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM8323 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface

LM8323 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM8323 Datasheet PDF - Texas Instruments

Part # LM8323
Download  LM8323 Click to download

File Size   976.67 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM8323 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface

LM8323 Datasheet (HTML) - Texas Instruments


LM8323 Product details

1FEATURES
2• Key Features
– Supports Keypad Matrices of up to 8 × 12
Keys Plus 8 Special-function (SF) Keys for
a Total of 104 Keys. SF Keys Pull Keypad
Scan Inputs Directly to Ground, Rather than
Connecting to a Keypad Scan Output.
– Supports I2C-compatible ACCESS.bus
Interface in Slave Mode up to 400 kHz
(Fast-mode).
– Three Host-programmable PWM Outputs
Useful for Smooth LED Brightness
Modulation.
– Supports General-purpose I/O Expansion on Pins Not Otherwise Used for Keypad or
Rotary Encoder Interface.
– Key-scan Event Storage in a FIFO Buffer for
up to 15 Events.
– Key Events, Errors, and Dedicated
Hardware Interrupts Request Host Service
by Asserting the IRQ Output. matrix–
The Correct Reception of a Command May
be Assumed, if No Error is Reported from
the LM8323 After Receiving it.
– Wake-up from Halt Mode on any Matrix
Key-scan Event, any Use of the SF Keys, or
Any Activity on the ACCESS.bus Interface, keyor
Any Change in the Rotary Encoder
Counter Value (if Enabled).
• Host-Controlled Functions
– Three PWM Outputs
– Period of Inactivity that Triggers Entry into
Halt Mode
– Debounce Time for Reliable Key Event
Polling
– Configuration of General-purpose I/O Ports
– Various Initialization Options (Keypad Size,
etc.)
• Key Device Characteristics
– 1.8V ± 180 mV Single-supply Operation
– On-chip Power-on Reset (POR)
– Watchdog Timer
– Dedicated Slow Clock Input for 32 kHz
– -40°C to +85°C Industrial Temperature
Range
– 36-pin csBGA Package

APPLICATIONS
• Cordless Phones
• Smart Handheld Devices

DESCRIPTION
The LM8323 key-scan controller is a dedicated
device to unburden a host from scanning a matrix–
addressed keypad. In addition, the LM8323 provides general-purpose I/O expansion, a rotary encoder
interface and PWM outputs useful for dynamic LED
brightness modulation.
It communicates with the host through an I2C- compatible ACCESS.bus interface. An interrupt
output is available for signaling key-press and keyor
release events. Communication frequencies up to
400 kHz (Fast-mode) bus speed are supported. The
LM8323 supports a predefined set of commands.
These commands enable a host device to keep
control over all functions.




Similar Part No. - LM8323

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM8323 TI1-LM8323 Datasheet
597Kb / 46P
LM8323 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8323 TI1-LM8323 Datasheet
1Mb / 47P
LM8323 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8323JGR8 TI1-LM8323JGR8 Datasheet
597Kb / 46P
LM8323 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8323JGR8AXM TI1-LM8323JGR8AXM Datasheet
597Kb / 46P
LM8323 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8323JGR8AXM/NOPB TI1-LM8323JGR8AXM/NOPB Datasheet
1Mb / 47P
LM8323 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
More results


Similar Description - LM8323

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8333 NSC-LM8333_07 Datasheet
620Kb / 18P
Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8322 NSC-LM8322 Datasheet
897Kb / 42P
Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
logo
Texas Instruments
LM8323 TI1-LM8323 Datasheet
597Kb / 46P
LM8323 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8325-1 TI1-LM8325-1 Datasheet
674Kb / 60P
LM8325-1 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8327 TI1-LM8327 Datasheet
740Kb / 72P
LM8327 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8328 TI1-LM8328 Datasheet
666Kb / 60P
LM8328 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8323 TI1-LM8323_14 Datasheet
1Mb / 47P
LM8323 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8325-1 TI1-LM8325-1_13 Datasheet
1Mb / 57P
LM8325-1 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8327 TI1-LM8327_14 Datasheet
1Mb / 65P
LM8327 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8328 TI1-LM8328_16 Datasheet
1Mb / 56P
LM8328 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com