Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8333 Datasheet (PDF) - Texas Instruments

LM8333 Datasheet PDF - Texas Instruments
Part # LM8333
Download  LM8333 Download
File Size   834.82 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM8333 Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface

LM8333 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM8333 Datasheet PDF - Texas Instruments

Part # LM8333
Download  LM8333 Click to download

File Size   834.82 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM8333 Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface

LM8333 Datasheet (HTML) - Texas Instruments


LM8333 Product details

1FEATURES
2• 8 × 8 Standard Keys
• 8 Special Function Keys (SF Keys) Providing a
Total of 72 Keys for the Maximum Keyboard
Matrix
• ACCESS.Bus (I2C-compatible) Communication
Interface to the Host
• Four General Purpose Host Programmable I/O
Pins with Two Optional (Slow) External
Interrupts
• 15-byte FIFO Buffer to Store Key Pressed and
Key Released Events
• Error Control with Error Reports on (FIFO
Overrun, Keypad Overrun, Invalid Command)
• Host Programmable PWM
• Host Programmable Active Time and
Debounce Time

APPLICATIONS
• Mobile Phones
• Personal Digital Assistants (PDAs)
• Smart Handheld Devices
• Personal Media Players

DESCRIPTION
The LM8333 Mobile I/O Companion offloads the
burden of keyboard scanning from the host, while
providing extremely low power consumption in both
operational and standby modes. It supports keypad
matrices up to 8 × 8 in size (plus another 8 special-
function keys), for portable applications such as
cellphones, PDAs, games, and other handheld
applications.
Key press and release events are encoded into a
byte format and loaded into a FIFO buffer for retrieval
by the host processor. An interrupt output (IRQ) is
used to signal events such as keypad activity, a state change on either of two interrupt-capable general-
purpose I/O pins, or an error condition. Interrupt and
error codes are available to the host by reading
dedicated registers.
Four general-purpose I/O pins are available, two of
which have interrupt capability. A pulse-width
modulated output based on a host-programmable
internal timer is also available, which can be used as
a general-purpose output if the PWM function is not
required.
To minimize power, the LM8333 automatically enters
a low-power standby mode when there is no keypad,
I/O, or host activity.
The device is packaged in a 32–pin WQFN and a
49-pin csBGA. Both are chip-scale packages.




Similar Part No. - LM8333

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8333 NSC-LM8333 Datasheet
777Kb / 17P
Keypad Controller with I/O Expansion and ACCESS.bus Host Interface
LM8333 NSC-LM8333 Datasheet
620Kb / 18P
Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
logo
Texas Instruments
LM8333 TI1-LM8333 Datasheet
1Mb / 26P
Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8333 TI1-LM8333 Datasheet
1Mb / 26P
Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM and ACCESS.bus Host Interface
logo
National Semiconductor ...
LM8333FLQ8X NSC-LM8333FLQ8X Datasheet
620Kb / 18P
Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
More results


Similar Description - LM8333

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8333 NSC-LM8333_07 Datasheet
620Kb / 18P
Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8322 NSC-LM8322 Datasheet
897Kb / 42P
Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
logo
Texas Instruments
LM8323 TI1-LM8323 Datasheet
597Kb / 46P
LM8323 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8327 TI1-LM8327 Datasheet
740Kb / 72P
LM8327 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8328 TI1-LM8328 Datasheet
666Kb / 60P
LM8328 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8333 TI1-LM8333_14 Datasheet
1Mb / 26P
Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8333 TI1-LM8333 Datasheet
1Mb / 26P
Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM and ACCESS.bus Host Interface
LM8323 TI1-LM8323_14 Datasheet
1Mb / 47P
LM8323 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8327 TI1-LM8327_14 Datasheet
1Mb / 65P
LM8327 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8328 TI1-LM8328_16 Datasheet
1Mb / 56P
LM8328 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com