Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8365 Datasheet (PDF) - Texas Instruments

LM8365 Datasheet PDF - Texas Instruments
Part # LM8365
Download  LM8365 Download
File Size   812.17 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM8365 Micropower Undervoltage-Sensing Circuit With Programmable Output Delay

LM8365 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM8365 Datasheet PDF - Texas Instruments

Part # LM8365
Download  LM8365 Click to download

File Size   812.17 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM8365 Micropower Undervoltage-Sensing Circuit With Programmable Output Delay

LM8365 Datasheet (HTML) - Texas Instruments


LM8365 Product details

1 Features
1• Extremely-Low Quiescent Current: 0.62 μA at VIN
= 2.6 V
• High Accuracy Threshold Voltage (±2.5%)
• Open-Drain Output
• Programmable Output Delay by External
Capacitor (130 ms Typical With 0.1 μF)
• Input Voltage Range: 1 V to 6 V
• Pin-for-Pin Compatible With MC33465

2 Applications
• Portable Electronics
• Low-Battery Detection
• Microprocessor Reset Controllers
• Power Fail Indicators
• Battery Backup Detection

3 Description
The LM8365 device is a micropower undervoltage
sensing circuit that is ideal for use in battery-powered
microprocessor based systems, where extended
battery life is a key requirement.
Threshold voltages of 2.7 V and 4.5 V are available
with an active-low, open-drain output. These devices
feature a very-low quiescent current of 0.65 μA
typical. The LM8365 features a highly accurate
voltage reference, a comparator with precise
thresholds and built-in hysteresis to prevent erratic
reset operation, a time delayed output which can be
programmed by the system designer, and specified
Reset operation down to 1 V with extremely-low
standby current.




Similar Part No. - LM8365

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8365 NSC-LM8365 Datasheet
264Kb / 9P
Micropower Undervoltage Sensing Circuits with Programmable Output Delay
logo
Texas Instruments
LM8365 TI1-LM8365 Datasheet
1Mb / 22P
Micropower Undervoltage-Sensing Circuit
logo
National Semiconductor ...
LM8365BALMF22 NSC-LM8365BALMF22 Datasheet
264Kb / 9P
Micropower Undervoltage Sensing Circuits with Programmable Output Delay
LM8365BALMF27 NSC-LM8365BALMF27 Datasheet
264Kb / 9P
Micropower Undervoltage Sensing Circuits with Programmable Output Delay
logo
Texas Instruments
LM8365BALMF27 TI1-LM8365BALMF27 Datasheet
1Mb / 22P
Micropower Undervoltage-Sensing Circuit
More results


Similar Description - LM8365

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8364 NSC-LM8364 Datasheet
199Kb / 8P
Micropower Undervoltage Sensing Circuits
LM8365 NSC-LM8365 Datasheet
264Kb / 9P
Micropower Undervoltage Sensing Circuits with Programmable Output Delay
logo
ON Semiconductor
MC33464 ONSEMI-MC33464 Datasheet
127Kb / 8P
MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
Rev 2, 07/1999
MC33465 ONSEMI-MC33465 Datasheet
131Kb / 8P
Micropower Undervoltage Sensing Circuits with Programmable Ouput Delay
October, 1999 ??Rev. 3
MC34164 ONSEMI-MC34164 Datasheet
139Kb / 14P
MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
August, 2005 ??Rev. 16
MC34164 ONSEMI-MC34164_09 Datasheet
242Kb / 12P
Micropower Undervoltage Sensing Circuits
April, 2009 ??Rev. 18
logo
Texas Instruments
LM8365 TI1-LM8365 Datasheet
1Mb / 22P
Micropower Undervoltage-Sensing Circuit
LM8364 TI1-LM8364 Datasheet
797Kb / 14P
Micropower Undervoltage Sensing Circuits
logo
ON Semiconductor
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
MC34164 ONSEMI-MC34164_16 Datasheet
148Kb / 12P
Micropower Undervoltage Sensing Circuits
October, 2016 ??Rev. 19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com