Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BISMS02BI Datasheet (PDF) - Laird Tech Smart Technology

BISMS02BI Datasheet PDF - Laird Tech Smart Technology
Part # BISMS02BI
Download  BISMS02BI Download
File Size   406.39 Kbytes
Page   2 Pages
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology
Description Embedded Bluetooth® AT Module

BISMS02BI Datasheet (PDF)

Go To PDF Page Download Datasheet
BISMS02BI Datasheet PDF - Laird Tech Smart Technology

Part # BISMS02BI
Download  BISMS02BI Click to download

File Size   406.39 Kbytes
Page   2 Pages
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology
Description Embedded Bluetooth® AT Module

BISMS02BI Datasheet (HTML) - Laird Tech Smart Technology


BISMS02BI Product details

KEY FEATURES
• Integrated antenna with up to 300 metre range
• Class 1 with +6dBm transmit power (maximum)
• Current consumption less than 36 mA
• Version 2.0 Bluetooth
• Fully integrated Bluetooth stack
• Audio supported through PCM connection
• Simple AT style command set interface
• -40°C to +85°C operating range
• Data transfer rate up to 300kbps
• Lead free – RoHS compliant
• Multipoint support
• Adaptive frequency hopping
• Field upgradeable
• 2 year warranty
• Supports Wi-Fi co-existence
• Fully approved end product – No approval cost
• Surface mounted design
• Wide ranging profile support: SPP, DUN and FTP
• HCI version available
• Field upgradeable over UART




Similar Part No. - BISMS02BI

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
BISMS02BI LSTD-BISMS02BI Datasheet
315Kb / 1P
EU Declaration of Conformity
More results


Similar Description - BISMS02BI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BLK-MD-BC04-B ETC1-BLK-MD-BC04-B Datasheet
341Kb / 21P
BLUETOOTH MODULE AT COMMANDS
logo
Panasonic Semiconductor
PAN1781 PANASONIC-PAN1781 Datasheet
889Kb / 35P
Bluetooth® Low Energy Module
Rev. 1.0
logo
Microchip Technology
BM78 MICROCHIP-BM78_V01 Datasheet
3Mb / 60P
Bluetooth® Dual-Mode Module
2016-2019
logo
Silicon Laboratories
WT11I-A SILABS-WT11I-A Datasheet
1Mb / 46P
WT11i Bluetooth® Module
Version 1.64
WT11I-E SILABS-WT11I-E Datasheet
1Mb / 40P
WT11i Bluetooth® Module
Version 1.14
WT41-A SILABS-WT41-A Datasheet
1Mb / 48P
WT41 Bluetooth® Module
Version 1.45
WT41-E SILABS-WT41-E Datasheet
1Mb / 42P
WT41 Bluetooth® Module
Version 1.4
logo
Infineon Technologies A...
CYBLE-343072-02 INFINEON-CYBLE-343072-02 Datasheet
868Kb / 58P
AIROC™ Bluetooth® LE module
2021-08-12
logo
ESPRESSIF SYSTEMS (SHAN...
ESP32-WROOM-32E ESPRESSIF-ESP32-WROOM-32E Datasheet
1Mb / 33P
2.4 GHz WiFi Bluetooth® Bluetooth LE module
2023
logo
List of Unclassifed Man...
LM072 ETC-LM072 Datasheet
3Mb / 11P
Standalone (With Embedded Bluetooth® v2.0/v2.1 Stack)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com