Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1012 Datasheet (PDF) - Adafruit Industries

1012 Datasheet PDF - Adafruit Industries
Part # 1012
Download  1012 Download
File Size   79.06 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description USB WiFi (802.11b/g/n) Module: For Raspberry Pi and more

1012 Datasheet (PDF)

Go To PDF Page Download Datasheet
1012 Datasheet PDF - Adafruit Industries

Part # 1012
Download  1012 Click to download

File Size   79.06 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description USB WiFi (802.11b/g/n) Module: For Raspberry Pi and more

1012 Datasheet (HTML) - Adafruit Industries


1012 Product details

o RTl8192cu Chipset
o Dimensions: 59mm x 18mm x 8mm
o Sticks out 48mm (1.9") beyond USB port
o Weight: 6g
o Wireless Standards: IEEE 802.11n (draft), IEEE 802.11g, IEEE 802.11b
o Host Interface: High speed USB2.0/1.1 interface
o Data Rate: 802.11n: up to 150Mbps (downlink) and up to 150Mbps (uplink) , 802.11g: 54 / 48 / 36
/ 24 / 18/ 12 / 9 / 6 Mbps auto fallback, 802.11b: 11 / 5.5 / 2 / 1 Mbps auto fallback
o Frequency Band: 2.4GHz ISM (Industrial Scientific Medical) Band/li>
o Chipset: Realtek
o RF Frequency: 2412 ~ 2462 MHz (North America), 2412 ~ 2472 MHz (Europe), 2412 ~ 2484
MHz (Japan)
o Radio Channel: 1 ~ 14 channels (Universal Domain Selection)
o Antenna Type: Integrated Antenna
o Roaming: Full mobility and seamless roaming from cell to cell
o RF Output Power: 13 ~17 dBm (Typical)
o Modulation: 11n: BPSK, QPSK, 16QAM, 64QAM with OFDM, 11g: BPSK, QPSK, 16QAM,
64QAM, OFDM, 11b: DQPSK, DBPSK, DSSS, CCK
o Data Security: 64/128-bit WEP Encryption
o WPA, WPA-PSK, WPA2, WPA2-PSK. TKIP/AES
o Network: Auto-switch to use 802.11n or 802.11g or 802.11b mode
o Supports Ad-Hoc, Infrastructure WLAN network, Wireless roaming, Data rate auto fall-back
under noisy environment or longer range distance, Site Survey with Profile function
o Configuration & Management: Plug-and-Play setup and installation, Management Utility supports
2000 / XP/ Vista
o Media Access Control CSMA/CA with ACK
o LED Indicator Link/Active ( Green )
o Operating Temperature 0°C to 40°C
o Storage Temperature -20°C to 75°C
o Operating Humidity 10% ~ 90% (Non Condensing)
o Storage Humidity 5% ~ 95% (Non Condensing)
o Regulatory Compliance FCC (USA), CE Mark (Europe), RoHS Compliant, Wi-Fi Compliant
o Requirements Available USB 2.0 port




Similar Part No. - 1012

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1012 MACOM-1012 Datasheet
50Kb / 1P
WILMAR??Protective Relays - 1000 Series
logo
Pico Technology Ltd.
1012 PICO-1012 Datasheet
2Mb / 2P
Multi-channel data acquisition
2013 - 2014
logo
JDS Uniphase Corporatio...
1012-00-0057 JDSU-1012-00-0057 Datasheet
780Kb / 12P
Stealth Digital Analyzer
1012-00-0057 JDSU-1012-00-0057 Datasheet
754Kb / 8P
Stealth Digital Analyzer
logo
List of Unclassifed Man...
1012-0100-R ETC-1012-0100-R Datasheet
29Kb / 1P
Battery Operated Portable
More results


Similar Description - 1012

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
WIFI-300 ADVANTECH-WIFI-300 Datasheet
206Kb / 1P
USB-type IEEE 802.11b/g WiFi Dongle
WIFI-302 ADVANTECH-WIFI-302 Datasheet
212Kb / 1P
USB-Type IEEE 802.11b/g WiFi Dongle
logo
RF Micro Devices
RF5325 RFMD-RF5325 Datasheet
698Kb / 12P
3.3V, 2.4GHZ 802.11b/g/n WIFI FRONT END MODULE
RF5375 RFMD-RF5375 Datasheet
1Mb / 12P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5755 RFMD-RF5755 Datasheet
1Mb / 15P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8202 RFMD-RFFM8202 Datasheet
241Kb / 8P
2.4GHz to 2.5GHz 802.11b/g/n WiFi Front End Module
RFFM8204 RFMD-RFFM8204 Datasheet
555Kb / 8P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
logo
Compex Systems Pte. Lte...
WLE1216V2-20 COMPEX-WLE1216V2-20 Datasheet
746Kb / 4P
4x4 802.11b/g/n/ac Mini PCIe WiFi Module
WLE1216V2-20-I COMPEX-WLE1216V2-20-I Datasheet
746Kb / 4P
4x4 802.11b/g/n/ac Mini PCIe WiFi Module
logo
Qorvo, Inc
RF5565 QORVO-RF5565 Datasheet
1Mb / 14P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi 2.4GHz TO 2.5GHz, 802.11b/g/n WiFi
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com