Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1095 Datasheet (PDF) - Adafruit Industries

1095 Datasheet PDF - Adafruit Industries
Part # 1095
Download  1095 Download
File Size   71.66 Kbytes
Page   1 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Keyfob 4-Button RF Remote Control - 315MHz

1095 Datasheet (PDF)

Go To PDF Page Download Datasheet
1095 Datasheet PDF - Adafruit Industries

Part # 1095
Download  1095 Click to download

File Size   71.66 Kbytes
Page   1 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Keyfob 4-Button RF Remote Control - 315MHz

1095 Datasheet (HTML) - Adafruit Industries


1095 Product details

Weight: 21.22g
Uses two CR2016 coin cells
Based on the PT2262




Similar Part No. - 1095

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
109500 ERNI-109500 Datasheet
28Kb / 1P
MiniMez Vertical Female DIP w/o pegs 4,6mm
logo
RUKO GmbH Präzisionswe...
109500 RUKO-109500 Datasheet
305Kb / 1P
Screw-hole punches with three-point cutting tip
109500K RUKO-109500K Datasheet
305Kb / 1P
Screw-hole punches with three-point cutting tip
logo
ERNI Electronics
109501 ERNI-109501 Datasheet
28Kb / 1P
MiniMez Vertical Female DIP w/o pegs 4,6mm
109502 ERNI-109502 Datasheet
28Kb / 1P
MiniMez Vertical Female DIP w/o pegs 4,6mm
More results


Similar Description - 1095

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
805-RF434.42M-B OSCILENT-805-RF434.42M-B Datasheet
203Kb / 2P
Remote Control, RF SAW Filter
863-RF315.0M-A OSCILENT-863-RF315.0M-A Datasheet
193Kb / 2P
Remote Control, RF SAW Filter
logo
Radiometrix Ltd
KFX2 RADIOMETRIX-KFX2 Datasheet
370Kb / 4P
UHF FM CODE HOPPING REMOTE CONTROL KEYFOB TRANSMITTER
logo
Oscilent Corporation
805-RF315.0M-A OSCILENT-805-RF315.0M-A_14 Datasheet
123Kb / 4P
Remote Control, RF SAW Filter
logo
Radiometrix Ltd
CTR44 RADIOMETRIX-CTR44 Datasheet
582Kb / 7P
4 relay output with RF remote control
logo
Transko Electronics, In...
TA447BK TRANSKO-TA447BK Datasheet
302Kb / 4P
Remote Control, RF SAW Filter
Revision 0: January 2010
TA836MM TRANSKO-TA836MM Datasheet
421Kb / 4P
Remote Control, RF SAW Filter
Revision 0: November 2011
TA868AK TRANSKO-TA868AK Datasheet
379Kb / 3P
Remote Control, RF SAW Filter
Revision0: May 2005
TA868FP1 TRANSKO-TA868FP1 Datasheet
326Kb / 3P
Remote Control, RF SAW Filter
Revision 0: July 2008
TA868JP TRANSKO-TA868JP Datasheet
360Kb / 4P
Remote Control, RF SAW Filter
Revision 0: October 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com