Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

423 Datasheet (PDF) - Adafruit Industries

423 Datasheet PDF - Adafruit Industries
Part # 423
Download  423 Download
File Size   315.68 Kbytes
Page   1 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Foot Switch

423 Datasheet (PDF)

Go To PDF Page Download Datasheet
423 Datasheet PDF - Adafruit Industries

Part # 423
Download  423 Click to download

File Size   315.68 Kbytes
Page   1 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Foot Switch

423 Datasheet (HTML) - Adafruit Industries


423 Product details

 80mm wide, 82mm deep, 32mm tall (27mm when pressed down)
 Switch rated for 250VAC, 10A
 2 meter (78") long cable




Similar Part No. - 423

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
423 DBLECTRO-423 Datasheet
314Kb / 1P
SMD pins for LED connector
logo
Bi technologies
423 BITECH-423 Datasheet
255Kb / 3P
Precision Potentiometer / Position Sensor
logo
TT Electronics.
423 TTELEC-423 Datasheet
1Mb / 4P
Linear Precision Potentiometer
04/2019
logo
English Chain Co. Ltd
423 13 ENGLISHCHAIN-423 13 Datasheet
348Kb / 7P
SMALL CHAINS AND FITTINGS
423 16 ENGLISHCHAIN-423 16 Datasheet
348Kb / 7P
SMALL CHAINS AND FITTINGS
More results


Similar Description - 423

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG3000 VISHAY-DG3000 Datasheet
72Kb / 9P
Low-Voltage Single SPDT MICRO FOOT Analog Switch
26-Aug-02
logo
Bud Industries, Inc.
F-3581 BUD-F-3581 Datasheet
14Kb / 1P
RUBBER FOOT
F-8038 BUD-F-8038 Datasheet
13Kb / 1P
RUBBER FOOT
F-9653 BUD-F-9653 Datasheet
13Kb / 1P
RUBBER FOOT
logo
Molex Electronics Ltd.
0011200739 MOLEX11-0011200739 Datasheet
115Kb / 4P
PNEUMATIC BENCH TERMINATOR ASSEMBLY w/FOOT SWITCH
logo
SparkFun Electronics
COM-11192 SPARKFUN-COM-11192 Datasheet
141Kb / 1P
Foot Pedal Switch
5??5??7
logo
Festo Corporation.
8984 FESTO-8984 Datasheet
97Kb / 1P
Foot valve
4/10/22
8992 FESTO-8992 Datasheet
96Kb / 1P
Foot valve
4/10/2
logo
List of Unclassifed Man...
6210-0B ETC-6210-0B Datasheet
122Kb / 1P
Foot Bellows
2010
logo
Highly Electric Co., Lt...
EFS-A HIGHLY-EFS-A Datasheet
443Kb / 2P
FOOT SWITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com