Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

636 Datasheet (PDF) - Adafruit Industries

636 Datasheet PDF - Adafruit Industries
Part # 636
Download  636 Download
File Size   84.5 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description USB Microscope - 5MP interpolated 220x magnification / 8 LEDs

636 Datasheet (PDF)

Go To PDF Page Download Datasheet
636 Datasheet PDF - Adafruit Industries

Part # 636
Download  636 Click to download

File Size   84.5 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description USB Microscope - 5MP interpolated 220x magnification / 8 LEDs

636 Datasheet (HTML) - Adafruit Industries


636 Product details

o Image Sensor: 2.0 megapixel w/high-speed DSP for 5MP interpolation (We compared the output
with a non-interpolated 2MP microscope and it does look clearer with the interpolation!)
o 20x/220x axis micro-lens
o Adjustable focal length, from 10mm-50mm
o Snapshots via software or pressing the button
o Image capture: 2560x2048 (5M Pixel), 2304x1738 (4M Pixel), 1600x1200 (2MPixel), 1280x1024
(1.3MPixel), 1280x960, 1024x768, 800x600, 640x480, 352x288, 320x240, 160x120.
o Video rate of 30f/s at a brightness of 600 lux
o Flicker control for 50Hz/60Hz
o Video format: AVI
o Photo format: JPG or BMP
o 8 white LED light, 40000mLux
o 20x/200x magnification
o USB port powered
o TWAIN compatible
o Size: 112mm long x 33mm diameter




Similar Part No. - 636

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
636 CTS-636 Datasheet
154Kb / 4P
CMOS/TTL CLOCK OSCILLATOR
logo
Mallory performance clu...
636 MALLORY-636 Datasheet
156Kb / 1P
4-Stage RPM Activated Switch
logo
Oscilent Corporation
636 OSCILENT-636 Datasheet
141Kb / 2P
Low Frequencies
logo
List of Unclassifed Man...
636 ETC2-636 Datasheet
61Kb / 1P
Bright back lit LCD
logo
CTS Corporation
636 CTS-636 Datasheet
178Kb / 3P
HCMOS/TTL Clock Oscillator
Rev. I
More results


Similar Description - 636

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
FO125 OSRAM-FO125 Datasheet
40Kb / 2P
Product Information Bulletin Microscope LV Lamps Low Voltage Tungsten Halogen Lamps (Microscope)
logo
Extech Instruments Corp...
MC108 EXTECH-MC108 Datasheet
671Kb / 9P
Mini Microscope
logo
List of Unclassifed Man...
TCM-500A ETC2-TCM-500A Datasheet
377Kb / 1P
5MP Camera Module
logo
Extech Instruments Corp...
MC108 EXTECH-MC108_15 Datasheet
166Kb / 1P
Digital Mini Microscope
logo
Molex Electronics Ltd.
0638002810 MOLEX11-0638002810 Datasheet
26Kb / 1P
Eye Loupe, 10X magnification
logo
Rosenberger Hochfrequen...
98W010-000 ROSENBERGER-98W010-000 Datasheet
41Kb / 1P
Microscope Adapter RDC male
logo
Molex Electronics Ltd.
0638002810 MOLEX-0638002810 Datasheet
27Kb / 1P
Eye Loupe, 10X magnification
11/02/2021
logo
Aven, Inc.
26700-140-3DA AVEN-26700-140-3DA Datasheet
965Kb / 1P
For the MicroVue Digital Microscope
26700-423 AVEN-26700-423 Datasheet
1Mb / 1P
Digital Microscope w/ Standard Stand
MLS640-244-534 AVEN-MLS640-244-534 Datasheet
2Mb / 2P
Mighty Cam USB Digital Microscope W/ Ultra Glide Stand
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com