Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

858 Datasheet (PDF) - Adafruit Industries

858 Datasheet PDF - Adafruit Industries
Part # 858
Download  858 Download
File Size   1156.27 Kbytes
Page   3 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Small Reduction Stepper Motor - 5VDC 32 Step 1/16 Gearing

858 Datasheet (PDF)

Go To PDF Page Download Datasheet
858 Datasheet PDF - Adafruit Industries

Part # 858
Download  858 Click to download

File Size   1156.27 Kbytes
Page   3 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Small Reduction Stepper Motor - 5VDC 32 Step 1/16 Gearing

858 Datasheet (HTML) - Adafruit Industries


858 Product details

• Unipolar stepper with 0.1" spaced 5-pin cable connector
• 516 steps per revolution
• 1/16.128 geared down reduction
• 5V DC suggested operation
• Weight: 37 g.
• Dimensions: 28mm diameter, 20mm tall not including 9mm shaft with 5mm diameter
• 9" / 23 cm long cable
• Holding Torque: 150 gram-force*cm, 15 N*mm/ 2 oz-force*in
• Shaft: 5mm diameter flattened
• Approx 42 ohm DC impedence per winding




Similar Part No. - 858

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
858 ETC1-858 Datasheet
540Kb / 19P
2 X 4 8-Pole Filters
logo
Frequency Devices, Inc.
858 FREQUENCYDEVICES-858 Datasheet
524Kb / 19P
8-Bit Programmable
858 FREQUENCYDEVICES-858 Datasheet
544Kb / 13P
Differential Input 4-Pole Filters
logo
List of Unclassifed Man...
858 ETC-858 Datasheet
3Mb / 32P
TORQUE PRODUCTS
logo
Abbatron All Rights Res...
858 ABBATRON-858 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
More results


Similar Description - 858

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
PD-013-42 TRINAMIC-PD-013-42 Datasheet
252Kb / 1P
42mm / NEMA17 Stepper Motor with Step / DirectionDriver
logo
ON Semiconductor
LV8728MR ONSEMI-LV8728MR Datasheet
814Kb / 23P
Stepper Motor Driver, PWM, Constant-Current Control,1/128 step
June 2016 - Rev. 1
logo
STEPPERONLINE
23HS22-1504S STEPPERONLINE-23HS22-1504S Datasheet
188Kb / 1P
STEPPER MOTOR
17HS19-0406S STEPPERONLINE-17HS19-0406S Datasheet
130Kb / 1P
STEPPER MOTOR
17HS24-0644S STEPPERONLINE-17HS24-0644S Datasheet
139Kb / 1P
STEPPER MOTOR
17HS24-2104D STEPPERONLINE-17HS24-2104D Datasheet
151Kb / 1P
STEPPER MOTOR
23HM20-0384D STEPPERONLINE-23HM20-0384D Datasheet
158Kb / 1P
STEPPER MOTOR
23HR20-2804S STEPPERONLINE-23HR20-2804S Datasheet
146Kb / 1P
STEPPER MOTOR
23HS16-0884S STEPPERONLINE-23HS16-0884S Datasheet
143Kb / 1P
STEPPER MOTOR
23HS16-2804D STEPPERONLINE-23HS16-2804D Datasheet
144Kb / 1P
STEPPER MOTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com