Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

918 Datasheet (PDF) - Adafruit Industries

918 Datasheet PDF - Adafruit Industries
Part # 918
Download  918 Download
File Size   2601.73 Kbytes
Page   4 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Small Reduction Stepper Motor 12VDC 3 2 Step 1/16 Gearing

918 Datasheet (PDF)

Go To PDF Page Download Datasheet
918 Datasheet PDF - Adafruit Industries

Part # 918
Download  918 Click to download

File Size   2601.73 Kbytes
Page   4 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Small Reduction Stepper Motor 12VDC 3 2 Step 1/16 Gearing

918 Datasheet (HTML) - Adafruit Industries


918 Product details

• Unipolar stepper with 0.1" spaced 5-pin cable connector
• 2052 steps per revolution
• 1/16.128 geared down reduction
• 5V-12V DC suggested operation
• Weight: 37 g.
• Dimensions: 28mm diameter, 20mm tall not including 9mm shaft with 5mm diameter
• 9" / 23 cm long cable
• Holding Torque @ 12VDC: 62 gram-force*cm, 6 N*mm, 1 oz-force*in
• Shaft: 5mm diameter flattened




Similar Part No. - 918

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
918 ALPHAWIRE-918 Datasheet
204Kb / 3P
M12?륚 Plastic Passive I/O Box
logo
Enercon Technologies Eu...
918 ENERCON-918 Datasheet
704Kb / 3P
Compact, Portable Military Managed Gigabit Ethernet Switch
logo
Keystone Electronics Co...
918 KEYSTONE-918 Datasheet
558Kb / 1P
TERMINAL LUGS
31-07 20th
logo
Keysight Technologies
918 KEYSIGHT-918 Datasheet
1Mb / 18P
N6700 Modular Power System Family
January 13, 2017
logo
HAKKO Corporation
918 HAKKO-918 Datasheet
1Mb / 24P
TIP MAINTENANCE AND CLEANING PROCEDURES
More results


Similar Description - 918

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54679FP MITSUBISHI-M54679FP Datasheet
191Kb / 9P
2-PHASE STEPPER MOTOR DRIVER
logo
ON Semiconductor
LB1936V-TLM-E ONSEMI-LB1936V-TLM-E Datasheet
185Kb / 5P
1-2 Phase Excitation Stepper Motor Driver
September, 2013
STK672-442BN-E ONSEMI-STK672-442BN-E Datasheet
895Kb / 28P
2-phase Stepper Motor Driver
January, 2014 Ver. 2
STK672-630AN-E ONSEMI-STK672-630AN-E Datasheet
441Kb / 28P
2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
LV8728MR ONSEMI-LV8728MR Datasheet
814Kb / 23P
Stepper Motor Driver, PWM, Constant-Current Control,1/128 step
June 2016 - Rev. 1
logo
MotionKing Motor Indust...
8H2A MOTIONKING-8H2A Datasheet
114Kb / 1P
2 Phase Hybrid Stepper Motor
14H2K MOTIONKING-14H2K Datasheet
78Kb / 1P
2 Phase Hybrid Stepper Motor
16H2A MOTIONKING-16H2A Datasheet
88Kb / 1P
2 Phase Hybrid Stepper Motor
24H2A MOTIONKING-24H2A Datasheet
87Kb / 1P
2 Phase Hybrid Stepper Motor
34H2B MOTIONKING-34H2B Datasheet
89Kb / 1P
2 Phase Hybrid Stepper Motor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com