Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC264 Datasheet (PDF) - Hittite Microwave Corporation

HMC264 Datasheet PDF - Hittite Microwave Corporation
Part # HMC264
Download  HMC264 Download
File Size   323.5 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz

HMC264 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC264 Datasheet PDF - Hittite Microwave Corporation

Part # HMC264
Download  HMC264 Click to download

File Size   323.5 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz

HMC264 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC264

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC264 HITTITE-HMC264 Datasheet
311Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
HMC264 HITTITE-HMC264 Datasheet
338Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
logo
Micross Components
HMC264 MICROSS-HMC264 Datasheet
984Kb / 11P
Microwave Point-to-Point Radios
logo
Hittite Microwave Corpo...
HMC264LC3B HITTITE-HMC264LC3B Datasheet
351Kb / 6P
GaAs MMIC SUB-HARMONIC SMT MIXER, 21 - 31 GHz
HMC264LC3B HITTITE-HMC264LC3B Datasheet
226Kb / 6P
GaAs MMIC SUB-HARMONIC SMT MIXER, 21 - 31 GHz
More results


Similar Description - HMC264

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC264 HITTITE-HMC264 Datasheet
311Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
HMC265 HITTITE-HMC265 Datasheet
220Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED DOWNCONVERTER, 20 - 32 GHz
HMC266 HITTITE-HMC266 Datasheet
168Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 40 GHz
HMC330 HITTITE-HMC330 Datasheet
165Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 25 - 40 GHz
HMC265 HITTITE-HMC265_08 Datasheet
256Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED DOWNCONVERTER, 20 - 32 GHz
HMC266 HITTITE-HMC266_06 Datasheet
276Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 40 GHz
HMC264 HITTITE-HMC264_09 Datasheet
338Kb / 8P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
HMC265 HITTITE-HMC265_09 Datasheet
265Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED DOWNCONVERTER, 20 - 32 GHz
HMC266 HITTITE-HMC266_09 Datasheet
221Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 40 GHz
logo
Analog Devices
HMC265 AD-HMC265 Datasheet
344Kb / 6P
GaAs MMIC SUB-HARMONICALLY PUMPED DOWNCONVERTER, 20 - 32 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com