Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM25010 Datasheet (PDF) - Texas Instruments

LM25010 Datasheet PDF - Texas Instruments
Part # LM25010
Download  LM25010 Download
File Size   886.39 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM25010, LM25010-Q1 42-V, 1-A Step-Down Switching Regulator

LM25010 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM25010 Datasheet PDF - Texas Instruments

Part # LM25010
Download  LM25010 Click to download

File Size   886.39 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM25010, LM25010-Q1 42-V, 1-A Step-Down Switching Regulator

LM25010 Datasheet (HTML) - Texas Instruments


LM25010 Product details

1 Features
1• LM25010-Q1 Qualified for Automotive
Applications
• AEC-Q100 Qualified With the Following Results:
– Device Temperature Grade 1: –40°C to 125°C
Ambient Operating Temperature Range
– Device Temperature Grade 0: –40°C to 150°C
Ambient Operating Temperature Range
– Device HBM ESD Classification Level 2
– Device CDM ESD Classification Level C5
• Wide 6-V to 42-V Input Voltage Range
• Valley Current Limiting at 1.25 A
• Programmable Switching Frequency Up To 1 MHz
• Integrated N-Channel Buck Switch
• Integrated High Voltage Bias Regulator
• No Loop Compensation Required
• Ultra-Fast Transient Response
• Nearly Constant Operating Frequency With Line
and Load Variations
• Adjustable Output Voltage
• 2.5 V, ±2% Feedback Reference
• Programmable Soft Start
• Thermal Shutdown

2 Applications
• Non-Isolated Telecommunications Regulators
• Secondary Side Post Regulators
• Automotive Electronics

3 Description
The LM25010 features all the functions needed to
implement a low-cost, efficient, buck regulator
capable of supplying in excess of 1-A load current.
This high voltage regulator integrates an N-Channel
Buck Switch, and is available in thermally enhanced
10-pin WSON and 14-pin HTSSOP packages. The
constant ON-time regulation scheme requires no loop
compensation resulting in fast load transient
response and simplified circuit implementation. The
operating frequency remains constant with line and
load variations due to the inverse relationship
between the input voltage and the ON-time. The
valley current limit detection is set at 1.25 A.
Additional features include: VCC undervoltage
lockout, thermal shutdown, gate drive undervoltage
lockout, and maximum duty cycle limiter.




Similar Part No. - LM25010

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25010 NSC-LM25010 Datasheet
772Kb / 17P
42V, 1.0A Step-Down Switching Regulator
logo
Texas Instruments
LM25010 TI1-LM25010 Datasheet
1Mb / 27P
42V, 1.0A Step-Down Switching Regulator
LM25010 TI1-LM25010 Datasheet
1Mb / 31P
42-V, 1-A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25010 NSC-LM25010 Datasheet
402Kb / 18P
42V, 1.0A Step-Down Switching Regulator
logo
Texas Instruments
LM25010-Q1 TI1-LM25010-Q1 Datasheet
1Mb / 31P
42-V, 1-A Step-Down Switching Regulator
More results


Similar Description - LM25010

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5981 STMICROELECTRONICS-L5981_08 Datasheet
872Kb / 37P
1 A step-down switching regulator
09-Sep-2008
logo
Texas Instruments
LM5576 TI-LM5576_15 Datasheet
1Mb / 34P
LM5576/-Q1 SIMPLE SWITCHER짰 75 V, 3 A Step-Down Switching Regulator
LM22670 TI-LM22670_15 Datasheet
1Mb / 32P
LM22670/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22673 TI-LM22673_15 Datasheet
1Mb / 29P
LM22673/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22675 TI-LM22675_15 Datasheet
1Mb / 26P
LM22675/-Q1 42 V, 1 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22676 TI-LM22676_15 Datasheet
1Mb / 29P
LM22676/-Q1 42 V, 3 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22677 TI-LM22677_15 Datasheet
1Mb / 28P
LM22677/-Q1 42-V, 5-A SIMPLE SWITCHER짰, Step-Down Voltage Regulator With Features
LM22679 TI-LM22679_15 Datasheet
1Mb / 27P
LM22679/-Q1 42-V, 5-A SIMPLE SWITCHER짰 Step-Down Voltage Regulator With Features
LM25010 TI-LM25010_15 Datasheet
1Mb / 28P
LM25010/LM25010Q 42V, 1.0A Step-Down Switching Regulator
LM25010 TI1-LM25010 Datasheet
1Mb / 31P
42-V, 1-A Step-Down Switching Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com