Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM25066IA Datasheet (PDF) - Texas Instruments

LM25066IA Datasheet PDF - Texas Instruments
Part # LM25066IA
Download  LM25066IA Download
File Size   903.74 Kbytes
Page   59 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Intel Node Manager Compliant System Power Management and Protection IC with PMBus

LM25066IA Datasheet (PDF)

Go To PDF Page Download Datasheet
LM25066IA Datasheet PDF - Texas Instruments

Part # LM25066IA
Download  LM25066IA Click to download

File Size   903.74 Kbytes
Page   59 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Intel Node Manager Compliant System Power Management and Protection IC with PMBus

LM25066IA Datasheet (HTML) - Texas Instruments


LM25066IA Product details

1FEATURES
2• Fully Node Manager 2.0 and 2.5 Compliant with
I2C/SMBus interface and PMBus™ compliant
command structure
• Input voltage range: 2.9V to 17V
• Programmable 25mV or 46mV current limit
threshold
• Read_EIN accurately measures true input
power via simultaneous sampling
• Configurable circuit breaker protection for
hard shorts
• Configurable under- and over-voltage lockouts
with hysteresis
• Real time monitoring of VIN, VOUT, IIN, PIN, VAUX
with 12-bit resolution and 1 kHz sampling rate
• Current measurement accuracy: ±1%
(LM25066IA) and Power measurement
accuracy: ±2.0% (LM25066IA) over temperature
• Averaging of VIN, IIN, PIN, and VOUT over
programmable interval ranging from 0.001 to 4
seconds
• Programmable WARN and FAULT thresholds
with SMBA notification
• Blackbox capture of telemetry measurements
and device status triggered by WARN or
FAULT condition
• 24-lead WQFN package

APPLICATIONS
• Server backplane systems
• Basestation power distribution systems
• Solid state circuit breaker (eFuse)

DESCRIPTION
While the LM25066I/A is functionally similar to the
LM25066/A, the LM25066I/A is fully compliant to Intel
Node Manager 2.0, 2.5 and adds the READ_EIN
energy accumulator feature. The LM25066I/A
combines a high-performance hot-swap controller
with a PMBus 1.2™ compliant SMBus/I2C interface to
accurately measure, control and protect the electrical
operating conditions of critical systems. The
LM25066I/A continuously supplies real-time power,
voltage, current, temperature, and fault data to the
system management host via the SMBus interface.
The LM25066I/A control block includes a unique hot-
swap architecture that provides current and power
limiting to protect sensitive circuitry even during the
most stressful conditions. A fast-acting circuit breaker
prevents damage in the event of a short circuit on the
output. The input under-voltage, over-voltage hysteresis, insertion delay time and fault detection
time are all configurable. A temperature monitoring
block on the LM25066I/A interfaces with a low-cost
external diode for continuous temperature
assessment of the external MOSFET or other thermal
sensitive components. The POWER GOOD output
provides a fast alert when the input and/or output voltages are outside their programmed range.
Accurate power readings are accomplished by using
the READ_EIN command. A black box
(Telemetry/Fault Snapshot) function captures and
stores telemetry data and device status in the event
of a warning or a fault.




Similar Part No. - LM25066IA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25066IA TI1-LM25066IA Datasheet
1Mb / 60P
Intel Node Manager Compliant System Power Management and Protection IC with PMBus
LM25066IA TI1-LM25066IA Datasheet
1Mb / 59P
Intel Node Manager Compliant System Power Management and Protection IC
LM25066IAPSQ/NOPB TI1-LM25066IAPSQ/NOPB Datasheet
1Mb / 59P
Intel Node Manager Compliant System Power Management and Protection IC
LM25066IAPSQE/NOPB TI1-LM25066IAPSQE/NOPB Datasheet
1Mb / 59P
Intel Node Manager Compliant System Power Management and Protection IC
LM25066IAPSQX/NOPB TI1-LM25066IAPSQX/NOPB Datasheet
1Mb / 59P
Intel Node Manager Compliant System Power Management and Protection IC
More results


Similar Description - LM25066IA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
System Power Management and Protection IC with PMBus?
LM5064 TI1-LM5064 Datasheet
1Mb / 51P
Negative Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066 Datasheet
1Mb / 50P
High Voltage System Power Management and Protection IC with PMBus
LM5066PMHE TI-LM5066PMHE Datasheet
1Mb / 63P
LM5066 High Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066_14 Datasheet
1Mb / 64P
High Voltage System Power Management and Protection IC with PMBus
LM25066I TI1-LM25066I Datasheet
1Mb / 60P
Intel Node Manager Compliant System Power Management and Protection IC with PMBus
LM25066 TI1-LM25066_16 Datasheet
1Mb / 63P
System Power Management and Protection IC With PMBus
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
System Power Management and Protection IC
LM25066I TI1-LM25066I_16 Datasheet
1Mb / 59P
Intel Node Manager Compliant System Power Management and Protection IC
UCD90320U TI1-UCD90320U Datasheet
1Mb / 57P
32-Rail PMBus Power Sequencer and System Manager
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com