Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM26003 Datasheet (PDF) - Texas Instruments

LM26003 Datasheet PDF - Texas Instruments
Part # LM26003
Download  LM26003 Download
File Size   871.0 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM26003-xx 3-A Switching Regulator With High Efficiency Sleep Mode

LM26003 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM26003 Datasheet PDF - Texas Instruments

Part # LM26003
Download  LM26003 Click to download

File Size   871.0 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM26003-xx 3-A Switching Regulator With High Efficiency Sleep Mode

LM26003 Datasheet (HTML) - Texas Instruments


LM26003 Product details

1 Features
1• LM26003-Q1 is an Automotive-Grade Product
That is AEC-Q100 Grade 1 Qualified (–40°C to
+125°C Operating Junction Temperature)
• High-Efficiency Sleep Mode
• 40-μA Typical Iq in Sleep Mode
• 10.8-μA Typical Iq in Shutdown Mode
• 3.0-V Minimum Input Voltage
• 4.0-V to 38-V Continuous Input Range
• 1.5% Reference Accuracy
• Cycle-by-Cycle Current Limit
• Adjustable Frequency (150 kHz to 500 kHz)
• Synchronizable to an External Clock
• Power Good Flag
• Forced PWM Function
• Adjustable Soft-Start
• 20-Pin HTSSOP Package
• Thermal Shut Down

2 Applications
• Automotive Telematics
• Navigation Systems
• In-Dash Instrumentation
• Battery-Powered Applications
• Standby Power for Home Gateways and Set-Top
Boxes

3 Description
The LM26003 is a switching regulator designed for
the high-efficiency requirements of applications with
standby modes. The device features a low-current sleep mode to maintain efficiency under light-load
conditions and current-mode control for accurate
regulation over a wide input voltage range. Quiescent
current is reduced to 10.8 μA typically in shutdown
mode and less than 40 μA in sleep mode. Forced
PWM mode is also available to disable sleep mode.
The LM26003 device can deliver up to 3 A of
continuous load current with a fixed current limit,
through the internal N-channel switch. The part has a
wide input voltage range of 4.0 V to 38 V and can
operate with input voltages as low as 3 V during line transients.
Operating frequency is adjustable from 150 kHz to 500 kHz with a single resistor and can be
synchronized to an external clock.
Other features include Power Good, adjustable soft-
start, enable pin, input undervoltage protection, and
an internal bootstrap diode for reduced component
count.




Similar Part No. - LM26003

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26003 NSC-LM26003 Datasheet
436Kb / 18P
3A Switching Regulator with High Efficiency Sleep Mode
logo
Texas Instruments
LM26003 TI-LM26003 Datasheet
1Mb / 32P
LM26003-xx 3-A Switching Regulator With High Efficiency Sleep Mode
LM26003-Q1 TI-LM26003-Q1 Datasheet
1Mb / 32P
LM26003-xx 3-A Switching Regulator With High Efficiency Sleep Mode
logo
National Semiconductor ...
LM26003MH NSC-LM26003MH Datasheet
436Kb / 18P
3A Switching Regulator with High Efficiency Sleep Mode
logo
Texas Instruments
LM26003MH/NOPB TI-LM26003MH/NOPB Datasheet
1Mb / 32P
LM26003-xx 3-A Switching Regulator With High Efficiency Sleep Mode
More results


Similar Description - LM26003

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26001 NSC-LM26001 Datasheet
854Kb / 16P
1.5A Switching Regulator with High Efficiency Sleep MODE
LM26001_0609 NSC-LM26001_0609 Datasheet
864Kb / 17P
1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001 NSC-LM26001_08 Datasheet
502Kb / 18P
1.5A Switching Regulator with High Efficiency Sleep Mode
LM26003 NSC-LM26003 Datasheet
436Kb / 18P
3A Switching Regulator with High Efficiency Sleep Mode
LM26001B NSC-LM26001B Datasheet
492Kb / 18P
1.5A Switching Regulator with High Efficiency Sleep Mode
logo
Texas Instruments
LM26001 TI1-LM26001_14 Datasheet
1Mb / 28P
1.5A Switching Regulator with High Efficiency Sleep Mode
LM2770 TI-LM2770_15 Datasheet
2Mb / 20P
High Efficiency Switched Capacitor Step-Down DC/DC Regulator with Sleep Mode
LM26001 TI-LM26001_15 Datasheet
1Mb / 31P
LM26001/-Q1 1.5-A Switching Regulator With High-Efficiency Sleep Mode
LM26001B TI-LM26001B_15 Datasheet
1,017Kb / 27P
LM26001B 1.5A Switching Regulator with High Efficiency Sleep Mode
LM26003 TI-LM26003_15 Datasheet
1Mb / 32P
LM26003-xx 3-A Switching Regulator With High Efficiency Sleep Mode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com