Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM27213 Datasheet (PDF) - Texas Instruments

LM27213 Datasheet PDF - Texas Instruments
Part # LM27213
Download  LM27213 Download
File Size   933.77 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM27213 Single Phase Hysteretic Buck Controller

LM27213 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM27213 Datasheet PDF - Texas Instruments

Part # LM27213
Download  LM27213 Click to download

File Size   933.77 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM27213 Single Phase Hysteretic Buck Controller

LM27213 Datasheet (HTML) - Texas Instruments


LM27213 Product details

1FEATURES
2• Ideal Load and Line Transient Responses
• 5V to 30V Input Range
• On-Chip Gate Drive
• Convenient CLK_EN# Signal
• Input Under-Voltage Lockout
• High Light-Load Efficiency
• Adjustable Analog Soft Start
• Peak Current Limit
• Over-Voltage Protection
• Error Correction for Good Static Accuracy
• ±1% DAC Accuracy Over Temperature
• Interfaces with the LM2647 System Supply
• Available in TSSOP or WQFN Packages

APPLICATIONS
• Core Voltage Supply for Low Power
Processors
• Low Voltage High Current Buck Regulators
Benefits
• Single Chip Core Power Solution
• Minimum Output Capacitance Required
• Low Cost, Compact Design

DESCRIPTION
The LM27213 is a single-phase synchronous buck
regulator controller designed to fully support a
portable microprocessor. On-chip gate drive makes
for a compact, single chip solution. Output currents in
excess of 25 Amps are possible.
The IC employs a current mode hysteretic control
mechanism. Inductor current is sensed through a low
value sense resistor.
The LM27213 will operate over an input voltage
range of 5V to 30V. The output voltage is
programmed through 6 Voltage Identification (VID)
pins and ranges from 0.700V to 1.708V in 64 steps.
Since the error in the output voltage directly sets the
inductor current, the dynamic response to a large,
fast load transient is close to a square wave. This is
optimal for mode transition requirements. Also, due to
the intrinsic input voltage feedforward characteristic of hysteretic control, the line transient response is
excellent as well.
The IC provides cycle-by-cycle peak current limit,
over-voltage protection, and a power good signal.
The LM27213 fully supports the Stop CPU and Sleep
modes offered by some processors. When enabled,
the IC enters a power-saving “diode emulator” mode
which helps prolong battery runtime for portable
systems.
The LM27213 also has a soft start feature for the
external adjustment of soft start speed.




Similar Part No. - LM27213

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27213 NSC-LM27213 Datasheet
958Kb / 22P
Single Phase Hysteretic Buck Controller
logo
Texas Instruments
LM27213 TI-LM27213 Datasheet
1Mb / 32P
LM27213 Single Phase Hysteretic Buck Controller
logo
National Semiconductor ...
LM27213MTD NSC-LM27213MTD Datasheet
958Kb / 22P
Single Phase Hysteretic Buck Controller
logo
Texas Instruments
LM27213MTD/NOPB TI-LM27213MTD/NOPB Datasheet
1Mb / 32P
LM27213 Single Phase Hysteretic Buck Controller
logo
National Semiconductor ...
LM27213MTDX NSC-LM27213MTDX Datasheet
958Kb / 22P
Single Phase Hysteretic Buck Controller
More results


Similar Description - LM27213

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
Hysteretic PFET Buck Controller
LM27213 NSC-LM27213 Datasheet
958Kb / 22P
Single Phase Hysteretic Buck Controller
LM27212 NSC-LM27212 Datasheet
1Mb / 23P
Two-Phase Current-Mode Hysteretic Buck Controller
logo
Texas Instruments
LM3485MM TI-LM3485MM Datasheet
1Mb / 23P
Hysteretic PFET Buck Controller
LM3485MMX TI-LM3485MMX Datasheet
996Kb / 23P
Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
Hysteretic PFET Buck Controller
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
Hysteretic PFET Buck Controller
LM27213 TI-LM27213_15 Datasheet
1Mb / 32P
LM27213 Single Phase Hysteretic Buck Controller
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
Hysteretic PFET Buck Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com