Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM27951 Datasheet (PDF) - Texas Instruments

LM27951 Datasheet PDF - Texas Instruments
Part # LM27951
Download  LM27951 Download
File Size   928.43 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM27951 White LED Adaptive 1.5×/1× Switched-Capacitor Current Driver

LM27951 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM27951 Datasheet PDF - Texas Instruments

Part # LM27951
Download  LM27951 Click to download

File Size   928.43 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM27951 White LED Adaptive 1.5×/1× Switched-Capacitor Current Driver

LM27951 Datasheet (HTML) - Texas Instruments


LM27951 Product details

1 Features
1• Input Voltage Range: 2.8 V to 5.5 V
• Drives up to Four LEDs With up to 30 mA each
• Regulated Current Sources with 0.2% (Typical)
Matching
• 3/2×, 1× Gain Transition Based on LED Vƒ
• Peak Efficiency Over 85%
• PWM Brightness Control
• Very Small Solution Size - No Inductor
• Fixed 750-kHz Switching Frequency
• < 1-μA Shutdown Current

2 Applications
• White LED Display Backlights
• White LED Keypad Backlights
• General Purpose LED Lighting

3 Description
The LM27951 is a switched capacitor white-LED
driver capable of driving up to four LEDs with 30 mA
through each LED. Its four tightly regulated current
sources ensure excellent LED current and brightness
matching. LED drive current is programmed by an
external sense resistor. The LM27951 operates over
an input voltage range from 2.8 V to 5.5 V and
requires only four low-cost ceramic capacitors.
The LM27951 provides excellent efficiency without
the use of an inductor by operating the charge pump
in a gain of 3/2, or in a gain of 1. Maximum efficiency
is achieved over the input voltage range by actively
selecting the proper gain based on the LED forward
voltage requirements.
The LM27951 uses constant frequency pre-regulation
to minimize conducted noise on the input. It has a
fixed 750-kHz switching frequency optimized for
portable applications. The LM27951 consumes less
than 1 μA of supply current when shut down.
The LM27951 is available in a 14-pin no-pullback
WSON package.




Similar Part No. - LM27951

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27951 NSC-LM27951 Datasheet
605Kb / 10P
White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
logo
Texas Instruments
LM27951 TI1-LM27951 Datasheet
873Kb / 20P
White LED Adaptive 1.5/1 Switched-Capacitor Current Driver
logo
National Semiconductor ...
LM27951SD NSC-LM27951SD Datasheet
605Kb / 10P
White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
logo
Texas Instruments
LM27951SD TI1-LM27951SD Datasheet
873Kb / 20P
White LED Adaptive 1.5/1 Switched-Capacitor Current Driver
LM27951SD/NOPB TI1-LM27951SD/NOPB Datasheet
873Kb / 20P
White LED Adaptive 1.5/1 Switched-Capacitor Current Driver
More results


Similar Description - LM27951

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2796 NSC-LM2796 Datasheet
172Kb / 8P
Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
LM27953 NSC-LM27953 Datasheet
681Kb / 11P
White LED Driver with Four LED Current Sinks and 3/2x Switched Capacitor Boost
LM27952 NSC-LM27952 Datasheet
521Kb / 8P
White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
LM2751 NSC-LM2751 Datasheet
8Kb / 11P
Regulated 2X, 1.5X Switched Capacitor White LED Driver
LM27951 NSC-LM27951 Datasheet
605Kb / 10P
White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
logo
Eutech Microelectronics...
EUP2796 EUTECH-EUP2796 Datasheet
263Kb / 9P
Dual-Display White LED Driver with 3/2X Switched Capacitor Boost
logo
Texas Instruments
LM2751SD-B TI-LM2751SD-B Datasheet
1Mb / 19P
LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
LM27951 TI1-LM27951_16 Datasheet
873Kb / 20P
White LED Adaptive 1.5/1 Switched-Capacitor Current Driver
LM2751 TI1-LM2751 Datasheet
1Mb / 19P
LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
LM27952 TI1-LM27952 Datasheet
1,004Kb / 17P
LM27952 White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com