Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48312 Datasheet (PDF) - Texas Instruments

LM48312 Datasheet PDF - Texas Instruments
Part # LM48312
Download  LM48312 Download
File Size   814.69 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM48312 Boomer™ Audio Power Amplifier Series 2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S

LM48312 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM48312 Datasheet PDF - Texas Instruments

Part # LM48312
Download  LM48312 Click to download

File Size   814.69 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM48312 Boomer™ Audio Power Amplifier Series 2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S

LM48312 Datasheet (HTML) - Texas Instruments


LM48312 Product details

1FEATURES
23• Passes FCC Class B Radiated Emissions with
20 Inches of Cable
• E2S System Reduces EMI While Preserving
Audio Quality and Efficiency
• Output Short Circuit Protection with Auto-
Recovery
• No Output Filter Required
• Improved Audio Quality
• Minimum External Components
• Five Logic Selectable Gain Settings (0, 3, 6, 9,
12dB)
• Low Power Shutdown Mode
• Click and Pop Suppression
• Available in Space-Saving DSBGA Package

APPLICATIONS
• Mobile Phones
• PDAs
• Laptops

KEY SPECIFICATIONS
• Efficiency at 3.6V, 400mW into 8Ω, 84% (Typ)
• Efficiency at 5V, 1W into 8Ω, 88% (Typ)
• Quiescent Power Supply Current at 5V, 3.1mA
• Power Output at VDD = 5V, RL = 4Ω
– THD+N ≤ 10%, 2.6W (Typ)
– THD+N ≤ 1%, 2.1W (Typ)
• Power Output at VDD = 5V, RL = 8Ω
– THD+N ≤ 10%, 1.6W (Typ)
– THD+N ≤ 1%, 1.3W (Typ)
• Shutdown Current, 0.01μA (Typ)

DESCRIPTION
The LM48312 is a single supply, high efficiency,
mono, 2.6W, filterless switching audio amplifier. The
LM48312 features TI’s Enhanced Emissions
Suppression (E2S) system, that features a unique
patented ultra low EMI, spread spectrum, PWM
architecture, that significantly reduces RF emissions
while preserving audio quality and efficiency. The E2S
system improves battery life, reduces external
component count, board area consumption, and
system cost, simplifying design.
The LM48312 is designed to meet the demands of
portable multimedia devices. Operating from a single
5V supply, the device is capable of delivering 2.6W of
continuous output power to a 4Ω load with less than
10% THD+N. Flexible power supply requirements
allow operation from 2.4V to 5.5V. The LM48312
features both a spread spectrum modulation scheme,
and an advanced, patented edge rate control (ERC)
architecture that significantly reduces emissions,
while maintaining high quality audio reproduction (THD+N = 0.03%) and high efficiency (η = 88%).
The LM48312 features high efficiency compared to
conventional Class AB amplifiers, and other low EMI
Class D amplifiers. When driving an 8Ω speaker from
a 5V supply, the device operates with 88% efficiency
at PO = 1W. The LM48312 features five gain settings,
selected through a single logic input, further reducing
solution size. A low power shutdown mode reduces
supply current consumption to 0.01μA.
Advanced output short circuit protection with auto-
recovery prevents the device from being damaged
during fault conditions. Superior click and pop
suppression eliminates audible transients on power-
up/down and during shutdown.




Similar Part No. - LM48312

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48312 NSC-LM48312 Datasheet
943Kb / 20P
2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S
logo
Texas Instruments
LM48312 TI-LM48312 Datasheet
1Mb / 22P
Boomer Audio Power Amplifier Series 2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S
logo
National Semiconductor ...
LM48312TLE NSC-LM48312TLE Datasheet
943Kb / 20P
2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S
logo
Texas Instruments
LM48312TLE/NOPB TI-LM48312TLE/NOPB Datasheet
1Mb / 22P
Boomer Audio Power Amplifier Series 2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S
logo
National Semiconductor ...
LM48312TLX NSC-LM48312TLX Datasheet
943Kb / 20P
2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S
More results


Similar Description - LM48312

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48411 NSC-LM48411 Datasheet
407Kb / 18P
Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier with E2S
LM48411 NSC-LM48411_08 Datasheet
443Kb / 22P
Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier with E2S
LM48310 NSC-LM48310 Datasheet
477Kb / 20P
Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
LM48311 NSC-LM48311 Datasheet
485Kb / 16P
Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
LM48312 NSC-LM48312 Datasheet
943Kb / 20P
2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S
logo
Texas Instruments
LM48310SD TI-LM48310SD Datasheet
1,013Kb / 22P
LM48310 Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
LM48310 TI1-LM48310_14 Datasheet
1Mb / 23P
Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
LM48411 TI1-LM48411_14 Datasheet
875Kb / 23P
Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier with E2S
LM48312 TI-LM48312_15 Datasheet
1Mb / 22P
Boomer Audio Power Amplifier Series 2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S
LM48512 TI-LM48512_15 Datasheet
1Mb / 22P
Boomer Audio Power Amplifier Series PowerWise Boosted, Ultra Low-EMI, Mono, E2S Class D Audio Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com