Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49120TL/NOPB Datasheet (PDF) - Texas Instruments

LM49120TL/NOPB Datasheet PDF - Texas Instruments
Part # LM49120TL/NOPB
Download  LM49120TL/NOPB Download
File Size   911.51 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM49120 Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier

LM49120TL/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
LM49120TL/NOPB Datasheet PDF - Texas Instruments

Part # LM49120TL/NOPB
Download  LM49120TL/NOPB Click to download

File Size   911.51 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM49120 Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier

LM49120TL/NOPB Datasheet (HTML) - Texas Instruments


LM49120TL/NOPB Product details

1FEATURES
2• RF Immunity
• Selectable OCL/SE Headphone Drivers
• 32 Step Volume Control
• Click and Pop Suppression
• Independent Speaker and Headphone Gain
Settings
• Minimum External Components
• Thermal Over Load Protection
• Micro-power Shutdown
• Space Saving 16–bump DSBGA Package
• Thermal Shutdown Protection
• Micro-power Shutdown
• I2C Control Interface

APPLICATIONS
• Mobile Phones
• PDAs
• Portable Electronics

KEY SPECIFICATIONS
• Output Power at VDD = 5V:
– Speaker: RL = 8Ω BTL, THD+N ≤ 1%: 1.3W
(typ)
– Headphone: RL = 32Ω, SE, THD+N ≤ 1%:
85mW (typ)
• Output Power at VDD = 3.6V:
– Speaker: RL = 8Ω, BTL, THD+N ≤ 1%:
632mW (typ)
• Output Power at VDD = 3.3V:
– Speaker: RL = 8Ω, BTL, THD+N ≤ 1%:
540mW (typ)
– Headphone: RL = 32Ω, OCL/SE, THD+N ≤
1%: 35mW (typ)

DESCRIPTION
The LM49120 is a compact audio subsystem
designed for portable handheld applications such as
cellular phones. The LM49120 combines a mono
1.3W speaker amplifier, stereo 85mW/ch output
capacitorless headphone amplifier, 32 step volume
control, and an input mixer/multiplexer into a single 16–bump DSBGA package.
The LM49120 has three input channels: two singleended
stereo inputs and a differential mono input.
Each input features a 32-step digital volume control.
The headphone output stage features an 8 step (-
18dB – 0dB) attenuator, while the speaker output
stage has two selectable (0dB/+6dB) gain settings.
The digital volume control and mode control are
programmed through a two-wire I2C compatible
interface.




Similar Part No. - LM49120TL/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM49120TL/NOPB TI1-LM49120TL/NOPB Datasheet
1Mb / 29P
Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
More results


Similar Description - LM49120TL/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4947 NSC-LM4947 Datasheet
1Mb / 32P
Mono Class D and Stereo Audio Subsystem with OCL Headphone Amplifier and National 3D
LM4949 NSC-LM4949 Datasheet
1Mb / 40P
Stereo Class D Audio Subsystem with OCL Headphone Amplifier
LM49100_0709 NSC-LM49100_0709 Datasheet
2Mb / 26P
Mono Class AB Audio Sub-System with a True-Ground Headphone Amplifier
LM49120 NSC-LM49120 Datasheet
721Kb / 28P
Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
LM49321 NSC-LM49321 Datasheet
1Mb / 42P
Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
logo
Texas Instruments
LM4947 TI1-LM4947_14 Datasheet
1Mb / 37P
Mono Class D and Stereo Audio Sub-System with OCL Headphone Amplifier and National 3D
LM49100 TI1-LM49100_14 Datasheet
4Mb / 33P
Mono Class AB Audio Sub-System with a True- Ground Headphone Amplifier
LM49321 TI-LM49321_15 Datasheet
1,022Kb / 45P
LM49321 Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
LM49120 TI1-LM49120 Datasheet
1Mb / 29P
Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
LM49321 TI1-LM49321 Datasheet
1Mb / 45P
Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com